Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NB7V52MMNTXG Datasheet(PDF) 8 Page - ON Semiconductor

Part # NB7V52MMNTXG
Description  1.8V / 2.5V Differential D Flip-Flop w/ Reset and CML Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB7V52MMNTXG Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NB7V52MMNTXG Datasheet HTML 2Page - ON Semiconductor NB7V52MMNTXG Datasheet HTML 3Page - ON Semiconductor NB7V52MMNTXG Datasheet HTML 4Page - ON Semiconductor NB7V52MMNTXG Datasheet HTML 5Page - ON Semiconductor NB7V52MMNTXG Datasheet HTML 6Page - ON Semiconductor NB7V52MMNTXG Datasheet HTML 7Page - ON Semiconductor NB7V52MMNTXG Datasheet HTML 8Page - ON Semiconductor NB7V52MMNTXG Datasheet HTML 9Page - ON Semiconductor NB7V52MMNTXG Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
NB7V52M
http://onsemi.com
8
LVPECL
Driver
VCC
GND/VEE
ZO = 50 W
Vth = VCC − 2 V
ZO = 50 W
NB7V52M
D
50 W
50 W
D
VEE
Figure 13. LVPECL Interface
LVDS
Driver
VCC
GND
ZO = 50 W
ZO = 50 W
NB7V52M
50 W
50 W
VEE
Figure 14. LVDS Interface
VCC
VCC
Figure 15. Standard 50 W Load CML Interface
Figure 16. Capacitor−Coupled Differential Interface
(VT/VT Connected to External VREFAC; VREFAC
Bypassed to Ground with 0.1 mF Capacitor)
Figure 17. Capacitor−Coupled Single−Ended Interface
(VT/VT Connected to External VREFAC; VREFAC Bypassed
to Ground with 0.1 mF Capacitor)
VTD
VTD
D
D
VTD
VTD
CML
Driver
VCC
GND
ZO = 50 W
VT = VT = VCC
ZO = 50 W
NB7V52M
50 W
50 W
VEE
VCC
D
D
VTD
VTD
VCC
Differential
Driver
VCC
GND/VEE
ZO = 50 W
Vth = External VREFAC
ZO = 50 W
NB7V52M
50 W
50 W
VEE
VCC
D
D
VTD
VTD
Vth
VTD
VTD
Vth
Single−Ended
Driver
VCC
GND/VEE
ZO = 50 W
Vth = External VREFAC
NB7V52M
50 W
50 W
VEE
VCC
D
D
Vth


Similar Part No. - NB7V52MMNTXG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB7V52MMNTXG ONSEMI-NB7V52MMNTXG Datasheet
90Kb / 10P
   1.8V / 2.5V Differential D Flip-Flop w/ Reset and CML Outputs
July, 2014 ??Rev. 4
More results

Similar Description - NB7V52MMNTXG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB7V52M ONSEMI-NB7V52M_14 Datasheet
90Kb / 10P
   1.8V / 2.5V Differential D Flip-Flop w/ Reset and CML Outputs
July, 2014 ??Rev. 4
MC10EP51 ONSEMI-MC10EP51_12 Datasheet
156Kb / 11P
   ECL D Flip-Flop with Reset and Differential Clock
November, 2012 ??Rev. 10
logo
Micrel Semiconductor
SY100EL29V MICREL-SY100EL29V Datasheet
65Kb / 4P
   5V/3.3V DUAL DIFFERENTIAL DATA AND CLOCK D FLIP-FLOP w/SET AND RESET
logo
ON Semiconductor
NB7VQ1006M ONSEMI-NB7VQ1006M Datasheet
177Kb / 10P
   1.8V / 2.5V 10Gbps Equalizer Receiver with 1:6 Differential CML Outputs
June, 2010 ??Rev. 2
logo
Micrel Semiconductor
SY10EP51V MICREL-SY10EP51V Datasheet
498Kb / 7P
   5V/3.3V D FLIP-FLOP WITH RESET AND DIFFERENTIAL CLOCK
SY10EP51V MICREL-SY10EP51V_09 Datasheet
575Kb / 8P
   5V/3.3V D FLIP-FLOP WITH RESET AND DIFFERENTIAL CLOCK
SY100EL29V MICREL-SY100EL29V_06 Datasheet
59Kb / 5P
   5V/3.3V DUAL DIFFERENTIAL DATA AND CLOCKD FLIP-FLOP w/SET AND RESET
logo
ON Semiconductor
NBSG53A ONSEMI-NBSG53A Datasheet
133Kb / 18P
   2.5V/3.3V SiGe Selectable Differential Clock and Data D Flip-Flop/Clock Divider with Reset and OLS
March, 2004 ??Rev. 5
MC10EP51 ONSEMI-MC10EP51 Datasheet
76Kb / 8P
   3.3V / 5V ECL D Flip-Flop with Reset and Differential Clock
April, 2001 ??Rev. 3
MC100LVEL29 ONSEMI-MC100LVEL29 Datasheet
114Kb / 3P
   Dual Differential Data and Clock D Flip-Flop With Set and Reset
1996 REV 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com