Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NB7V585M Datasheet(PDF) 5 Page - ON Semiconductor

Part # NB7V585M
Description  1.8V / 2.5V Differential 2:1 Mux Input to 1:6 CML Clock/Data Fanout Buffer/Translator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB7V585M Datasheet(HTML) 5 Page - ON Semiconductor

  NB7V585M Datasheet HTML 1Page - ON Semiconductor NB7V585M Datasheet HTML 2Page - ON Semiconductor NB7V585M Datasheet HTML 3Page - ON Semiconductor NB7V585M Datasheet HTML 4Page - ON Semiconductor NB7V585M Datasheet HTML 5Page - ON Semiconductor NB7V585M Datasheet HTML 6Page - ON Semiconductor NB7V585M Datasheet HTML 7Page - ON Semiconductor NB7V585M Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
NB7V585M
http://onsemi.com
5
Table 6. AC CHARACTERISTICS VCC = 1.8 V $5% or 2.5 V $5%, GND = 0 V, TA = −40°C to 85°C (Note 11)
Symbol
Characteristic
Min
Typ
Max
Unit
fMAX
Maximum Input Clock Frequency, VOUTPP w 200 mV
6.0
7.0
GHz
fDATAMAX
Maximum Operating Input Data Rate (PRBS23)
10
Gbps
VOUTPP
Output Voltage Amplitude (See Figures 4, Note 15)
fin v 4.0 GHz
fin v 6.0 GHz
250
200
400
325
mV
tPLH, tPHL Propagation Delay to Output Differential @ 1 GHz,
INx/INx to Qn/Qn
Measured at Differential Crosspoint
SEL to Qn
125
175
200
250
300
ps
tPLH TC
Propagation Delay Temperature Coefficient
100
fs/°C
tSKEW
Output − Output Skew (Within Device) (Note 12)
Device − Device Skew (tpd Max − tpdmin)
30
50
ps
tDC
Output Clock Duty Cycle (Reference Duty Cycle = 50%) fin v 4.0 GHz
45
50
55
%
tJITTER
Output Random Jitter (RJ) (Note 13)
fin v 6.0 GHz
Deterministic Jitter (DJ) (Note 14)
fin v 10 Gbps
0.2
0.8
10
ps rms
ps pk−pk
VINPP
Input Voltage Swing (Differential Configuration) (Note 15)
100
1200
mV
tr, tf
Output Rise/Fall Times @ 1 GHz (20% − 80%)
Qn, Qn
50
65
ps
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
11. Measured using a 400 mV source, 50% duty cycle clock source. All outputs must be loaded with external 50 W to VCC. Input edge rates 40 ps
(20% − 80%).
12.Skew is measured between outputs under identical transitions and conditions. Duty cycle skew is defined only for differential operation when
the delays are measured from cross−point of the inputs to the crosspoint of the outputs.
13.Additive RMS jitter with 50% duty cycle clock signal.
14.Additive Peak−to−Peak data dependent jitter with input NRZ data at PRBS23.
15.Input and output voltage swing is a single−ended measurement operating in differential mode.
Figure 2. Output Voltage Amplitude (VOUTPP) vs. Input
Frequency (fin) at Ambient Temperature (Typical)
fout, CLOCK OUTPUT FREQUENCY (GHz)
Figure 3. Input Structure
50 W
50 W
VTx
VCC
INx
INx
450
0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
400
350
300
250
200
150


Similar Part No. - NB7V585M

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB7V586M ONSEMI-NB7V586M Datasheet
139Kb / 8P
   1.8V Differential 2:1 Mux Input to 1.2V/1.8V 1:6 CML Clock/Data Fanout Buffer / Translator
September, 2008 ??Rev. 0
NB7V586MMNG ONSEMI-NB7V586MMNG Datasheet
139Kb / 8P
   1.8V Differential 2:1 Mux Input to 1.2V/1.8V 1:6 CML Clock/Data Fanout Buffer / Translator
September, 2008 ??Rev. 0
NB7V586MMNR4G ONSEMI-NB7V586MMNR4G Datasheet
139Kb / 8P
   1.8V Differential 2:1 Mux Input to 1.2V/1.8V 1:6 CML Clock/Data Fanout Buffer / Translator
September, 2008 ??Rev. 0
NB7V58M ONSEMI-NB7V58M Datasheet
164Kb / 8P
   1.8 V / 2.5 V / 3.3 V Differential 2:1 Clock / Data Multiplexer / Translator with CML Outputs
August, 2009 ??Rev. 0
NB7V58MMNG ONSEMI-NB7V58MMNG Datasheet
164Kb / 8P
   1.8 V / 2.5 V / 3.3 V Differential 2:1 Clock / Data Multiplexer / Translator with CML Outputs
August, 2009 ??Rev. 0
More results

Similar Description - NB7V585M

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB7V586M ONSEMI-NB7V586M Datasheet
139Kb / 8P
   1.8V Differential 2:1 Mux Input to 1.2V/1.8V 1:6 CML Clock/Data Fanout Buffer / Translator
September, 2008 ??Rev. 0
NB7VQ572M ONSEMI-NB7VQ572M Datasheet
176Kb / 11P
   1.8V / 2.5V /3.3V Differential 4:1 Mux w/Input Equalizer to 1:2 CML Clock/Data Fanout / Translator
October, 2010 ??Rev. P0
NB7L585 ONSEMI-NB7L585 Datasheet
159Kb / 9P
   2.5V / 3.3V Differential 2:1 Mux Input to 1:6 LVPECL Clock/Data Fanout Buffer / Translator
December, 2009 ??Rev. 1
NB7L585 ONSEMI-NB7L585_14 Datasheet
94Kb / 9P
   2.5V / 3.3V Differential 2:1 Mux Input to 1:6 LVPECL Clock/Data Fanout Buffer Translator
July, 2014 ??Rev. 2
NB6L572M ONSEMI-NB6L572M Datasheet
161Kb / 9P
   2.5V / 3.3V Differential 4:1 Mux to 1:2 CML Clock/Data Fanout / Translator
November, 2009 ??Rev. 1
NB6LQ572M ONSEMI-NB6LQ572M Datasheet
823Kb / 10P
   2.5V / 3.3V Differential 4:1 Mux w/Input Equalizer to 1:2 CML Clock/Data Fanout / Translator
November, 2009 ??Rev. 0
NB7L585R ONSEMI-NB7L585R Datasheet
160Kb / 9P
   2.5V/3.3V, 7GHz/10Gbps Differential 2:1 Mux Input to 1:6 RSECL Clock/Data Fanout Buffer / Translator
October, 2009 ??Rev. 0
NB6HQ14M ONSEMI-NB6HQ14M Datasheet
1Mb / 11P
   2.5V 5GHz / 6.5Gbps Differential Input to 1.8V / 2.5V 1:4 CML Clock / Data Fanout Buffer
June, 2009 ??Rev. 0
NB7HQ14M ONSEMI-NB7HQ14M Datasheet
1Mb / 10P
   2.5V 7GHz / 10Gbps Differential Input to 1.8V / 2.5V 1:4 CML Clock / Data Fanout Buffer
May, 2009 ??Rev. 0
NB7L572 ONSEMI-NB7L572 Datasheet
161Kb / 9P
   2.5V / 3.3V Differential 4:1 Mux Input to 1:2 LVPECL Clock/Data Fanout / Translator
December, 2008 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com