Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ24725RGRT Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24725RGRT
Description  2-4 Cell Li Battery SMBus Charge Controller with N-Channel Power MOSFET Selector and Advanced Circuit Protection
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24725RGRT Datasheet(HTML) 7 Page - Texas Instruments

Back Button BQ24725RGRT Datasheet HTML 3Page - Texas Instruments BQ24725RGRT Datasheet HTML 4Page - Texas Instruments BQ24725RGRT Datasheet HTML 5Page - Texas Instruments BQ24725RGRT Datasheet HTML 6Page - Texas Instruments BQ24725RGRT Datasheet HTML 7Page - Texas Instruments BQ24725RGRT Datasheet HTML 8Page - Texas Instruments BQ24725RGRT Datasheet HTML 9Page - Texas Instruments BQ24725RGRT Datasheet HTML 10Page - Texas Instruments BQ24725RGRT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
bq24725
www.ti.com
SLUS702 – JULY 2010
ELECTRICAL CHARACTERISTICS (continued)
4.5 V
≤ VVCC ≤ 24 V, 0°C ≤ TJ ≤ 125°C, typical values are at TA = 25°C, with respect to GND (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CHARGE OVER CURRENT COMPARATOR (CHG_OCP)
ChargeCurrent()=0x0xxxH
54
60
66
mV
Charge over current rising threshold,
VOCP_RISE
measure voltage drop across current
ChargeCurrent()=0x1000H – 0x17C0H
80
90
100
mV
sensing resistor
ChargeCurrent()=0x1800 H– 0x1FC0H
110
120
130
mV
CHARGE UNDER CURRENT COMPARATOR (CHG_UCP)
VUCP_FALL
Charge undercurrent falling threshold
VSRP falling towards VSRN
1
5
9
mV
LIGHT LOAD COMPARATOR (LIGHT_LOAD)
VLL_FALL
Light load falling threshold
1.25
mV
Measure the voltage drop across current sensing
resistor
VLL_RISE_HYST
Light load rising hysteresis
1.25
mV
BATTERY DEPLETION COMPARATOR (BAT_DEPL) [1]
ChargeOption() bit [12:11] = 00
55.53% 59.19%
62.84%
Battery Depletion Falling Threshold,
ChargeOption() bit [12:11] = 01
58.68% 62.65%
66.62%
VBATDEPL_FALL
percentage of voltage regulation limit, VSRN
ChargeOption() bit [12:11] = 10
62.17% 66.55%
70.93%
falling
ChargeOption() bit [12:11] = 11 (Default)
66.06% 70.97%
75.88%
ChargeOption() bit [12:11] = 00
225
305
385
mV
ChargeOption() bit [12:11] = 01
240
325
410
mV
Battery Depletion Rising Hysteresis, VSRN
VBATDEPL_RHYST
rising
ChargeOption() bit [12:11] = 10
255
345
435
mV
ChargeOption() bit [12:11] = 11 (Default)
280
370
460
mV
Battery Depletion Rising Deglitch
Delay to turn off ACFET and turn on BATFET during
tBATDEPL_RDEG
600
ms
(Specified by design)
LEARN cycle
BATTERY LOWV COMPARATOR (BAT_LOWV)
VBATLV_FALL
Battery LOWV falling threshold
VSRN falling
2.4
2.5
2.6
V
VBATLV_RHYST
Battery LOWV rising hysteresis
VSRN rising
200
mV
IBATLV
Battery LOWV charge current limit
10 m
Ω current sensing resistor
0.5
A
THERMAL SHUTDOWN COMPARATOR (TSHUT)
TSHUT
Thermal shutdown rising temperature
Temperature rising
155
°C
TSHUT_HYS
Thermal shutdown hysteresis, falling
Temperature falling
20
°C
ILIM COMPARATOR
VILIM_FALL
ILIM as CE falling threshold
VILIM falling
60
75
90
mV
VILIM_RISE
ILIM as CE rising threshold
VILIM rising
90
105
120
mV
LOGIC INPUT (SDA, SCL)
VIN_ LO
Input low threshold
0.8
V
VIN_ HI
Input high threshold
2.1
V
IIN_ LEAK
Input bias current
V = 7 V
–1
1
mA
LOGIC OUTPUT OPEN DRAIN (ACOK, SDA)
VOUT_ LO
Output saturation voltage
5 mA drain current
500
mV
IOUT_ LEAK
Leakage current
V = 7 V
–1
1
mA
ANALOG INPUT (ACDET, ILIM)
IIN_ LEAK
Input bias current
V = 7 V
–1
1
mA
PWM OSCILLATOR
FSW
PWM switching frequency
ChargeOption () bit [9] = 0 (Default)
600
750
900
kHz
FSW+
PWM increase frequency
ChargeOption() bit [10:9] = 11
665
885
1100
kHz
FSW–
PWM decrease frequency
ChargeOption() bit [10:9] = 01
465
615
765
kHz
BATFET GATE DRIVER (BATDRV)
IBATFET
BATDRV charge pump current limit
40
60
µA
VBATFET
Gate drive voltage on BATFET
VBATDRV - VSRN when VSRN > UVLO
5.5
6.1
6.5
V
Minimum load resistance between
RBATDRV_LOAD
500
k
Ω
BATDRV and SRN
RBATDRV_OFF
BATDRV turn-off resistance
I = 30µA
5
6.2
7.4
k
Ω
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s) :bq24725


Similar Part No. - BQ24725RGRT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24725A TI1-BQ24725A Datasheet
1Mb / 42P
[Old version datasheet]   1-4 Cell Li Battery SMBus Charge Controller with N-Channel Power MOSFET Selector and Advanced Circuit Protection
BQ24725A TI1-BQ24725A Datasheet
1Mb / 47P
[Old version datasheet]   1-4 Cell Li Battery SMBus Charge Controller with N-Channel Power MOSFET Selector and Advanced Circuit Protection
BQ24725A TI-BQ24725A Datasheet
1Mb / 47P
[Old version datasheet]   bq24725A 1-4 Cell Li Battery SMBus Charge Controller with N-Channel Power MOSFET Selector and Advanced Circuit Protection
BQ24725ARGRR TI1-BQ24725ARGRR Datasheet
1Mb / 42P
[Old version datasheet]   1-4 Cell Li Battery SMBus Charge Controller with N-Channel Power MOSFET Selector and Advanced Circuit Protection
BQ24725ARGRR TI1-BQ24725ARGRR Datasheet
1Mb / 47P
[Old version datasheet]   1-4 Cell Li Battery SMBus Charge Controller with N-Channel Power MOSFET Selector and Advanced Circuit Protection
More results

Similar Description - BQ24725RGRT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24725A TI1-BQ24725A_17 Datasheet
1Mb / 47P
[Old version datasheet]   1-4 Cell Li Battery SMBus Charge Controller with N-Channel Power MOSFET Selector and Advanced Circuit Protection
BQ24725A TI1-BQ24725A Datasheet
1Mb / 42P
[Old version datasheet]   1-4 Cell Li Battery SMBus Charge Controller with N-Channel Power MOSFET Selector and Advanced Circuit Protection
BQ24725A TI-BQ24725A_15 Datasheet
1Mb / 47P
[Old version datasheet]   bq24725A 1-4 Cell Li Battery SMBus Charge Controller with N-Channel Power MOSFET Selector and Advanced Circuit Protection
BQ24707 TI1-BQ24707 Datasheet
1Mb / 36P
[Old version datasheet]   1-4 Cell Li Battery SMBus Charge Controller With Independent Comparator and Advanced Circuit Protection
BQ24707A TI-BQ24707A_15 Datasheet
1Mb / 44P
[Old version datasheet]   bq24707x 1-4 Cell Li Battery SMBus Charge Controller With Independent Comparator and Advanced Circuit Protection
BQ24707 TI-BQ24707_15 Datasheet
1Mb / 44P
[Old version datasheet]   bq24707x 1-4 Cell Li Battery SMBus Charge Controller With Independent Comparator and Advanced Circuit Protection
BQ24735 TI1-BQ24735 Datasheet
1Mb / 42P
[Old version datasheet]   1-4 Cell Li Battery SMBus Charge Controller for Supporting Turbo Boost Mode with N-Channel Power MOSFET Selector
BQ24735 TI1-BQ24735_17 Datasheet
2Mb / 46P
[Old version datasheet]   1- to 4-Cell Li Battery SMBus Charge Controller for Supporting Turbo Boost Mode With N-Channel Power MOSFET Selector
BQ24735 TI-BQ24735_15 Datasheet
2Mb / 46P
[Old version datasheet]   bq24735 1- to 4-Cell Li Battery SMBus Charge Controller for Supporting Turbo Boost Mode With N-Channel Power MOSFET Selector
logo
STMicroelectronics
PM6613N STMICROELECTRONICS-PM6613N Datasheet
1Mb / 30P
   2 to 4-cell Li-Ion, Li-FePO4 battery charger with SMBus interface, N-channel RBFET and BATFET MOSFET selectors
November 2013 Rev 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com