Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ24725RGRT Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24725RGRT
Description  2-4 Cell Li Battery SMBus Charge Controller with N-Channel Power MOSFET Selector and Advanced Circuit Protection
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24725RGRT Datasheet(HTML) 6 Page - Texas Instruments

Back Button BQ24725RGRT Datasheet HTML 2Page - Texas Instruments BQ24725RGRT Datasheet HTML 3Page - Texas Instruments BQ24725RGRT Datasheet HTML 4Page - Texas Instruments BQ24725RGRT Datasheet HTML 5Page - Texas Instruments BQ24725RGRT Datasheet HTML 6Page - Texas Instruments BQ24725RGRT Datasheet HTML 7Page - Texas Instruments BQ24725RGRT Datasheet HTML 8Page - Texas Instruments BQ24725RGRT Datasheet HTML 9Page - Texas Instruments BQ24725RGRT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
bq24725
SLUS702 – JULY 2010
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
4.5 V
≤ VVCC ≤ 24 V, 0°C ≤ TJ ≤ 125°C, typical values are at TA = 25°C, with respect to GND (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
QUIESCENT CURRENT
Battery BATFET OFF STATE Current,
VVBAT = 16.8V, VCC disconnect from battery, BATFET
IBAT_BATFET_OFF
BATFET off, ISRP + ISRN + IPHASE + IACP +
5
µA
charge pump off, BATFET turns off, TJ = 0 to 85°C
IACN
Battery BATFET ON STATE Current,
VVBAT = 16.8V, VCC connect from battery, BATFET
IBAT_BATFET_ON
BATFET on, ISRP + ISRN + IPHASE + IVCC +
20
µA
charge pump on, BATFET turns on, TJ = 0 to 85°C
IACP + IACN
Standby quiescent current, IVCC + IACP +
VVCC > UVLO, VACDET = 0.6V, change disabled,
ISTANDBY
0.5
1
mA
IACN
TJ = 0 to 85°C
Adapter bias current during charge,
VVCC > UVLO, 2.4V < VACDET < 3.15V,
IAC_NOSW
1.5
3
mA
IVCC + IACP + IACN
change enabled, no switching, TJ = 0 to 85°C
Adapter bias current during charge,
VVCC > UVLO, 2.4V < VACDET < 3.15V,
IAC_SW
10
mA
IVCC + IACP + IACN
change enabled, switching, MOSFET Sis412DN
ACOK COMPARATOR
VACOK_RISE
ACOK rising threshold
VVCC > UVLO, VACDET rising
2.376
2.4
2.424
V
VACOK_FALL_HYS
ACOK falling hysteresis
VVCC> UVLO, VACDET falling
35
55
75
mV
VVCC> UVLO, VACDET rising above 2.4V,
100
150
200
ms
First time OR ChargeOption() bit [15] = 0 (Default)
VACOK_RISE_DEG
ACOK rising deglitch (Specified by design)
VVCC> UVLO, VACDET rising above 2.4V,
0.9
1.3
1.7
s
(NOT First time) AND ChargeOption() bit [15] = 1
VWAKEUP_RISE
WAKEUP detect rising threshold
VVCC> UVLO, VACDET rising
0.57
0.8
V
VWAKEUP_FALL
WAKEUP detect falling threshold
VVCC> UVLO, VACDET falling
0.3
0.51
V
VCC to SRN COMPARATOR (VCC_SRN)
VVCC-SRN_FALL
VCC-SRN falling threshold
VVCC falling towards VSRN
70
125
180
mV
VVCC-SRN _RHYS
VCC-SRN rising hysteresis
VVCC rising above VSRN
100
150
200
mV
ACN to SRN COMPARATOR (ACN_SRN)
VACN-SRN_FALL
ACN to BAT falling threshold
VACN falling towards VSRN
120
200
280
mV
VACN-SRN_RHYS
ACN to BAT rising hysteresis
VACN rising above VSRN
40
80
120
mV
HIGH SIDE IFAULT COMPARATOR (IFAULT_HI)(1)
ChargeOption() bit [8:7] = 00
200
300
450
ChargeOption() bit [8:7] = 01
330
500
700
VIFAULT_HI_RISE
ACP to PHASE rising threshold
mV
ChargeOption() bit [8:7] = 10 (Default)
450
700
1000
ChargeOption() bit [8:7] = 11
600
900
1250
LOW SIDE IFAULT COMPARATOR (IFAULT_LOW)
VIFAULT_LOW_RISE
PHASE to GND rising threshold
40
110
160
mV
INPUT OVER VOLTAGE COMPARATOR (ACOV)
VACOV
ACDET over voltage rising threshold
VACDET rising
3.05
3.15
3.25
V
VACOV_HYS
ACDET over voltage falling hysteresis
VACDET falling
50
75
100
mV
INPUT OVER CURRENT COMPARATOR (ACOC)(1)
ChargeOption() bit [2:1] = 01
120%
133%
145%
Adapter over current rising threshold with
VACOC
respect to input current limit, voltage
ChargeOption() bit [2:1] = 10 (Default)
150%
166%
180%
across input sense resistor rising edge
ChargeOption() bit [2:1] = 11
200%
222%
240%
ChargeOption() Bit [2:1] = 01 (133%),
VACOC_min
Min ACOC threshold clamp voltage
40
45
50
mV
InputCurrent () = 0x0400H (10.24mV)
ChargeOption() Bit [2:1] = 11 (222%),
VACOC_max
Max ACOC threshold clamp voltage
140
150
160
mV
InputCurrent () = 0x1F80H (80.64mV)
Voltage across input sense resistor rising to disable
tACOC_DEG
ACOC deglitch time (Specified by design)
1.7
2.5
3.3
ms
charge
BAT OVER VOLTAGE COMPARATOR (BAT_OVP)
VOVP_RISE
Over voltage rising threshold as
VSRN rising
103%
104%
106%
percentage of VBAT_REG
VOVP_FALL
Over voltage falling threshold as
VSRN falling
102%
percentage of VBAT_REG
(1)
User can adjust threshold via SMBus ChargeOption() REG0x12.
6
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s) :bq24725


Similar Part No. - BQ24725RGRT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24725A TI1-BQ24725A Datasheet
1Mb / 42P
[Old version datasheet]   1-4 Cell Li Battery SMBus Charge Controller with N-Channel Power MOSFET Selector and Advanced Circuit Protection
BQ24725A TI1-BQ24725A Datasheet
1Mb / 47P
[Old version datasheet]   1-4 Cell Li Battery SMBus Charge Controller with N-Channel Power MOSFET Selector and Advanced Circuit Protection
BQ24725A TI-BQ24725A Datasheet
1Mb / 47P
[Old version datasheet]   bq24725A 1-4 Cell Li Battery SMBus Charge Controller with N-Channel Power MOSFET Selector and Advanced Circuit Protection
BQ24725ARGRR TI1-BQ24725ARGRR Datasheet
1Mb / 42P
[Old version datasheet]   1-4 Cell Li Battery SMBus Charge Controller with N-Channel Power MOSFET Selector and Advanced Circuit Protection
BQ24725ARGRR TI1-BQ24725ARGRR Datasheet
1Mb / 47P
[Old version datasheet]   1-4 Cell Li Battery SMBus Charge Controller with N-Channel Power MOSFET Selector and Advanced Circuit Protection
More results

Similar Description - BQ24725RGRT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24725A TI1-BQ24725A_17 Datasheet
1Mb / 47P
[Old version datasheet]   1-4 Cell Li Battery SMBus Charge Controller with N-Channel Power MOSFET Selector and Advanced Circuit Protection
BQ24725A TI1-BQ24725A Datasheet
1Mb / 42P
[Old version datasheet]   1-4 Cell Li Battery SMBus Charge Controller with N-Channel Power MOSFET Selector and Advanced Circuit Protection
BQ24725A TI-BQ24725A_15 Datasheet
1Mb / 47P
[Old version datasheet]   bq24725A 1-4 Cell Li Battery SMBus Charge Controller with N-Channel Power MOSFET Selector and Advanced Circuit Protection
BQ24707 TI1-BQ24707 Datasheet
1Mb / 36P
[Old version datasheet]   1-4 Cell Li Battery SMBus Charge Controller With Independent Comparator and Advanced Circuit Protection
BQ24707A TI-BQ24707A_15 Datasheet
1Mb / 44P
[Old version datasheet]   bq24707x 1-4 Cell Li Battery SMBus Charge Controller With Independent Comparator and Advanced Circuit Protection
BQ24707 TI-BQ24707_15 Datasheet
1Mb / 44P
[Old version datasheet]   bq24707x 1-4 Cell Li Battery SMBus Charge Controller With Independent Comparator and Advanced Circuit Protection
BQ24735 TI1-BQ24735 Datasheet
1Mb / 42P
[Old version datasheet]   1-4 Cell Li Battery SMBus Charge Controller for Supporting Turbo Boost Mode with N-Channel Power MOSFET Selector
BQ24735 TI1-BQ24735_17 Datasheet
2Mb / 46P
[Old version datasheet]   1- to 4-Cell Li Battery SMBus Charge Controller for Supporting Turbo Boost Mode With N-Channel Power MOSFET Selector
BQ24735 TI-BQ24735_15 Datasheet
2Mb / 46P
[Old version datasheet]   bq24735 1- to 4-Cell Li Battery SMBus Charge Controller for Supporting Turbo Boost Mode With N-Channel Power MOSFET Selector
logo
STMicroelectronics
PM6613N STMICROELECTRONICS-PM6613N Datasheet
1Mb / 30P
   2 to 4-cell Li-Ion, Li-FePO4 battery charger with SMBus interface, N-channel RBFET and BATFET MOSFET selectors
November 2013 Rev 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com