Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ24616RGER Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24616RGER
Description  JEITA Guideline Compatible Stand-Alone Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger with System Power Selector and Low Iq
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24616RGER Datasheet(HTML) 2 Page - Texas Instruments

  BQ24616RGER Datasheet HTML 1Page - Texas Instruments BQ24616RGER Datasheet HTML 2Page - Texas Instruments BQ24616RGER Datasheet HTML 3Page - Texas Instruments BQ24616RGER Datasheet HTML 4Page - Texas Instruments BQ24616RGER Datasheet HTML 5Page - Texas Instruments BQ24616RGER Datasheet HTML 6Page - Texas Instruments BQ24616RGER Datasheet HTML 7Page - Texas Instruments BQ24616RGER Datasheet HTML 8Page - Texas Instruments BQ24616RGER Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
RAC
0.010 W
Q1 (ACFET)
P
ACN
ACP
ISET2
ACSET
VREF
CE
VFB
TS
VCC
HIDRV
PH
BTST
REGN
LODRV
GND
SRP
SRN
P
PACK+
PACK-
SYSTEM
ADAPTER+
ADAPTER-
C4
0.1 µF
C2
0.1 µF
C3
C7
Q4
Q5
C6
L1
6.8 µH*
D1
BAT54
C5
C10
0.1 µF
TTC
CTTC
VREF
STAT2
Pack
Thermistor
Sense
BATDRV
ACDRV
bq24616
P
Q2 (ACFET)
Q3 (BATFET)
VREF
ISET1
STAT1
VBAT
R9
2.2 kW
R10
6.8 kW
R1
100 kW
PG
ADAPTER +
Cff
22 pF
0.1 µF
1µF
C8
10 µF
1 µF
1 µF
RSR
0.010 W
C11
0.1 µF
C12
10 µF*
C13
10 µF*
R2
500 k
R12 10 kW
R11 10 kW
R13 10 kW
R3
100 kW
R4
32.4 kW
R5
100 kW
R6
10 kW
R7
100 kW
R8
22.1 kW
R14
100 kW
C14
0.1 mF
R15
100 kW
C15
0.1 µF
PwrPad
0.056 F
R16
100 W
C1
0.1 F
103AT
SI7617DN
SI7617DN
SIS412DN
SIS412DN
SI7617DN
C9
10 F
R17
10
R20
2
C16
2.2 F
R18
1 k
R19
1 k
D2
D3
D4
bq24616
SLUSA49A – APRIL 2010 – REVISED MAY 2010
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
DESCRIPTION (CONTINUED)
The bq24616 controls external switches to prevent battery discharge back to the input and to connect the battery
to the system using 6-V gate drives for system efficiency. The bq24616 features Dynamic Power Management
(DPM). The DPM reduces battery charge current when the input power limit is reached to avoid overloading the
AC adapter while supplying the load and the battery charger simultaneously. A highly-accurate current-sense
amplifier enables precise measurement of input current from the AC adapter to monitor the overall system power.
TYPICAL APPLICATION
VIN=19V; 3-cell; Iadapter_limit=4A; Ipre-charge= Iterm=0.3A; 5 hour safety timer; Icharge=1.5A (0-10°C), 3A (10-60°C);
VBAT=12.6V (0-45°C), 12.3V (45-50°C), 12.15V (50-60°C).
Figure 1. Typical System Schematic
ORDERING INFORMATION
ORDERING NUMBER
PART NUMBER
IC MARKING
PACKAGE
QUANTITY
(Tape and Reel)
bq24616RGER
3000
bq24616
QTJ
24-PIN 4×4 mm2 QFN
bq24616RGET
250
2
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): bq24616


Similar Part No. - BQ24616RGER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24616RGER TI-BQ24616RGER Datasheet
1Mb / 34P
[Old version datasheet]   JEITA Guideline Compatible Stand-Alone Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger with System Power Selector and Low Iq
More results

Similar Description - BQ24616RGER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24616 TI-BQ24616 Datasheet
1Mb / 34P
[Old version datasheet]   JEITA Guideline Compatible Stand-Alone Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger with System Power Selector and Low Iq
BQ24610 TI-BQ24610 Datasheet
1Mb / 33P
[Old version datasheet]   Stand-Alone Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger with System Power Selector and Low Iq
BQ24610 TI-BQ24610_2 Datasheet
1Mb / 33P
[Old version datasheet]   Stand-Alone Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger with System Power Selector and Low Iq
BQ24610_1002 TI-BQ24610_1002 Datasheet
1Mb / 32P
[Old version datasheet]   Stand-Alone Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger with System Power Selector and Low Iq
BQ24600 TI-BQ24600_1 Datasheet
1Mb / 31P
[Old version datasheet]   Stand-Alone Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger with Low Iq
BQ24600 TI-BQ24600 Datasheet
1Mb / 29P
[Old version datasheet]   Stand-Alone Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger with Low Iq
BQ24171 TI1-BQ24171 Datasheet
2Mb / 35P
[Old version datasheet]   JEITA Compliant Stand-Alone Switch-Mode Li-Ion and Li-Polymer Battery Charger with Integrated MOSFETs and Power Path Selector
BQ24618 TI-BQ24618 Datasheet
1Mb / 36P
[Old version datasheet]   Stand-Alone USB-Friendly Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger
BQ24170RGYT TI1-BQ24170RGYT Datasheet
2Mb / 40P
[Old version datasheet]   1.6-MHz Synchronous Switch-Mode Li-Ion and Li-Polymer Stand-Alone Battery Charger
BQ24170 TI-BQ24170 Datasheet
2Mb / 35P
[Old version datasheet]   1.6-MHz Synchronous Switch-Mode Li-Ion and Li-Polymer Stand-Alone Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com