Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ77PL157APW-4225 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # BQ77PL157APW-4225
Description  Voltage Protection for 3 to 6 Series Cell Lithium-Ion/Polymer Batteries
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ77PL157APW-4225 Datasheet(HTML) 9 Page - Texas Instruments

Back Button BQ77PL157APW-4225 Datasheet HTML 5Page - Texas Instruments BQ77PL157APW-4225 Datasheet HTML 6Page - Texas Instruments BQ77PL157APW-4225 Datasheet HTML 7Page - Texas Instruments BQ77PL157APW-4225 Datasheet HTML 8Page - Texas Instruments BQ77PL157APW-4225 Datasheet HTML 9Page - Texas Instruments BQ77PL157APW-4225 Datasheet HTML 10Page - Texas Instruments BQ77PL157APW-4225 Datasheet HTML 11Page - Texas Instruments BQ77PL157APW-4225 Datasheet HTML 12Page - Texas Instruments BQ77PL157APW-4225 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
VPROTECT
H
V
LVL
1.2V
2.4V
Cell Voltage
OUT
CD
LVO
LVIN
(VCn - VC(n-1),
VC6 – GND)
tDA = (1.2V x CD) / ICHLV
tDIA = (1.2V x CD) / IDSLV
bq77PL157A4225
www.ti.com
SLUSA00 – MARCH 2010
Figure 7. LVIN to OUT and LVO Timing
CELL CONNECTION SEQUENCE
Unused VCx cell input pins should be connected to the most positive connected cell input pin as shown in the
Battery Connection Diagrams section. VDD is connected through a resistor to the most-positive VCx pin of the
cell stack. Note that VC1 is the most-positive connection to the most-positive cell.
During pack assembly, it is recommended that the cell input pins be connected in order from lowest to highest
potential: GND, VC6, VC5, VC4, VC3, VC2, VC1.
NOTE
if a random cell connection order is used, a false overvoltage condition may be sensed
depending on the order of connection.
To prevent a fault from being detected in this scenario, the CD pin may be held low so that the fault timer is
disabled and OUT and LVO will not be activated. Alternatively, the VDD pin may be held low during cell
connection, or pulsed low after cell connection in order to reset the device.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s) :bq77PL157A4225


Similar Part No. - BQ77PL157APW-4225

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ77PL157APW-4225 TI-BQ77PL157APW-4225 Datasheet
355Kb / 14P
[Old version datasheet]   Voltage Protection for 3 to 6 Series Cell Lithium-Ion/Polymer Batteries
More results

Similar Description - BQ77PL157APW-4225

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ77PL157A4225 TI-BQ77PL157A4225 Datasheet
355Kb / 14P
[Old version datasheet]   Voltage Protection for 3 to 6 Series Cell Lithium-Ion/Polymer Batteries
logo
Shenzhen Huazhimei Semi...
HM4057B HMSEMI-HM4057B Datasheet
1Mb / 8P
   single cell lithium-ion and Lithium-Polymer batteries
logo
HYCON Technology Corpor...
HY2131 HYCON-HY2131 Datasheet
1Mb / 27P
   Protection IC for 2/3-Cell Lithium Ion/Lithium Polymer
logo
Mitsumi Electronics, Co...
MM3783 MITSUMI-MM3783 Datasheet
73Kb / 7P
   3 cell Lithium-ion/Lithium-polymer battery protection IC
MM1291AF MITSUMI-MM1291AF Datasheet
172Kb / 7P
   Protection of Lithium Ion Batteries (one cell)
logo
Shenzhen Huazhimei Semi...
HM4054B HMSEMI-HM4054B Datasheet
3Mb / 21P
   voltage linear charger for single cell lithium-ion batteries
HM4054H HMSEMI-HM4054H Datasheet
2Mb / 24P
   voltage linear charger for single cell lithium-ion batteries
logo
Mitsumi Electronics, Co...
MM3625 MITSUMI-MM3625 Datasheet
51Kb / 4P
   3 to 4 cell Lithium-ion/Lithium-polymer battery secondaryr potection protection IC
logo
Fortune Semiconductor C...
FS3332 FORTUNE-FS3332 Datasheet
997Kb / 23P
   Two Cell Lithium-ion/Polymer Battery Protection
logo
Mitsumi Electronics, Co...
MM3280 MITSUMI-MM3280 Datasheet
65Kb / 5P
   One-cell lithium-ion/lithium-polymer battery protection IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com