Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT2128A-M83D Datasheet(PDF) 1 Page - Princeton Technology Corp

Part # PT2128A-M83D
Description  Remote Fan Controller IC
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2128A-M83D Datasheet(HTML) 1 Page - Princeton Technology Corp

  PT2128A-M83D Datasheet HTML 1Page - Princeton Technology Corp PT2128A-M83D Datasheet HTML 2Page - Princeton Technology Corp PT2128A-M83D Datasheet HTML 3Page - Princeton Technology Corp PT2128A-M83D Datasheet HTML 4Page - Princeton Technology Corp PT2128A-M83D Datasheet HTML 5Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Tel: 886-2-29162151
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
Remote Fan Controller IC
PT2128A
Princeton Technology Corp.
Description
PT2128A is a high performance electronic fan controller LSI. Speed control, off-timer, rhythm wind,
sleep mode, head swing and/or light control are all built into a single chip. Indicator LED output, buzzer
output, key control input, as well as remote control decoding circuitry are all provided to build a full
function electronic fan with remote control capability having the highest performance with the least
external components. Pin assignment and application circuit are optimized for easy PCB layout and cost
saving for electronic fan application.
Features
Y High performance CMOS technology
Y Low power consumption
Y DIP or SO package(22 pin SO not available)
Y Up to 3 dependent/independent swing-head/light output
Y Available in 16, 18, 20, 22, 24 pin package for none, one set or two sets of swing head and/or light
control
Y Built-in remote control decoding circuitry with mask option custom code
Y Optional independent light control
Y 90 seconds cycle/6 seconds per step(off step 3 seconds) rhythm wind pattern
Y Four operation modes: ordinary, rhythm, ordinary sleep and rhythm sleep.
Y Memory start-up mode
Y 2-3 seconds middle wind start-up (mask option)
Applications
Y Optimized for fan application
Y Suitable for heater fan, cooling fan, and other home appliances with remote control, timer and/or
output level
control


Similar Part No. - PT2128A-M83D

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2120 PTC-PT2120 Datasheet
94Kb / 4P
   One Hour Programmable Fan Controller
PT2120-S PTC-PT2120-S Datasheet
94Kb / 4P
   One Hour Programmable Fan Controller
PT2124 PTC-PT2124 Datasheet
496Kb / 8P
   FAN CONTROLLER
PT2124-C4 PTC-PT2124-C4 Datasheet
496Kb / 8P
   FAN CONTROLLER
PT2124-C4-NNXI-C PTC-PT2124-C4-NNXI-C Datasheet
496Kb / 8P
   FAN CONTROLLER
More results

Similar Description - PT2128A-M83D

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2129A PTC-PT2129A Datasheet
548Kb / 6P
   Remote Fan Controller IC?
logo
Silan Microelectronics ...
SC2128A SILAN-SC2128A Datasheet
221Kb / 15P
   REMOTE FAN CONTROL IC
logo
Unisonic Technologies
RBA8206 UTC-RBA8206_15 Datasheet
171Kb / 7P
   REMOTE FAN CONTROL IC
RBA8206 UTC-RBA8206 Datasheet
171Kb / 7P
   REMOTE FAN CONTROL IC
logo
Silan Microelectronics ...
SC8206 SILAN-SC8206 Datasheet
342Kb / 8P
   REMOTE FAN CONTROL IC
SC2128C SILAN-SC2128C Datasheet
523Kb / 13P
   REMOTE FAN CONTROL IC
logo
List of Unclassifed Man...
BA8206BA4 ETC2-BA8206BA4 Datasheet
106Kb / 1P
   Remote Control Fan Controller
logo
Princeton Technology Co...
PT2127A PTC-PT2127A Datasheet
372Kb / 4P
   Fan Controller IC?
logo
ON Semiconductor
ADT7467 ONSEMI-ADT7467_12 Datasheet
754Kb / 72P
   Remote Thermal Monitor and Fan Controller
May, 2012 ??Rev. 4
ADT7490 ONSEMI-ADT7490_16 Datasheet
763Kb / 75P
   Remote Thermal Monitor and Fan Controller
January, 2016 ??Rev. 6
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com