Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NB4N111K Datasheet(PDF) 6 Page - ON Semiconductor

Part # NB4N111K
Description  3.3V Differential In 1:10 Differential Fanout Clock Driver with HCSL Level Output
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB4N111K Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NB4N111K Datasheet HTML 2Page - ON Semiconductor NB4N111K Datasheet HTML 3Page - ON Semiconductor NB4N111K Datasheet HTML 4Page - ON Semiconductor NB4N111K Datasheet HTML 5Page - ON Semiconductor NB4N111K Datasheet HTML 6Page - ON Semiconductor NB4N111K Datasheet HTML 7Page - ON Semiconductor NB4N111K Datasheet HTML 8Page - ON Semiconductor NB4N111K Datasheet HTML 9Page - ON Semiconductor NB4N111K Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
NB4N111K
http://onsemi.com
6
Figure 4. HCSL Output Parameter Characteristics
525 mV
DVCROSS
VCROSS
175 mV
tr
tf
CLK
Vth
CLK
Vth
Figure 5. Differential Input Driven
Single−Ended (Vth = VREFAC)
CLK
CLK
Figure 6. Differential Inputs Driven
Differentially
VIHmax
VILmax
VIH
Vth
VIL
VIHmin
VILmin
VCC
Vthmax
Vthmin
GND
Vth
VIHDmax
VILDmax
VIHDmin
VILDmin
VIHDtyp
VILDtyp
VID = VIHD − VILD
VCMR
VCC
VCMmax
VCMmin
GND
Figure 7. Vth Diagram
Figure 8. VCMR Diagram


Similar Part No. - NB4N111K

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB4N1158 ONSEMI-NB4N1158 Datasheet
102Kb / 8P
   Link Replicator for Fibre Channel, Gigabit Ethernet, HDTV and SATA
December, 2007 - Rev. 0
NB4N1158DTG ONSEMI-NB4N1158DTG Datasheet
102Kb / 8P
   Link Replicator for Fibre Channel, Gigabit Ethernet, HDTV and SATA
December, 2007 - Rev. 0
NB4N1158DTR2G ONSEMI-NB4N1158DTR2G Datasheet
102Kb / 8P
   Link Replicator for Fibre Channel, Gigabit Ethernet, HDTV and SATA
December, 2007 - Rev. 0
NB4N11M ONSEMI-NB4N11M Datasheet
223Kb / 11P
   3.3 V 2.5 Gb/s Multi Level Clock/Data Input to CML Receiver/ Buffer/ Translator
November, 2005 ??Rev. 1
More results

Similar Description - NB4N111K

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB4N121K ONSEMI-NB4N121K Datasheet
107Kb / 10P
   3.3V Differential In 1:21 Differential Fanout Clock Driver with HCSL level Output
June, 2007 - Rev. 0
NB4N121KMNGEVB ONSEMI-NB4N121KMNGEVB Datasheet
151Kb / 9P
   3.3V Differential 1:21 Differential Fanout Clock Driver with HCSL level Output
April, 2012 ??Rev. 6
NB3N111K ONSEMI-NB3N111K Datasheet
130Kb / 9P
   3.3V Differential 1:10 Fanout Clock Driver
April, 2012 ??Rev. 5
NB3N108K ONSEMI-NB3N108K Datasheet
156Kb / 9P
   3.3V Differential 1:8 Fanout Clock Data Driver
April, 2012 ??Rev. 6
logo
Integrated Device Techn...
851010 IDT-851010 Datasheet
298Kb / 16P
   1-to-10, Differential HCSL Fanout Buffer
logo
Renesas Technology Corp
851010 RENESAS-851010 Datasheet
303Kb / 16P
   1-to-10, Differential HCSL Fanout Buffer
December 3, 2015
logo
Integrated Device Techn...
ICS851010I IDT-ICS851010I Datasheet
756Kb / 17P
   1-to-10, Differential HCSL Fanout Buffer
logo
Renesas Technology Corp
ICS851010I RENESAS-ICS851010I Datasheet
1Mb / 18P
   1-to-10, Differential HCSL Fanout Buffer
AUGUST 2, 2010
logo
ON Semiconductor
NB3N1900K ONSEMI-NB3N1900K Datasheet
198Kb / 20P
   Differential 1:19 HCSL Clock ZDB/Fanout Buffer
January, 2015 ??Rev. 3
NB3L208K ONSEMI-NB3L208K Datasheet
123Kb / 13P
   2.5V, 3.3V Differential 1:8 HCSL Fanout Buffer
March, 2015 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com