Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N64S830HAS22IT Datasheet(PDF) 3 Page - ON Semiconductor

Part # N64S830HAS22IT
Description  64Kb Low Power Serial SRAMs 8K 횞 8 bit Organization
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

N64S830HAS22IT Datasheet(HTML) 3 Page - ON Semiconductor

  N64S830HAS22IT Datasheet HTML 1Page - ON Semiconductor N64S830HAS22IT Datasheet HTML 2Page - ON Semiconductor N64S830HAS22IT Datasheet HTML 3Page - ON Semiconductor N64S830HAS22IT Datasheet HTML 4Page - ON Semiconductor N64S830HAS22IT Datasheet HTML 5Page - ON Semiconductor N64S830HAS22IT Datasheet HTML 6Page - ON Semiconductor N64S830HAS22IT Datasheet HTML 7Page - ON Semiconductor N64S830HAS22IT Datasheet HTML 8Page - ON Semiconductor N64S830HAS22IT Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Rev. K | Page 3 of 15 | www.onsemi.com
N64S830HA
Absolute Maximum Ratings1
Item
Symbol
Rating
Unit
Voltage on any pin relative to VSS
VIN,OUT
–0.3 to VCC+0.3
V
Voltage on VCC Supply Relative to VSS
VCC
–0.3 to 4.5
V
Power Dissipation
PD
500
mW
Storage Temperature
TSTG
–40 to 125
oC
Operating Temperature
TA
-40 to +85
oC
Soldering Temperature and Time
TSOLDER
260oC, 10sec
oC
1. Stresses greater than those listed above may cause permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any other conditions above those indicated in the operating section of this specification is not
implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability.
Operating Characteristics (Over Specified Temperature Range)
Item
Symbol
Test Conditions
Min.
Typ1
1. Typical values are measured at Vcc=Vcc Typ., TA=25°C and are not 100% tested.
Max
Unit
Supply Voltage
VCC
3V Device
2.5
3.6
V
Input High Voltage
VIH
0.7 x VCC
VCC+0.3
V
Input Low Voltage
VIL
–0.3
0.8
V
Output High Voltage
VOH
IOH = -0.4mA
VCC–0.5
V
Output Low Voltage
VOL
IOL = 1mA
0.2
V
Input Leakage Current
ILI
CS = VCC, VIN = 0 to VCC
0.5
µA
Output Leakage Current
ILO
CS = VCC, VOUT = 0 to VCC
0.5
µA
Read/Write Operating
Current
ICC1
F = 1MHz, IOUT = 0
3mA
ICC2
F = 10MHz, IOUT = 0
6mA
ICC3
F = fCLK MAX, IOUT = 0
10
mA
Standby Current
ISB
CS = VCC, VIN = VSS or VCC
14
µA
Capacitance1
1. These parameters are verified in device characterization and are not 100% tested
Item
Symbol
Test Condition
Min
Max
Unit
Input Capacitance
CIN
VIN = 0V, f = 1 MHz, TA = 25oC
7pF
I/O Capacitance
CI/O
VIN = 0V, f = 1 MHz, TA = 25oC
7pF


Similar Part No. - N64S830HAS22IT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
N64S830HAS22IT ONSEMI-N64S830HAS22IT Datasheet
154Kb / 13P
   64 kb Low Power Serial SRAMs
June, 2012 ??Rev. 12
More results

Similar Description - N64S830HAS22IT

ManufacturerPart #DatasheetDescription
logo
AMI SEMICONDUCTOR
N64S08XXHDA AMI-N64S08XXHDA Datasheet
201Kb / 15P
   64Kb Low Power Serial SRAMs 8K 횞 8 bit Organization
logo
ON Semiconductor
N64S818HA ONSEMI-N64S818HA Datasheet
206Kb / 15P
   64Kb Low Power Serial SRAMs 8K 횞 8 bit Organization
July 2008 - Rev. J
N25S818HA ONSEMI-N25S818HA Datasheet
211Kb / 15P
   256Kb Low Power Serial SRAMs 32K 횞 8 bit Organization
July 2008 - Rev. 9
N25S830HA ONSEMI-N25S830HA Datasheet
236Kb / 15P
   256Kb Low Power Serial SRAMs 32K 횞 8 bit Organization
July 2008 - Rev. 9
logo
AMI SEMICONDUCTOR
N256S08XXHDA AMI-N256S08XXHDA Datasheet
202Kb / 15P
   256Kb Low Power Serial SRAMs 32K 횞 8 bit Organization
logo
Renesas Technology Corp
R1EX25008ASA00I RENESAS-R1EX25008ASA00I_15 Datasheet
269Kb / 22P
   Serial Peripheral Interface 8k EEPROM (1024-word 횞 8-bit) 16k EEPROM (2048-word 횞 8-bit)
R1EX24008ASA00A RENESAS-R1EX24008ASA00A_10 Datasheet
788Kb / 24P
   Two-wire serial interface 8k EEPROM (1-kword 횞 8-bit)
R1EX24008ASA00A RENESAS-R1EX24008ASA00A Datasheet
171Kb / 22P
   Two-wire serial interface 8k EEPROM (1-kword 횞 8-bit)
R1EX24008ASA00I RENESAS-R1EX24008ASA00I Datasheet
171Kb / 22P
   Two-wire serial interface 8k EEPROM (1-kword 횞 8-bit)
R1EX24008ASAS0A RENESAS-R1EX24008ASAS0A Datasheet
180Kb / 24P
   Two-wire serial interface 8k EEPROM (1024-word 횞 8-bit)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com