Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N64S830HAS22IT Datasheet(PDF) 8 Page - ON Semiconductor

Part # N64S830HAS22IT
Description  64Kb Low Power Serial SRAMs 8K 횞 8 bit Organization
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

N64S830HAS22IT Datasheet(HTML) 8 Page - ON Semiconductor

Back Button N64S830HAS22IT Datasheet HTML 4Page - ON Semiconductor N64S830HAS22IT Datasheet HTML 5Page - ON Semiconductor N64S830HAS22IT Datasheet HTML 6Page - ON Semiconductor N64S830HAS22IT Datasheet HTML 7Page - ON Semiconductor N64S830HAS22IT Datasheet HTML 8Page - ON Semiconductor N64S830HAS22IT Datasheet HTML 9Page - ON Semiconductor N64S830HAS22IT Datasheet HTML 10Page - ON Semiconductor N64S830HAS22IT Datasheet HTML 11Page - ON Semiconductor N64S830HAS22IT Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Rev. K | Page 8 of 15 | www.onsemi.com
N64S830HA
Page and Burst READ Sequence
Page READ Sequence
Burst READ Sequence
CS
Instruction
SI
04
3
25
16
9
810
7
11
SCK
15
14
13
12
210
7
6543
210
High-Z
16-bit address
Data Out from ADDR 1
SO
21
23
22
24
28
29
30
31
26
27
25
000
0
0
011
7
6543
210
Data Out from ADDR 2
7
6543
210
7
6543
210
...
32
34
33
35
39
40
41
42
37
38
36
43
45
44
46
47
Don’t Care
Don’t Care
ADDR 1
Data Out from ADDR 3
Data Out from ADDR n
Page X
Word Y
Page X
Word Y+2
Page X
Word Y+1
Page X
Word 31
Page X
Word 0
Page X
Word 1
SI
SO
Data Words: sequential, at the end of the page the
address wraps back to the beginning of the page
16-bit address
Page address (X)
Word address (Y)
Page X
Word Y
Page X
Word 31
Page X
Word Y+1
Page X
Word 0
Page X+1
Word Y
Page X+1
Word Y+1
SI
SO
16-bit address
Page address (X)
Word address (Y)
Data Words: sequential, at the end of the page the address wraps to the beginning
of the page and continues incrementing up to the starting word address. At that
time, the address increments to the next page and the burst continues.
. . .
Page X
Word 1
. . .
Page X
Word Y-1


Similar Part No. - N64S830HAS22IT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
N64S830HAS22IT ONSEMI-N64S830HAS22IT Datasheet
154Kb / 13P
   64 kb Low Power Serial SRAMs
June, 2012 ??Rev. 12
More results

Similar Description - N64S830HAS22IT

ManufacturerPart #DatasheetDescription
logo
AMI SEMICONDUCTOR
N64S08XXHDA AMI-N64S08XXHDA Datasheet
201Kb / 15P
   64Kb Low Power Serial SRAMs 8K 횞 8 bit Organization
logo
ON Semiconductor
N64S818HA ONSEMI-N64S818HA Datasheet
206Kb / 15P
   64Kb Low Power Serial SRAMs 8K 횞 8 bit Organization
July 2008 - Rev. J
N25S818HA ONSEMI-N25S818HA Datasheet
211Kb / 15P
   256Kb Low Power Serial SRAMs 32K 횞 8 bit Organization
July 2008 - Rev. 9
N25S830HA ONSEMI-N25S830HA Datasheet
236Kb / 15P
   256Kb Low Power Serial SRAMs 32K 횞 8 bit Organization
July 2008 - Rev. 9
logo
AMI SEMICONDUCTOR
N256S08XXHDA AMI-N256S08XXHDA Datasheet
202Kb / 15P
   256Kb Low Power Serial SRAMs 32K 횞 8 bit Organization
logo
Renesas Technology Corp
R1EX25008ASA00I RENESAS-R1EX25008ASA00I_15 Datasheet
269Kb / 22P
   Serial Peripheral Interface 8k EEPROM (1024-word 횞 8-bit) 16k EEPROM (2048-word 횞 8-bit)
R1EX24008ASA00A RENESAS-R1EX24008ASA00A_10 Datasheet
788Kb / 24P
   Two-wire serial interface 8k EEPROM (1-kword 횞 8-bit)
R1EX24008ASA00A RENESAS-R1EX24008ASA00A Datasheet
171Kb / 22P
   Two-wire serial interface 8k EEPROM (1-kword 횞 8-bit)
R1EX24008ASA00I RENESAS-R1EX24008ASA00I Datasheet
171Kb / 22P
   Two-wire serial interface 8k EEPROM (1-kword 횞 8-bit)
R1EX24008ASAS0A RENESAS-R1EX24008ASAS0A Datasheet
180Kb / 24P
   Two-wire serial interface 8k EEPROM (1024-word 횞 8-bit)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com