Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N64S830HAS22IT Datasheet(PDF) 5 Page - ON Semiconductor

Part # N64S830HAS22IT
Description  64Kb Low Power Serial SRAMs 8K 횞 8 bit Organization
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

N64S830HAS22IT Datasheet(HTML) 5 Page - ON Semiconductor

  N64S830HAS22IT Datasheet HTML 1Page - ON Semiconductor N64S830HAS22IT Datasheet HTML 2Page - ON Semiconductor N64S830HAS22IT Datasheet HTML 3Page - ON Semiconductor N64S830HAS22IT Datasheet HTML 4Page - ON Semiconductor N64S830HAS22IT Datasheet HTML 5Page - ON Semiconductor N64S830HAS22IT Datasheet HTML 6Page - ON Semiconductor N64S830HAS22IT Datasheet HTML 7Page - ON Semiconductor N64S830HAS22IT Datasheet HTML 8Page - ON Semiconductor N64S830HAS22IT Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Rev. K | Page 5 of 15 | www.onsemi.com
N64S830HA
Serial Input Timing
Serial Output Timing
Hold Timing
CS
tCSS
MSB in
SCK
SO
SI
LSB in
tF
tR
tCLD
tCSH
tCSD
tSU
tHD
High-Z
tSCS
CS
tLO
MSB out
SCK
SI
SO
LSB out
tDIS
tCSH
tHI
tV
Don’t Care
CS
tHS
n+2
SCK
SI
SO
tSU
tHZ
tHH
n+1
n
High-Z
tHS
tHH
tHV
nn-1
nn-1
n+2
n+1
n
HOLD
Don’t Care


Similar Part No. - N64S830HAS22IT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
N64S830HAS22IT ONSEMI-N64S830HAS22IT Datasheet
154Kb / 13P
   64 kb Low Power Serial SRAMs
June, 2012 ??Rev. 12
More results

Similar Description - N64S830HAS22IT

ManufacturerPart #DatasheetDescription
logo
AMI SEMICONDUCTOR
N64S08XXHDA AMI-N64S08XXHDA Datasheet
201Kb / 15P
   64Kb Low Power Serial SRAMs 8K 횞 8 bit Organization
logo
ON Semiconductor
N64S818HA ONSEMI-N64S818HA Datasheet
206Kb / 15P
   64Kb Low Power Serial SRAMs 8K 횞 8 bit Organization
July 2008 - Rev. J
N25S818HA ONSEMI-N25S818HA Datasheet
211Kb / 15P
   256Kb Low Power Serial SRAMs 32K 횞 8 bit Organization
July 2008 - Rev. 9
N25S830HA ONSEMI-N25S830HA Datasheet
236Kb / 15P
   256Kb Low Power Serial SRAMs 32K 횞 8 bit Organization
July 2008 - Rev. 9
logo
AMI SEMICONDUCTOR
N256S08XXHDA AMI-N256S08XXHDA Datasheet
202Kb / 15P
   256Kb Low Power Serial SRAMs 32K 횞 8 bit Organization
logo
Renesas Technology Corp
R1EX25008ASA00I RENESAS-R1EX25008ASA00I_15 Datasheet
269Kb / 22P
   Serial Peripheral Interface 8k EEPROM (1024-word 횞 8-bit) 16k EEPROM (2048-word 횞 8-bit)
R1EX24008ASA00A RENESAS-R1EX24008ASA00A_10 Datasheet
788Kb / 24P
   Two-wire serial interface 8k EEPROM (1-kword 횞 8-bit)
R1EX24008ASA00A RENESAS-R1EX24008ASA00A Datasheet
171Kb / 22P
   Two-wire serial interface 8k EEPROM (1-kword 횞 8-bit)
R1EX24008ASA00I RENESAS-R1EX24008ASA00I Datasheet
171Kb / 22P
   Two-wire serial interface 8k EEPROM (1-kword 횞 8-bit)
R1EX24008ASAS0A RENESAS-R1EX24008ASAS0A Datasheet
180Kb / 24P
   Two-wire serial interface 8k EEPROM (1024-word 횞 8-bit)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com