Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NB4L7210 Datasheet(PDF) 7 Page - ON Semiconductor

Part # NB4L7210
Description  2.5V/3.3V Differential 2x10 Crosspoint Clock Driver with SDI Programmable Output Selects
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB4L7210 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NB4L7210 Datasheet HTML 3Page - ON Semiconductor NB4L7210 Datasheet HTML 4Page - ON Semiconductor NB4L7210 Datasheet HTML 5Page - ON Semiconductor NB4L7210 Datasheet HTML 6Page - ON Semiconductor NB4L7210 Datasheet HTML 7Page - ON Semiconductor NB4L7210 Datasheet HTML 8Page - ON Semiconductor NB4L7210 Datasheet HTML 9Page - ON Semiconductor NB4L7210 Datasheet HTML 10Page - ON Semiconductor NB4L7210 Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
NB4L7210
http://onsemi.com
7
Figure 5. Differential Input Driven Single−Ended Vth Schema
CLK
Vth
Vth
CLK
VIH
VIL
VIHmax
VILmax
VIHmin
VILmin
VCC
Vthmax
Vthmin
GND
Vth
Figure 6. Differential Input Driven Single−Ended Vth Diagram
CLKx
CLKx
Figure 7. Differential Inputs Driven Differentially
CLK
CLK
VIL
VIH(MAX)
VIH
VIL
VIH
VIL(MIN)
VCMR
GND
Figure 8. VCMR Diagram
VINPP = VIHD − VILD
VCC
Figure 9. AC Reference Measurement
CLK
CLK
Q
Q
tPHL
tPLH
VINPP = VIH − VIL
VOUTPP = VOH(Q) − VOL(Q)
Qx
Qx
Q
Q


Similar Part No. - NB4L7210

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB4L7210 ONSEMI-NB4L7210 Datasheet
204Kb / 11P
   2.5V/3.3V Differential 2x10 Crosspoint Clock Driver
March, 2015 ??Rev. 8
NB4L7210MNG ONSEMI-NB4L7210MNG Datasheet
204Kb / 11P
   2.5V/3.3V Differential 2x10 Crosspoint Clock Driver
March, 2015 ??Rev. 8
NB4L7210MNTXG ONSEMI-NB4L7210MNTXG Datasheet
204Kb / 11P
   2.5V/3.3V Differential 2x10 Crosspoint Clock Driver
March, 2015 ??Rev. 8
NB4L7210 ONSEMI-NB4L7210_15 Datasheet
204Kb / 11P
   2.5V/3.3V Differential 2x10 Crosspoint Clock Driver
March, 2015 ??Rev. 8
More results

Similar Description - NB4L7210

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB4L7210 ONSEMI-NB4L7210_15 Datasheet
204Kb / 11P
   2.5V/3.3V Differential 2x10 Crosspoint Clock Driver
March, 2015 ??Rev. 8
logo
Integrated Device Techn...
IDT5T9891 IDT-IDT5T9891 Datasheet
286Kb / 37P
   EEPROM PROGRAMMABLE 2.5V PROGRAMMABLE SKEW PLL DIFFERENTIAL CLOCK DRIVER
logo
Renesas Technology Corp
IDT5T9891 RENESAS-IDT5T9891 Datasheet
459Kb / 38P
   EEPROM PROGRAMMABLE 2.5V PROGRAMMABLE SKEW PLL DIFFERENTIAL CLOCK DRIVER
NOVEMBER 2004
logo
ON Semiconductor
NB100LVEP224 ONSEMI-NB100LVEP224_06 Datasheet
165Kb / 10P
   2.5V/3.3V 1:24 Differential ECL/PECL Clock Driver with Clock Select and Output Enable
November, 2006 ??Rev. 7
NB7L111M ONSEMI-NB7L111M Datasheet
256Kb / 13P
   2.5V / 3.3V, 6.125Gb/s 1:10 Differential Clock/Data Driver with CML Output
January, 2006 ??Rev. 1
NB100LVEP224 ONSEMI-NB100LVEP224 Datasheet
96Kb / 10P
   2.5V/3.3V 1:24 Differential ECL/PECL Clock Driver with Clock Select and Output Enable
June, 2003 - Rev. 4
NB4L858M ONSEMI-NB4L858M_09 Datasheet
104Kb / 10P
   2.5V/3.3V, 3 GHz Dual Differential Clock/Data 2x2 Crosspoint Switch
December, 2005 ??Rev. 9
NBSG72A ONSEMI-NBSG72A Datasheet
140Kb / 16P
   2.5V/3.3V SiGe Differential 2 X 2 Crosspoint Switch with Output Level Select
October, 2004 ??Rev. 2
NB4L858M ONSEMI-NB4L858M Datasheet
98Kb / 10P
   2.5V/3.3V, 3 GHz Dual Differential Clock/Data 2x2 Crosspoint Switch with CML Output and Internal Termination
December, 2005 ??Rev. 9
NBSG72A ONSEMI-NBSG72A_06 Datasheet
671Kb / 14P
   2.5V/3.3V SiGe Differential 2 x 2 Crosspoint Switch with Output Level Select
November, 2006 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com