Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N25S818HAS21IT Datasheet(PDF) 10 Page - ON Semiconductor

Part # N25S818HAS21IT
Description  256Kb Low Power Serial SRAMs 32K 횞 8 bit Organization
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

N25S818HAS21IT Datasheet(HTML) 10 Page - ON Semiconductor

Back Button N25S818HAS21IT Datasheet HTML 6Page - ON Semiconductor N25S818HAS21IT Datasheet HTML 7Page - ON Semiconductor N25S818HAS21IT Datasheet HTML 8Page - ON Semiconductor N25S818HAS21IT Datasheet HTML 9Page - ON Semiconductor N25S818HAS21IT Datasheet HTML 10Page - ON Semiconductor N25S818HAS21IT Datasheet HTML 11Page - ON Semiconductor N25S818HAS21IT Datasheet HTML 12Page - ON Semiconductor N25S818HAS21IT Datasheet HTML 13Page - ON Semiconductor N25S818HAS21IT Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Rev. 9 | Page 10 of 15 | www.onsemi.com
N25S0818HA
Page and Burst WRITE Sequence
Page WRITE Sequence
Burst WRITE Sequence
CS
Instruction
SI
04
3
25
16
9
810
7
11
SCK
15
14
13
12
210
7
6543
210
High-Z
16-bit address
Data In to ADDR 1
SO
21
23
22
24
28
29
30
31
26
27
25
000
0
0
010
7
6543
210
Data In to ADDR 2
7
6543
210
7
6543
210
...
32
34
33
35
39
40
41
42
37
38
36
43
45
44
46
47
ADDR 1
Data In to ADDR 3
Data In to ADDR n
High-Z
16-bit address
Page address (X)
Word address (Y)
Page X
Word Y
Page X
Word Y+2
Page X
Word Y+1
Page X
Word 31
Page X
Word 0
Page X
Word 1
SI
SO
Data Words: sequential, at the end of the page the
address wraps back to the beginning of the page
High-Z
Page X
Word Y
Page X
Word 31
Page X
Word Y+1
Page X
Word 0
Page X+1
Word Y
Page X+1
Word Y+1
SI
SO
16-bit address
Page address (X)
Word address (Y)
Data Words: sequential, at the end of the page the address wraps to the beginning of the page and
continues incrementing up to the starting word address. At that time, the address increments to the
next page and the burst continues.
. . .
Page X
Word 1
. . .
Page X
Word Y-1
High-Z


Similar Part No. - N25S818HAS21IT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
N25S818HAS21IT ONSEMI-N25S818HAS21IT Datasheet
152Kb / 12P
   256 kb Low Power Serial SRAMs
June, 2012 ??Rev. 12
More results

Similar Description - N25S818HAS21IT

ManufacturerPart #DatasheetDescription
logo
AMI SEMICONDUCTOR
N256S08XXHDA AMI-N256S08XXHDA Datasheet
202Kb / 15P
   256Kb Low Power Serial SRAMs 32K 횞 8 bit Organization
logo
ON Semiconductor
N25S830HA ONSEMI-N25S830HA Datasheet
236Kb / 15P
   256Kb Low Power Serial SRAMs 32K 횞 8 bit Organization
July 2008 - Rev. 9
logo
AMI SEMICONDUCTOR
N64S08XXHDA AMI-N64S08XXHDA Datasheet
201Kb / 15P
   64Kb Low Power Serial SRAMs 8K 횞 8 bit Organization
logo
ON Semiconductor
N64S818HA ONSEMI-N64S818HA Datasheet
206Kb / 15P
   64Kb Low Power Serial SRAMs 8K 횞 8 bit Organization
July 2008 - Rev. J
N64S830HA ONSEMI-N64S830HA Datasheet
205Kb / 15P
   64Kb Low Power Serial SRAMs 8K 횞 8 bit Organization
June 2009 - Rev. K
logo
Renesas Technology Corp
R1EX25032ASA00I RENESAS-R1EX25032ASA00I_15 Datasheet
274Kb / 22P
   Serial Peripheral Interface 32k EEPROM (4-kword 횞 8-bit) 64k EEPROM (8-kword 횞 8-bit)
HN58X2432SI RENESAS-HN58X2432SI_05 Datasheet
155Kb / 22P
   Two-wire serial interface 32k EEPROM (4-kword 횞 8-bit)/64k EEPROM (8-kword 횞 8-bit)
R1EX24032ASA00I RENESAS-R1EX24032ASA00I Datasheet
171Kb / 22P
   Two-wire serial interface 32k EEPROM (4-kword 횞 8-bit)
R1EX24032ASAS0I RENESAS-R1EX24032ASAS0I Datasheet
181Kb / 24P
   Two-wire serial interface 32k EEPROM (4-kword 횞 8-bit)
R1EX24032ASAS0I RENESAS-R1EX24032ASAS0I_15 Datasheet
311Kb / 18P
   Two-wire serial interface 32k EEPROM (4-kword 횞 8-bit)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com