Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTP29N15E Datasheet(PDF) 4 Page - ON Semiconductor

Part # MTP29N15E
Description  Power MOSFET 29 Amps, 150 Volts N-Channel TO-220
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MTP29N15E Datasheet(HTML) 4 Page - ON Semiconductor

  MTP29N15E Datasheet HTML 1Page - ON Semiconductor MTP29N15E Datasheet HTML 2Page - ON Semiconductor MTP29N15E Datasheet HTML 3Page - ON Semiconductor MTP29N15E Datasheet HTML 4Page - ON Semiconductor MTP29N15E Datasheet HTML 5Page - ON Semiconductor MTP29N15E Datasheet HTML 6Page - ON Semiconductor MTP29N15E Datasheet HTML 7Page - ON Semiconductor MTP29N15E Datasheet HTML 8Page - ON Semiconductor MTP29N15E Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
MTP29N15E
http://onsemi.com
4
POWER MOSFET SWITCHING
Switching behavior is most easily modeled and predicted
by recognizing that the power MOSFET is charge
controlled. The lengths of various switching intervals (
∆t)
are determined by how fast the FET input capacitance can
be charged by current from the generator.
The published capacitance data is difficult to use for
calculating rise and fall because drain–gate capacitance
varies greatly with applied voltage. Accordingly, gate
charge data is used. In most cases, a satisfactory estimate of
average input current (IG(AV)) can be made from a
rudimentary analysis of the drive circuit so that
t = Q/IG(AV)
During the rise and fall time interval when switching a
resistive load, VGS remains virtually constant at a level
known as the plateau voltage, VSGP. Therefore, rise and fall
times may be approximated by the following:
tr = Q2 x RG/(VGG – VGSP)
tf = Q2 x RG/VGSP
where
VGG = the gate drive voltage, which varies from zero to VGG
RG = the gate drive resistance
and Q2 and VGSP are read from the gate charge curve.
During the turn–on and turn–off delay times, gate current is
not constant. The simplest calculation uses appropriate
values from the capacitance curves in a standard equation for
voltage change in an RC network. The equations are:
td(on) = RG Ciss In [VGG/(VGG – VGSP)]
td(off) = RG Ciss In (VGG/VGSP)
The capacitance (Ciss) is read from the capacitance curve at
a voltage corresponding to the off–state condition when
calculating td(on) and is read at a voltage corresponding to the
on–state when calculating td(off).
At high switching speeds, parasitic circuit elements
complicate the analysis. The inductance of the MOSFET
source lead, inside the package and in the circuit wiring
which is common to both the drain and gate current paths,
produces a voltage at the source which reduces the gate drive
current. The voltage is determined by Ldi/dt, but since di/dt
is a function of drain current, the mathematical solution is
complex.
The
MOSFET
output
capacitance
also
complicates the mathematics. And finally, MOSFETs have
finite internal gate resistance which effectively adds to the
resistance of the driving source, but the internal resistance
is difficult to measure and, consequently, is not specified.
The resistive switching time variation versus gate
resistance (Figure 9) shows how typical switching
performance is affected by the parasitic circuit elements. If
the parasitics were not present, the slope of the curves would
maintain a value of unity regardless of the switching speed.
The circuit used to obtain the data is constructed to minimize
common inductance in the drain and gate circuit loops and
is believed readily achievable with board mounted
components. Most power electronic loads are inductive; the
data in the figure is taken with a resistive load, which
approximates an optimally snubbed inductive load. Power
MOSFETs may be safely operated into an inductive load;
however, snubbing reduces switching losses.
GATE-TO-SOURCE OR DRAIN-TO-SOURCE VOLTAGE (VOLTS)
1000
7500
Figure 7. Capacitance Variation
-10
0
5
10
-5
15
20
25
0
2000
6000
VDS
VGS
3000
5000
7000
Ciss
Coss
Ciss
Crss
Crss
TJ = 25°C
VDS = 0 V VGS = 0 V
4000
1500
2500
6500
3500
5500
4500
500


Similar Part No. - MTP29N15E

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MTP29N15E MOTOROLA-MTP29N15E Datasheet
75Kb / 4P
   TMOS POWER FET 29 AMPERES 150 VOLTS RDS(on) = 0.07 OHM
More results

Similar Description - MTP29N15E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MTP20N15E ONSEMI-MTP20N15E Datasheet
41Kb / 4P
   Power MOSFET 20 Amps, 150 Volts N-Channel TO-220
January, 2001 ??Rev. 0
NTP6N50 ONSEMI-NTP6N50 Datasheet
60Kb / 8P
   Power MOSFET 6 Amps, 500 Volts N-Channel TO-220
August, 2001 ??Rev. 1
NTP6N60 ONSEMI-NTP6N60 Datasheet
49Kb / 4P
   Power MOSFET 6 Amps, 600 Volts N−Channel TO−220
March, 2004 - Rev. 2
logo
Unisonic Technologies
UTT150N06 UTC-UTT150N06 Datasheet
196Kb / 6P
   150 Amps, 60 Volts N-CHANNEL POWER MOSFET
logo
ON Semiconductor
NTB5426N ONSEMI-NTB5426N Datasheet
118Kb / 7P
   Power MOSFET 120 Amps, 60 Volts N-Channel D2PAK, TO-220
November, 2008 ??Rev. 0
NTB75N03R ONSEMI-NTB75N03R Datasheet
73Kb / 8P
   Power MOSFET 75 Amps, 25 Volts N-Channel D2PAK, TO-220
October, 2003 ??Rev. 2
NTP30N20 ONSEMI-NTP30N20_V01 Datasheet
354Kb / 8P
   Power MOSFET 30 Amps, 200 Volts N-Channel EnhancementïMode TO-220
March, 2006 - Rev. 5
NTP5426NG ONSEMI-NTP5426NG Datasheet
136Kb / 7P
   Power MOSFET 120 Amps, 60 Volts N-Channel D2PAK, TO-220
October, 2011 ??Rev. 1
NTB5411N ONSEMI-NTB5411N Datasheet
148Kb / 7P
   Power MOSFET 80 Amps, 60 Volts N-Channel D2PAK, TO-220
October, 2009 ??Rev. 2
NTB5412N ONSEMI-NTB5412N Datasheet
123Kb / 7P
   Power MOSFET 60 Amps, 60 Volts N-Channel D2PAK, TO-220
November, 2008 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com