Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTB50P03HDLT4G Datasheet(PDF) 2 Page - ON Semiconductor

Part # MTB50P03HDLT4G
Description  Power MOSFET 50 Amps, 30 Volts, Logic Level P?묬hannel D2PAK
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MTB50P03HDLT4G Datasheet(HTML) 2 Page - ON Semiconductor

  MTB50P03HDLT4G Datasheet HTML 1Page - ON Semiconductor MTB50P03HDLT4G Datasheet HTML 2Page - ON Semiconductor MTB50P03HDLT4G Datasheet HTML 3Page - ON Semiconductor MTB50P03HDLT4G Datasheet HTML 4Page - ON Semiconductor MTB50P03HDLT4G Datasheet HTML 5Page - ON Semiconductor MTB50P03HDLT4G Datasheet HTML 6Page - ON Semiconductor MTB50P03HDLT4G Datasheet HTML 7Page - ON Semiconductor MTB50P03HDLT4G Datasheet HTML 8Page - ON Semiconductor MTB50P03HDLT4G Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
MTB50P03HDL
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain−to−Source Breakdown Voltage
(Cpk ≥ 2.0) (Note 3)
(VGS = 0 Vdc, ID = 250 mAdc)
Temperature Coefficient (Positive)
V(BR)DSS
30
26
Vdc
mV/
°C
Zero Gate Voltage Drain Current
(VDS = 30 Vdc, VGS = 0 Vdc)
(VDS = 30 Vdc, VGS = 0 Vdc, TJ = 125°C)
IDSS
1.0
10
mAdc
Gate−Body Leakage Current
(VGS = ±15 Vdc, VDS = 0 Vdc)
IGSS
100
nAdc
ON CHARACTERISTICS (Note 1)
Gate Threshold Voltage
(Cpk ≥ 3.0) (Note 3)
(VDS = VGS, ID = 250 mAdc)
Threshold Temperature Coefficient (Negative)
VGS(th)
1.0
1.5
4.0
2.0
Vdc
mV/
°C
Static Drain−Source On−Resistance
(Cpk ≥ 3.0) (Note 3)
(VGS = 5.0 Vdc, ID = 25 Adc)
RDS(on)
20.9
25
m
W
Drain−Source On−Voltage (VGS = 5.0 Vdc)
(ID = 50 Adc)
(ID = 25 Adc, TJ =125°C)
VDS(on)
0.83
1.5
1.3
Vdc
Forward Transconductance
(VDS = 5.0 Vdc, ID = 25 Adc)
gFS
15
20
mhos
DYNAMIC CHARACTERISTICS
Input Capacitance
(VDS = 25 Vdc, VGS = 0 Vdc, f = 1.0 MHz)
Ciss
3500
4900
pF
Output Capacitance
Coss
1550
2170
Transfer Capacitance
Crss
550
770
SWITCHING CHARACTERISTICS (Note 2)
Turn−On Delay Time
(VDD= 15 Vdc, ID = 50 Adc,
VGS = 5.0 Vdc, RG = 2.3 W)
td(on)
22
30
ns
Rise Time
tr
340
466
Turn−Off Delay Time
td(off)
90
117
Fall Time
tf
218
300
Gate Charge (See Figure 8)
(VDS = 24 Vdc, ID = 50 Adc,
VGS = 5.0 Vdc)
QT
74
100
nC
Q1
13.6
Q2
44.8
Q3
35
SOURCE−DRAIN DIODE CHARACTERISTICS
Forward On−Voltage
(IS = 50 Adc, VGS = 0 Vdc)
(IS = 50 Adc, VGS = 0 Vdc, TJ = 125°C)
VSD
2.39
1.84
3.0
Vdc
Reverse Recovery Time
(See Figure 15)
(IS = 50 Adc, VGS = 0 Vdc,
dIS/dt = 100 A/ms)
trr
106
ns
ta
58
tb
48
Reverse Recovery Stored Charge
QRR
0.246
mC
INTERNAL PACKAGE INDUCTANCE
Internal Drain Inductance
(Measured from the drain lead 0.25
″ from package to center of die)
LD
3.5
nH
Internal Source Inductance
(Measured from the source lead 0.25
″ from package to source bond pad)
LS
7.5
nH
1. Pulse Test: Pulse Width
≤ 300 ms, Duty Cycle ≤ 2%.
2. Switching characteristics are independent of operating junction temperature.
3. Reflects typical values.
Cpk =
Max limit − Typ
3 x SIGMA


Similar Part No. - MTB50P03HDLT4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MTB50P03HDLT4G ONSEMI-MTB50P03HDLT4G Datasheet
143Kb / 9P
   P-Channel Power MOSFET
January, 2014 ??Rev. 7
logo
VBsemi Electronics Co.,...
MTB50P03HDLT4G VBSEMI-MTB50P03HDLT4G Datasheet
967Kb / 8P
   P-Channel 30-V (D-S) MOSFET
More results

Similar Description - MTB50P03HDLT4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MTB30P06V ONSEMI-MTB30P06V Datasheet
87Kb / 8P
   Power MOSFET 30 Amps, 60 Volts P?묬hannel D2PAK
July, 2006 ??Rev.4
MTB2P50E ONSEMI-MTB2P50E Datasheet
90Kb / 8P
   Power MOSFET 2 Amps, 500 Volts P?묬hannel D2PAK
June, 2006 ??Rev. 4
MTP50P03HDL ONSEMI-MTP50P03HDL Datasheet
91Kb / 8P
   Power MOSFET 50 Amps, 30 Volts, Logic Level P-Channel TO-220
July, 2006 ??Rev. 6
NTP45N06LG ONSEMI-NTP45N06LG Datasheet
86Kb / 8P
   Power MOSFET 45 Amps, 60 Volts Logic Level, N?묬hannel TO??20 and D2PAK
August, 2005 ??Rev. 2
NTP60N06L ONSEMI-NTP60N06L Datasheet
94Kb / 8P
   Power MOSFET 60 Amps, 60 Volts, Logic Level N?묬hannel TO??20 and D2PAK
August, 2005 ??Rev. 3
NTB30N20 ONSEMI-NTB30N20 Datasheet
85Kb / 8P
   Power MOSFET 30 Amps, 200 Volts N?묬hannel Enhancement?묺ode D2PAK
April, 2004 ??Rev. 3
NTB4302T4G ONSEMI-NTB4302T4G Datasheet
86Kb / 7P
   Power MOSFET 74 Amps, 30 Volts N?묬hannel TO??20 & D2PAK
August, 2005 ??Rev. 3
MTD20N03HDLT ONSEMI-MTD20N03HDLT Datasheet
101Kb / 9P
   Power MOSFET 20 Amps, 30 Volts, Logic Level
June, 2006 ??Rev. 6
NTP30N06L ONSEMI-NTP30N06L Datasheet
69Kb / 8P
   Power MOSFET 30 Amps, 60 Volts, Logic Level
March, 2002 ??Rev. 1
MTB30P06V ONSEMI-MTB30P06V_V01 Datasheet
241Kb / 9P
   Power MOSFET 30 Amps, 60 Volts P-Channel D2PAK
October, 2011 - Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com