Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTD6N20E Datasheet(PDF) 1 Page - ON Semiconductor

Part # MTD6N20E
Description  Power MOSFET 6 Amps, 200 Volts N?묬hannel DPAK
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MTD6N20E Datasheet(HTML) 1 Page - ON Semiconductor

  MTD6N20E Datasheet HTML 1Page - ON Semiconductor MTD6N20E Datasheet HTML 2Page - ON Semiconductor MTD6N20E Datasheet HTML 3Page - ON Semiconductor MTD6N20E Datasheet HTML 4Page - ON Semiconductor MTD6N20E Datasheet HTML 5Page - ON Semiconductor MTD6N20E Datasheet HTML 6Page - ON Semiconductor MTD6N20E Datasheet HTML 7Page - ON Semiconductor MTD6N20E Datasheet HTML 8Page - ON Semiconductor MTD6N20E Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
© Semiconductor Components Industries, LLC, 2005
August, 2005 − Rev. 3
1
Publication Order Number:
MTD6N20E/D
MTD6N20E
Preferred Device
Power MOSFET
6 Amps, 200 Volts
N−Channel DPAK
This advanced Power MOSFET is designed to withstand high
energy in the avalanche and commutation modes. The new energy
efficient design also offers a drain−to−source diode with a fast
recovery time. Designed for low voltage, high speed switching
applications in power supplies, converters and PWM motor controls,
these devices are particularly well suited for bridge circuits where
diode speed and commutating safe operating areas are critical and
offer additional safety margin against unexpected voltage transients.
Features
Avalanche Energy Specified
Source−to−Drain Diode Recovery Time Comparable to a
Discrete Fast Recovery Diode
Diode is Characterized for Use in Bridge Circuits
IDSS and VDS(on) Specified at Elevated Temperature
Pb−Free Package is Available*
MAXIMUM RATINGS (TC = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Drain−to−Source Voltage
VDSS
200
Vdc
Drain−to−Gate Voltage (RGS = 1.0 MW)
VDGR
200
Vdc
Gate−to−Source Voltage
− Continuous
− Non−repetitive (tp ≤ 10 ms)
VGS
VGSM
± 20
± 40
Vdc
Vpk
Drain Current
− Continuous
− Continuous @ 100
°C
− Single Pulse (tp ≤ 10 ms)
ID
ID
IDM
6.0
3.8
18
Adc
Apk
Total Power Dissipation
Derate above 25
°C
Total Power Dissipation @ TA = 25°C (Note 2)
PD
50
0.4
1.75
W
W/
°C
W
Operating and Storage Temperature Range
TJ, Tstg
−55 to
150
°C
Single Pulse Drain−to−Source Avalanche
Energy − Starting TJ = 25°C
(VDD = 80 Vdc, VGS = 10 Vdc,
IL = 6.0 Apk, L = 3.0 mH, RG = 25 W)
EAS
54
mJ
Thermal Resistance − Junction−to−Case
− Junction−to−Ambient (Note 1)
− Junction−to−Ambient (Note 2)
RqJC
RqJA
RqJA
2.50
100
71.4
°C/W
Maximum Temperature for Soldering
Purposes, 1/8
″ from case for 10 secs
TL
260
°C
Maximum ratings are those values beyond which device damage can occur.
Maximum ratings applied to the device are individual stress limit values (not
normal operating conditions) and are not valid simultaneously. If these limits are
exceeded, device functional operation is not implied, damage may occur and
reliability may be affected.
1. When surface mounted to an FR4 board using the minimum recommended
pad size.
2. When surface mounted to an FR4 board using the 0.5 sq. in. drain pad size.
*For additional information on our Pb−Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting
Techniques Reference Manual, SOLDERRM/D.
http://onsemi.com
6 AMPERES, 200 VOLTS
RDS(on) = 460 mW
N−Channel
D
S
G
Preferred devices are recommended choices for future use
and best overall value.
1
Gate
3
Source
2
Drain
4 Drain
DPAK
CASE 369C
STYLE 2
MARKING
DIAGRAMS
6N20E Device Code
Y
= Year
WW
= Work Week
G
= Pb−Free Package
1 2
3
4
1
Gate
3
Source
2
Drain
4 Drain
DPAK
CASE 369D
STYLE 2
1
2
3
4
See detailed ordering and shipping information in the package
dimensions section on page 7 of this data sheet.
ORDERING INFORMATION


Similar Part No. - MTD6N20E

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MTD6N20E MOTOROLA-MTD6N20E Datasheet
269Kb / 10P
   TMOS POWER FET 6.0 AMPERES 200 VOLTS RDS(on) = 0.7 OHM
logo
Inchange Semiconductor ...
MTD6N20E ISC-MTD6N20E Datasheet
345Kb / 2P
   isc N-Channel MOSFET Transistor
MTD6N20ET4G ISC-MTD6N20ET4G Datasheet
324Kb / 3P
   isc N-Channel MOSFET Transistor
More results

Similar Description - MTD6N20E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTDV20N06T4G ONSEMI-NTDV20N06T4G Datasheet
162Kb / 7P
   Power MOSFET 20 Amps, 60 Volts, N?묬hannel DPAK
August, 2011 ??Rev. 8
NTD20N06-001 ONSEMI-NTD20N06-001 Datasheet
162Kb / 7P
   Power MOSFET 20 Amps, 60 Volts, N?묬hannel DPAK
August, 2011 ??Rev. 8
MTD20N06HD ONSEMI-MTD20N06HD Datasheet
293Kb / 11P
   Power MOSFET 20 Amps, 60 Volts N?묬hannel DPAK
August, 2006 ??Rev. 5
NTD95N02R ONSEMI-NTD95N02R Datasheet
71Kb / 6P
   Power MOSFET 95 Amps, 24 Volts N?묬hannel DPAK
July, 2006 ??Rev. 3
NTD14N03R ONSEMI-NTD14N03R Datasheet
65Kb / 6P
   Power MOSFET 14 Amps, 25 Volts N?묬hannel DPAK
October, 2003 ??Rev. 3
NTD5414N ONSEMI-NTD5414N Datasheet
109Kb / 6P
   Power MOSFET 24 Amps, 60 Volts Single N?묬hannel DPAK
October, 2008 ??Rev. 0
NTD5413N ONSEMI-NTD5413N Datasheet
109Kb / 6P
   Power MOSFET 30 Amps, 60 Volts Single N?묬hannel DPAK
October, 2008 ??Rev. 0
NTD32N06 ONSEMI-NTD32N06 Datasheet
71Kb / 8P
   32 Amps, 60 Volts, N?묬hannel DPAK
August, 2004 ??Rev. 3
NTD20N06LT4G ONSEMI-NTD20N06LT4G Datasheet
128Kb / 8P
   Power MOSFET 20 Amps, 60 Volts Logic Level, N?묬hannel DPAK
October, 2011 ??Rev. 3
NTD24N06L ONSEMI-NTD24N06L Datasheet
87Kb / 8P
   Power MOSFET 24 Amps, 60 Volts Logic Level, N?묬hannel DPAK
August, 2005 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com