Electronic Components Datasheet Search |
|
STM6503VFABDG6F Datasheet(PDF) 5 Page - STMicroelectronics |
|
STM6503VFABDG6F Datasheet(HTML) 5 Page - STMicroelectronics |
5 / 29 page STM6502, STM6503, STM6504, STM6505 Description Doc ID 16101 Rev 5 5/29 1 Description STM6502 has two combined Smart Reset inputs (SR0 and SR1) with delayed Smart Reset setup time (tSRC) programmed by an external capacitor on the SRC pin. STM6503 is similar to STM6502, has two combined delayed Smart Reset inputs (SR0, SR1) and three user-selectable delayed Smart Reset setup time (tSRC) options of 2 s, 6 s and 10 s through a three-state TSR input pin: when connected to ground, tSRC = 2 s; when left open, tSRC = 6 s; when connected to VCC, tSRC = 10 s (all the times are minimum). STM6504 has two independent Smart Reset inputs. SR0 provides the delayed Smart Reset setup time (tSRC) function with three user-selectable tSRC options through a three-state TSR input pin: when connected to ground, tSRC = 2 s; when left open, tSRC = 6 s; when connected to VCC, tSRC = 10 s (all the times are minimum). SRE provides instant reset. SRE is edge-triggered with a special debounce time (tDEBOUNCE = 240 ms min.) at the falling edge after a valid reset period. STM6505 has two combined delayed Smart Reset inputs (SR0, SR1) and provides an adjustable reset delay setup time via an external capacitor connected to the SRC pin. The RST output depends also on the VCC monitoring threshold. STM6505 also provides independent low battery detect (BLD) output controlled by the secondary external input voltage VBAT. VBAT is monitored for low voltage and provides an indication on the battery low detect output pin (BLD). VBAT threshold is 1.25 V, fixed, and an external resistor divider is to be used to set the actual battery voltage threshold. VBAT threshold hysteresis is 8 mV typ. (16 mV max.). VBAT is voltage monitoring input only, the device is powered only from the VCC pin; VCC must be ≥ 1.575 V for proper operation of the VBAT comparator. 1.1 Smart Reset devices The Smart Reset device family STM65xx provides a useful feature that ensures inadvertent short reset push-button closures do not cause system resets. This is done by implementing extended Smart Reset input delay (tSRC). Once the valid Smart Reset input levels and setup delay are met, the device generates an output reset pulse with user-programmable timeout period (tREC). The Smart Reset inputs can be also connected to the applications interrupt to allow the control of both the interrupt pin and the hard reset functions. If the push-buttons are closed for a short time, the processor is only interrupted. If the system still does not respond properly, holding the push-buttons for the extended setup time (tSRC) causes hard reset of the processor through the reset outputs. The Smart Reset feature helps significantly increase system stability. The STM65xx family of Smart Reset devices consists of low current microprocessor reset circuits targeted at applications such as MP3 players, navigation, smartphones or mobile phones; generally any application that requires delayed reset push-button(s) response for improved system stability. The STM65xx devices feature single or dual Smart Reset inputs (SR). The delayed Smart Reset setup time (tSRC) options of 2 s, 6 s and 10 s (all min.) are adjustable by an external capacitor on the SRC pin or selectable by three-state logic. The delayed setup period ignores switch closures shorter than tSRC, thus preventing unwanted resets. |
Similar Part No. - STM6503VFABDG6F |
|
Similar Description - STM6503VFABDG6F |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |