Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FI-SE20ME Datasheet(PDF) 6 Page - Japan Aviation Electronics Industry, Ltd.

Part # FI-SE20ME
Description  FI SERIES CONNECTORS - 1.25mm (.049) Contact Spacing, Connector for PCB-to-Cable
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

FI-SE20ME Datasheet(HTML) 6 Page - Japan Aviation Electronics Industry, Ltd.

  FI-SE20ME Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. FI-SE20ME Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. FI-SE20ME Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. FI-SE20ME Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. FI-SE20ME Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd. FI-SE20ME Datasheet HTML 6Page - Japan Aviation Electronics Industry, Ltd. FI-SE20ME Datasheet HTML 7Page - Japan Aviation Electronics Industry, Ltd. FI-SE20ME Datasheet HTML 8Page - Japan Aviation Electronics Industry, Ltd. FI-SE20ME Datasheet HTML 9Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
56
Dimensions and specifications subject to change without notice.
Consult JAE for other available sizes.
FEATURES
• Socket housing available with or without a shield
• Flex connector available
• Pin header available on embossed tape for
automatic SMT mounting
• Dependable pin-type double contacts
(post and box)
• Friction lock housing enables secure connections
• • • • • • • • • • • • • •
FI Series connectors are designed for board-to-cable applications.
High-density 1.25mm (.049") contact spacing SMT single and
double row shielded and unshielded versions available. They are
used in notebook PCs, VCR's, mobile phones, and other consumer
applications, where reduced space is a requirement.
FI SERIES CONNECTORS
1.25mm (.049") Contact Spacing, Connector for PCB-to-Cable
Refer to Ordering Information for Connector Profiles.
GENERAL SPECIFICATIONS
Number of Contacts
Single row: 2-6, 8, 10, 15, 20, 25, 30
Double row: 5-21 (every 2 pins), 31, 41
Contact Spacing
1.25mm (.049”)
Current Rating
AC/DC 1 Amp per contact
Dielectric Withstanding Voltage 500 VAC r.m.s. (for one minute)
Insulation Resistance
100 megohms min.
Contact Resistance
40 milliohms max.
Operating Temperature
-40°C to +80°C
Applicable Wire Sizes
#28 to #32 AWG
Applicable FPC
.625mm (.025”) Center
.14mm (.006”) Thick
MATERIALS AND FINISHES
• Pin Header
Description
Materials/Finishes
Insulator
Single Row: Glass-filled PPS (UL94V-0, Black)
Double Row: Glass-filled LCP (UL94V-0, Beige)
Contact
Copper Alloy
Connecting area: Gold 0.1µm min. over Nickel
Terminal area: Tin-Lead over Nickel plating
Shell
Copper Alloy/Tin plating
Hold-down
Copper Alloy/Tin over Nickel
• FPC
Insulator
Glass-filled PPS (UL94V-0, Black)
Contact
Copper Alloy
Connecting area: Gold 0.1 (.000004”) min. over Nickel
FPC area: Tin over Nickel plating
Shell
Copper Alloy/Tin plating
Slider
Glass-filled PPS (UL94V-0, Brown)
• Socket Housing
Housing
Glass-filled PPS (UL94V-0, Black)
Socket Contact Phosphor Bronze/Gold over Nickel


Similar Part No. - FI-SE20ME

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
FI-SE20ME JAE-FI-SE20ME Datasheet
127Kb / 1P
   CONTACT COPPER ALLOY
More results

Similar Description - FI-SE20ME

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
FI-S6P-HFE JAE-FI-S6P-HFE Datasheet
383Kb / 9P
   1.25mm (.049) Contact Spacing, Connector for PCB-to-Cable
FI-X JAE-FI-X Datasheet
312Kb / 8P
   FI-X SERIES CONNECTORS - 1.00mm Contact Spacing, Connector for PCB-to-Cable
CT150-4C-FIX JAE-CT150-4C-FIX Datasheet
312Kb / 8P
   Contact Spacing, Connector for PCB-to-Cable
logo
List of Unclassifed Man...
IL-G-15P-S3C2-E ETC1-IL-G-15P-S3C2-E Datasheet
590Kb / 3P
   2.5mm Contact Spacing PCB-to-Cable Connectors
logo
Japan Aviation Electron...
DA1 JAE-DA1 Datasheet
321Kb / 7P
   DA1 SERIES CONNECTORS - 0.60mm (.024) Contact Spacing, PCB-to-Cable Connectors
FI-X30HL-T JAE-FI-X30HL-T Datasheet
312Kb / 8P
   1.00mm (.039) Contact Spacing, Connector for PCB-to-Cable
logo
EXCEL CELL ELECTRONIC C...
EBW-CK22 ECE-EBW-CK22 Datasheet
204Kb / 3P
   1.25mm Contact Spacing, Board to Wire SMT Connectors
EBW-PK26 ECE-EBW-PK26 Datasheet
157Kb / 3P
   1.25mm Contact Spacing, Board To Wire Header Connectors
logo
Molex Electronics Ltd.
0510901000 MOLEX7-0510901000 Datasheet
98Kb / 2P
   1.25mm (.049
logo
Japan Aviation Electron...
IL-WX-10SB-VF-BE JAE-IL-WX-10SB-VF-BE Datasheet
868Kb / 4P
   0.8MM9.031)CONTACT SPACING PCB-TO-PCB SMT CONNECTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com