Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FI-XB14SHF1-NPBE3000 Datasheet(PDF) 7 Page - Japan Aviation Electronics Industry, Ltd.

Part # FI-XB14SHF1-NPBE3000
Description  FI-X SERIES CONNECTORS - 1.00mm Contact Spacing, Connector for PCB-to-Cable
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

FI-XB14SHF1-NPBE3000 Datasheet(HTML) 7 Page - Japan Aviation Electronics Industry, Ltd.

  FI-XB14SHF1-NPBE3000 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. FI-XB14SHF1-NPBE3000 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. FI-XB14SHF1-NPBE3000 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. FI-XB14SHF1-NPBE3000 Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. FI-XB14SHF1-NPBE3000 Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd. FI-XB14SHF1-NPBE3000 Datasheet HTML 6Page - Japan Aviation Electronics Industry, Ltd. FI-XB14SHF1-NPBE3000 Datasheet HTML 7Page - Japan Aviation Electronics Industry, Ltd. FI-XB14SHF1-NPBE3000 Datasheet HTML 8Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
55
Dimensions in mm (inches).
MATERIALS AND FINISHES, Cont.
FI-X**M(R) (Cable Connector, FPC Relay Type)
Ground Plate Copper Alloy / Tin plating
Insulator
Glass filled 4-6 Nylon (UL94V-0, Beige)
Shell
Copper Alloy/Tin plating
Slider
Thermal Plasticity plating
Contact
Copper Alloy:
Contact Portion: Gold plating over Nickel
FPC Contact Portion: Tin-Lead plating over Nickel
FI-XC3-1-15000 (Socket Contacts)
Contact
Copper Alloy:
Contact Portion: Gold plating over Nickel
Cable Crimping Portion: Tin plating
FI-X SERIES CONNECTORS
1.00mm (.039") Contact Spacing, Connector for PCB-to-Cable
FI-X
*
**
SSL
HF
* - NPB - E3000
Series
Mounting Type
Blank - Top Mount
B – Bottom Mount
No. of Contacts
14, 20, 30, D7 (D: Differential Pairs)
Contact type
S- Socket
Termination
HF – Right Angle
Mounting Height
1mm (.039")
Lead Free Version
Embossed Tape
E3000 – 3,000 pcs/reel
ORDERING INFORMATION
FI-X**H (Cable, Crimp Housing)
Description
Materials/Finishes
Housing
Glass filled 4-6 Nylon
Shell
Copper Alloy/Tin plating
(D7: Gold plating over Nickel on ground)
FI-X**C (Cable Connector)
Ground Plate
Copper Alloy / Tin plating
Insulator
Glass filled 4-6 Nylon
Slider
Thermal Plasticity plating
Contact
Copper Alloy:
Contact Area: Gold (0.1µm min.) over Nickel
Terminal Area: Tin-Lead over Nickel
TOOLING
Description
Part Number
Hand Crimp Tool
CT150-4C-FIX
Press
CP215-4B
Applicator
350-FI-2B


Similar Part No. - FI-XB14SHF1-NPBE3000

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
FI-XB14S-HF10 JAE-FI-XB14S-HF10 Datasheet
772Kb / 12P
   LCD interface connector compatible with high-speed differential transmission
More results

Similar Description - FI-XB14SHF1-NPBE3000

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
FI-SEB20P-HFE JAE-FI-SEB20P-HFE Datasheet
375Kb / 9P
   FI SERIES CONNECTORS - 1.25mm (.049) Contact Spacing, Connector for PCB-to-Cable
FI-X30HL-T JAE-FI-X30HL-T Datasheet
312Kb / 8P
   1.00mm (.039) Contact Spacing, Connector for PCB-to-Cable
CT150-4C-FIX JAE-CT150-4C-FIX Datasheet
312Kb / 8P
   Contact Spacing, Connector for PCB-to-Cable
logo
List of Unclassifed Man...
IL-G-15P-S3C2-E ETC1-IL-G-15P-S3C2-E Datasheet
590Kb / 3P
   2.5mm Contact Spacing PCB-to-Cable Connectors
logo
Japan Aviation Electron...
DA1 JAE-DA1 Datasheet
321Kb / 7P
   DA1 SERIES CONNECTORS - 0.60mm (.024) Contact Spacing, PCB-to-Cable Connectors
FI-S6P-HFE JAE-FI-S6P-HFE Datasheet
383Kb / 9P
   1.25mm (.049) Contact Spacing, Connector for PCB-to-Cable
IL-WX-10SB-VF-BE JAE-IL-WX-10SB-VF-BE Datasheet
868Kb / 4P
   0.8MM9.031)CONTACT SPACING PCB-TO-PCB SMT CONNECTORS
logo
List of Unclassifed Man...
IL-S-2S-S2C2 ETC1-IL-S-2S-S2C2 Datasheet
604Kb / 3P
   2.0mm (.079) Contact Spocing, PCB-to-Cable (Crimp Type) Connectors
M34S75C4F1 ETC2-M34S75C4F1 Datasheet
194Kb / 7P
   Compact Automotive Connectors for PCB-to-Cable Applications
logo
Japan Aviation Electron...
MX34 JAE-MX34 Datasheet
155Kb / 6P
   Compact Automotive Connectors for PCB-to-Cable Applications
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com