Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMBT2222AWT1 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MMBT2222AWT1
Description  General Purpose Transistor NPN Silicon
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMBT2222AWT1 Datasheet(HTML) 2 Page - ON Semiconductor

  MMBT2222AWT1 Datasheet HTML 1Page - ON Semiconductor MMBT2222AWT1 Datasheet HTML 2Page - ON Semiconductor MMBT2222AWT1 Datasheet HTML 3Page - ON Semiconductor MMBT2222AWT1 Datasheet HTML 4Page - ON Semiconductor MMBT2222AWT1 Datasheet HTML 5Page - ON Semiconductor MMBT2222AWT1 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MMBT2222AWT1
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector −Emitter Breakdown Voltage (Note 1)
(IC = 1.0 mAdc, IB = 0)
V(BR)CEO
40
Vdc
Collector −Base Breakdown Voltage
(IC = 10 mAdc, IE = 0)
V(BR)CBO
75
Vdc
Emitter −Base Breakdown Voltage
(IE = 10 mAdc, IC = 0)
V(BR)EBO
6.0
Vdc
Base Cutoff Current
(VCE = 60 Vdc, VEB = 3.0 Vdc)
IBL
20
nAdc
Collector Cutoff Current
(VCE = 60 Vdc, VEB = 3.0 Vdc)
ICEX
10
nAdc
ON CHARACTERISTICS (Note 1)
DC Current Gain (Note 1)
(IC = 0.1 mAdc, VCE = 10 Vdc)
(IC = 1.0 mAdc, VCE = 10 Vdc)
(IC = 10 mAdc, VCE = 10 Vdc)
(IC = 150 mAdc, VCE = 10 Vdc)
(IC = 500 mAdc, VCE = 10 Vdc)
HFE
35
50
75
100
40
300
Collector −Emitter Saturation Voltage (Note 1)
(IC = 150 mAdc, IB = 15 mAdc)
(IC = 500 mAdc, IB = 50 mAdc)
VCE(sat)
0.3
1.0
Vdc
Base −Emitter Saturation Voltage (Note 1)
(IC = 150 mAdc, IB = 15 mAdc)
(IC = 500 mAdc, IB = 50 mAdc)
VBE(sat)
0.6
1.2
2.0
Vdc
SMALL− SIGNAL CHARACTERISTICS
Current −Gain − Bandwidth Product
(IC = 20 mAdc, VCE = 20 Vdc, f = 100 MHz)
fT
300
MHz
Output Capacitance
(VCB = 10 Vdc, IE = 0, f = 1.0 MHz)
Cobo
8.0
pF
Input Capacitance
(VEB = 0.5 Vdc, IC = 0, f = 1.0 MHz)
Cibo
30
pF
Input Impedance
(VCE = 10 Vdc, IC = 10 mAdc, f = 1.0 kHz)
hie
0.25
1.25
k
W
Voltage Feedback Ratio
(VCE = 10 Vdc, IC = 10 mAdc, f = 1.0 kHz)
hre
4.0
X 10−4
Small −Signal Current Gain
(VCE = 10 Vdc, IC = 10 mAdc, f = 1.0 kHz)
hfe
75
375
Output Admittance
(VCE = 10 Vdc, IC = 10 mAdc, f = 1.0 kHz)
hoe
25
200
mmhos
Noise Figure
(VCE = 10 Vdc, IC = 100 mAdc, RS = 1.0 kW, f = 1.0 kHz)
NF
4.0
dB
SWITCHING CHARACTERISTICS
Delay Time
(VCC = 3.0 Vdc, VBE = − 0.5 Vdc,
IC = 150 mAdc, IB1 = 15 mAdc)
td
10
ns
Rise Time
tr
25
Storage Time
(VCC = 30 Vdc, IC = 150 mAdc,
IB1 = IB2 = 15 mAdc)
ts
225
ns
Fall Time
tf
60
1. Pulse Test: Pulse Width
v 300 ms, Duty Cycle v 2.0%.


Similar Part No. - MMBT2222AWT1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMBT2222AWT1 MOTOROLA-MMBT2222AWT1 Datasheet
72Kb / 4P
   General Purpose Transistor
logo
Leshan Radio Company
MMBT2222AWT1 LRC-MMBT2222AWT1 Datasheet
66Kb / 2P
   Preliminary Information General Purpose Transistors
logo
ON Semiconductor
MMBT2222AWT1 ONSEMI-MMBT2222AWT1 Datasheet
126Kb / 6P
   General Purpose Transistor
October, 2010 ??Rev. 5
logo
WILLAS ELECTRONIC CORP
MMBT2222AWT1 WILLAS-MMBT2222AWT1 Datasheet
295Kb / 3P
   General Purpose Transistors
logo
ON Semiconductor
MMBT2222AWT1G ONSEMI-MMBT2222AWT1G Datasheet
126Kb / 6P
   General Purpose Transistor
October, 2010 ??Rev. 5
More results

Similar Description - MMBT2222AWT1

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
MMBT3904W WEITRON-MMBT3904W Datasheet
368Kb / 7P
   General Purpose Transistor NPN Silicon
logo
Zowie Technology Corpor...
MMBT3906 ZOWIE-MMBT3906 Datasheet
107Kb / 5P
   GENERAL PURPOSE TRANSISTOR NPN SILICON
BC847A ZOWIE-BC847A Datasheet
79Kb / 4P
   GENERAL PURPOSE TRANSISTOR NPN SILICON
BC849B ZOWIE-BC849B Datasheet
78Kb / 4P
   GENERAL PURPOSE TRANSISTOR NPN SILICON
MMBT2222AGH ZOWIE-MMBT2222AGH Datasheet
84Kb / 5P
   General Purpose Transistor NPN Silicon
logo
SeCoS Halbleitertechnol...
2SC1213 SECOS-2SC1213 Datasheet
77Kb / 2P
   NPN Silicon General Purpose Transistor
2SC2235 SECOS-2SC2235 Datasheet
181Kb / 2P
   NPN Silicon General Purpose Transistor
2SC2412 SECOS-2SC2412 Datasheet
331Kb / 3P
   NPN Silicon General Purpose Transistor
logo
SEMTECH ELECTRONICS LTD...
MMBT4401 SEMTECH_ELEC-MMBT4401 Datasheet
185Kb / 2P
   NPN Silicon General Purpose Transistor
logo
SeCoS Halbleitertechnol...
2SC4618 SECOS-2SC4618_11 Datasheet
456Kb / 2P
   NPN Silicon General Purpose Transistor
logo
ON Semiconductor
2N4264 ONSEMI-2N4264 Datasheet
169Kb / 6P
   General Purpose Transistor(NPN Silicon)
1997 REV 2
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com