Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74VHCT86ADT Datasheet(PDF) 4 Page - ON Semiconductor

Part # MC74VHCT86ADT
Description  Quad 2?묲nput XOR Gate / CMOS Logic Level Shifter with LSTTL?묬ompatible Inputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74VHCT86ADT Datasheet(HTML) 4 Page - ON Semiconductor

  MC74VHCT86ADT Datasheet HTML 1Page - ON Semiconductor MC74VHCT86ADT Datasheet HTML 2Page - ON Semiconductor MC74VHCT86ADT Datasheet HTML 3Page - ON Semiconductor MC74VHCT86ADT Datasheet HTML 4Page - ON Semiconductor MC74VHCT86ADT Datasheet HTML 5Page - ON Semiconductor MC74VHCT86ADT Datasheet HTML 6Page - ON Semiconductor MC74VHCT86ADT Datasheet HTML 7Page - ON Semiconductor MC74VHCT86ADT Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MC74VHCT86A
http://onsemi.com
4
MARKING DIAGRAMS
(Top View)
14−LEAD SOIC
D SUFFIX
CASE 751A
14−LEAD TSSOP
DT SUFFIX
CASE 948G
13
14
12
11
10
9
8
2
1
345
67
13
14
12
11
10
9
8
2
1
3
45
67
14−LEAD SOIC EIAJ
M SUFFIX
CASE 965
13
14
12
11
10
9
8
2
1
345
67
VHCT86A
VHCT
AWLYWW*
86A
ALYW*
*See Applications Note #AND8004/D for date code and traceability information.
VHCT86A
AWLYWW*


Similar Part No. - MC74VHCT86ADT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHCT86ADTR2G ONSEMI-MC74VHCT86ADTR2G Datasheet
87Kb / 6P
   Quad 2-Input XOR Gate / CMOS Logic Level Shifter
November, 2014 ??Rev. 3
More results

Similar Description - MC74VHCT86ADT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHC1GT86 ONSEMI-MC74VHC1GT86_07 Datasheet
80Kb / 6P
   2?묲nput Exclusive OR Gate / CMOS Logic Level Shifter with LSTTL?묬ompatible Inputs
February, 2007 ??Rev. 15
MC74VHC1GT02 ONSEMI-MC74VHC1GT02_07 Datasheet
73Kb / 6P
   Single 2?묲nput NOR Gate/CMOS Logic Level Shifter LSTTL?묬ompatible Inputs
February, 2007 ??Rev. 11
MC74VHC1GT00 ONSEMI-MC74VHC1GT00_07 Datasheet
73Kb / 6P
   Single 2?묲nput NAND Gate/CMOS Logic Level Shifter LSTTL?묬ompatible Inputs
February, 2007 ??Rev. 11
74HCT32 ONSEMI-74HCT32 Datasheet
128Kb / 8P
   Quad 2?묲nput OR Gate with LSTTL?묬ompatible Inputs
March, 2007 ??Rev. 0
MC74VHCT50A ONSEMI-MC74VHCT50A_V01 Datasheet
245Kb / 8P
   Noninverting Buffer / CMOS Logic Level Shifter with LSTTL?묬ompatible Inputs
March, 2014 ??Rev. 9
MC74VHC1GT126 ONSEMI-MC74VHC1GT126_07 Datasheet
87Kb / 6P
   Noninverting Buffer / CMOS Logic Level Shifter with LSTTL?묬ompatible Inputs
February, 2007 ??Rev. 13
MC74VHCT50A ONSEMI-MC74VHCT50A_07 Datasheet
92Kb / 7P
   Noninverting Buffer / CMOS Logic Level Shifter with LSTTL?묬ompatible Inputs
January, 2007??Rev. 6
MC74VHC1GT125 ONSEMI-MC74VHC1GT125_07 Datasheet
89Kb / 6P
   Noninverting Buffer / CMOS Logic Level Shifter with LSTTL?묬ompatible Inputs
February, 2007 ??Rev. 12
MC74VHC1GT14 ONSEMI-MC74VHC1GT14_07 Datasheet
79Kb / 6P
   Schmitt?뭈rigger Inverter / CMOS Logic Level Shifter LSTTL?묬ompatible Inputs
February, 2007 ??Rev. 12
MC74VHCT86A ONSEMI-MC74VHCT86A_14 Datasheet
87Kb / 6P
   Quad 2-Input XOR Gate / CMOS Logic Level Shifter
November, 2014 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com