Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74HCT4851ADR2G Datasheet(PDF) 4 Page - ON Semiconductor

Part # MC74HCT4851ADR2G
Description  Analog Multiplexers/ Demultiplexers with Injection Current Effect Control with LSTTL Compatible Inputs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HCT4851ADR2G Datasheet(HTML) 4 Page - ON Semiconductor

  MC74HCT4851ADR2G Datasheet HTML 1Page - ON Semiconductor MC74HCT4851ADR2G Datasheet HTML 2Page - ON Semiconductor MC74HCT4851ADR2G Datasheet HTML 3Page - ON Semiconductor MC74HCT4851ADR2G Datasheet HTML 4Page - ON Semiconductor MC74HCT4851ADR2G Datasheet HTML 5Page - ON Semiconductor MC74HCT4851ADR2G Datasheet HTML 6Page - ON Semiconductor MC74HCT4851ADR2G Datasheet HTML 7Page - ON Semiconductor MC74HCT4851ADR2G Datasheet HTML 8Page - ON Semiconductor MC74HCT4851ADR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
MC74HCT4851A
http://onsemi.com
4
DC CHARACTERISTICS — Analog Section
Symbol
Parameter
Condition
VCC
Guaranteed Limit
Unit
−55 to 25°C
≤85°C
≤125°C
Ron
Maximum “ON” Resistance
Vin = VIL or VIH;VIS = VCC to
GND; IS ≤ 2.0 mA
4.5
5.5
550
400
650
500
750
600
W
DRon
Delta “ON” Resistance
Vin = VIL or VIH; VIS = VCC/2
IS ≤ 2.0 mA
4.5
5.5
80
60
100
80
120
100
W
Ioff
Maximum Off−Channel Leakage Current,
Any One Channel
Common Channel
Vin = VCC or GND
5.5
±0.1
±0.1
±0.1
±0.1
±0.1
±0.1
mA
Ion
Maximum On−Channel Leakage
Channel−to−Channel
Vin = VCC or GND
5.5
±0.1
±0.1
±0.1
mA
AC CHARACTERISTICS (CL = 50 pF, Input tr = tf = 6 ns, VCC = 5.0 V ± 10%)
Symbol
Parameter
VCC
−55 to 25°C
≤85°C
≤125°C
Unit
tPHL,
tPLH
Maximum Propagation Delay, Analog Input to Analog Output
5.0
40
45
50
ns
tPHL,
tPHZ,PZH
tPLH,
tPLZ,PZL
Maximum Propagation Delay, Enable or Channel−Select to Analog Output
5.0
80
90
100
ns
Cin
Maximum Input Capacitance
Digital Pins
(All Switches Off)
Any Single Analog Pin
(All Switches Off)
Common Analog Pin
10
35
130
10
35
130
10
35
130
pF
CPD
Power Dissipation Capacitance
Typical
5.0
20
pF
INJECTION CURRENT COUPLING SPECIFICATIONS (VCC = 5V, TA = −55°C to +125°C)
Symbol
Parameter
Condition
Typ
Max
Unit
VDout
Maximum Shift of Output Voltage of Enabled Analog Channel
Iin* ≤ 1 mA, RS ≤ 3,9 kW
Iin* ≤ 10 mA, RS ≤ 3,9 kW
Iin* ≤ 1 mA, RS ≤ 20 kW
Iin* ≤ 10 mA, RS ≤ 20 kW
0.1
1.0
0.5
5.0
1.0
5.0
2.0
20
mV
* Iin = Total current injected into all disabled channels.
Figure 3. Typical On Resistance VCC = 4.5V
Vin, INPUT VOLTAGE (VOLTS), REFERENCED TO GND
-55
°C
+25
°C
+125
°C
660
600
540
480
420
360
300
240
180
120
60
0
0.0
0.9
1.8
2.7
3.6
4.5


Similar Part No. - MC74HCT4851ADR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HCT4851ADR2G ONSEMI-MC74HCT4851ADR2G Datasheet
166Kb / 14P
   Analog Multiplexers/ Demultiplexers with Injection Current Effect Control with LSTTL Compatible Inputs
April, 2013 ??Rev. 6
MC74HCT4851ADR2G ONSEMI-MC74HCT4851ADR2G Datasheet
166Kb / 14P
   Analog Multiplexers/ Demultiplexers with
April, 2013 ??Rev. 6
MC74HCT4851ADR2G ONSEMI-MC74HCT4851ADR2G Datasheet
139Kb / 14P
   Analog Multiplexers/ Demultiplexers
August, 2016 ??Rev. 8
More results

Similar Description - MC74HCT4851ADR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLVHCT4851ADTR2G ONSEMI-NLVHCT4851ADTR2G Datasheet
166Kb / 14P
   Analog Multiplexers/ Demultiplexers with Injection Current Effect Control with LSTTL Compatible Inputs
April, 2013 ??Rev. 6
MC74HCT4051A ONSEMI-MC74HCT4051A Datasheet
262Kb / 18P
   Analog Multiplexers / Demultiplexers with LSTTL Compatible Inputs
January, 2010 ??Rev. 0
MC74HC4851A ONSEMI-MC74HC4851A_05 Datasheet
207Kb / 14P
   Analog Multiplexers/Demultiplexers with Injection Current Effect Control
June, 2005 ??Rev. 6
MC74HC4851A ONSEMI-MC74HC4851A Datasheet
294Kb / 12P
   Analog Multiplexers/Demultiplexers with Injection Current Effect Control
March, 2000 ??Rev. 4
MC74HC4851A ONSEMI-MC74HC4851A_11 Datasheet
230Kb / 15P
   Analog Multiplexers/Demultiplexers with Injection Current Effect Control
May, 2011 ??Rev. 9
MC74HCT4851ADTG ONSEMI-MC74HCT4851ADTG Datasheet
166Kb / 14P
   Analog Multiplexers/ Demultiplexers with
April, 2013 ??Rev. 6
logo
NXP Semiconductors
74HC_HCT4851 PHILIPS-74HC_HCT4851_15 Datasheet
122Kb / 20P
   8-channel analog multiplexer/demultiplexer with injection-current effect control
Rev. 02-2 September 2008
74HCT4851 NXP-74HCT4851 Datasheet
114Kb / 20P
   8-channel analog multiplexer/demultiplexer with injection-current effect control
Rev. 02-2 September 2008
logo
Texas Instruments
SN74HC4851 TI-SN74HC4851_08 Datasheet
689Kb / 21P
[Old version datasheet]   8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER WITH INJECTION-CURRENT EFFECT CONTROL
SN74HC4851 TI-SN74HC4851_10 Datasheet
630Kb / 22P
[Old version datasheet]   8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER WITH INJECTION-CURRENT EFFECT CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com