Part Name
         Description
ATSAM3U1CA-CU

 AT91ARM Cortex M3-based Microcontrollers ( 62 Page)


ATMEL
100% 
Zoom Out Zoom In
 37 page
background image
37
6430CS–ATARM–09-Apr-10
SAM3U Series
Figure 10-1. System Controller Block Diagram
Software Controlled
Voltage Regulator
ADC (front-end)
Matrix
SRAM
Watchdog
Timer
Flash
Peripherals
Peripheral
Bridge
Zero-Power
Power-on Reset
Supply
Monitor
RTC
Power
Management
Controller
Embedded
32 kHz RC
Oscillator
Xtal 32 kHz
Oscillator
Supply
Controller
Embedded
12 / 8 / 4 MHz
RC
Oscillator
Brownout
Detector
General Purpose
Backup Registers
Cortex-M3
Reset
Controller
Backup Power Supply
Core Power Supply
PLLA
vr_standby
rtc_alarm
SLCK
proc_nreset
periph_nreset
ice_nreset
Master Clock
MCK
SLCK
vddcore_nreset
Main Clock
MAINCK
SLCK
NRST
MAINCK
PLLACK
FSTT0 - FSTT15(1)
XIN32
XOUT32
osc32k_xtal_en
XTALSEL
Slow Clock
SLCK
osc32k_rc_en
vddcore_nreset
VDDIO
VDDCORE
VDDOUT
ADVREF
ADx
FWUP
bodcore_on
bodcore_in
RTT
rtt_alarm
SLCK
XIN
XOUT
VDDBU
VDDIN
SHDN
PIOx
VDDANA
USB
VDDUTMI
USBx
bodbup_on
bodbup_in
supc_interrupt
3 - 20 MHz
XTAL Oscillator
WKUP0 - WKUP15
NRSTB
PIOA/B/C
Input / Output Buffers
FSTT0 - FSTT15 are possible Fast Startup Sources, generated by WKUP0-WKUP15 Pins,
but are not physical pins.
UPLL
MAINCK
UPLLCK



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl