Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMZ1608S301A Datasheet(PDF) 4 Page - TDK Electronics

Part # MMZ1608S301A
Description  Chip Beads(SMD) For Signal Line
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

MMZ1608S301A Datasheet(HTML) 4 Page - TDK Electronics

  MMZ1608S301A Datasheet HTML 1Page - TDK Electronics MMZ1608S301A Datasheet HTML 2Page - TDK Electronics MMZ1608S301A Datasheet HTML 3Page - TDK Electronics MMZ1608S301A Datasheet HTML 4Page - TDK Electronics MMZ1608S301A Datasheet HTML 5Page - TDK Electronics MMZ1608S301A Datasheet HTML 6Page - TDK Electronics MMZ1608S301A Datasheet HTML 7Page - TDK Electronics MMZ1608S301A Datasheet HTML 8Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
(4/8)
012-01 / 20100324 / e9412_mmz1608.fm
• All specifications are subject to change without notice.
TYPICAL ELECTRICAL CHARACTERISTICS
Z, X, R vs. FREQUENCY CHARACTERISTICS
MMZ1608R601A
MMZ1608R102A
MMZ1608S400A
MMZ1608S800A
MMZ1608S121A
MMZ1608S181A
MMZ1608S221A
MMZ1608S301A
MMZ1608S471A
MMZ1608S601A
MMZ1608S102A
MMZ1608S202A
1
10
100
1000
10000
Frequency(MHz)
1200
1000
800
600
400
200
0
Z
R
X
1
10
100
1000
10000
Frequency(MHz)
1
Z
R
X
0
10
20
30
40
50
60
1000
800
600
400
200
0
1
10
100
1000
10000
Frequency(MHz)
Z
R
X
1
10
100
1000
10000
Frequency(MHz)
200
100
50
150
0
Z
R
X
10
100
1000
10000
Frequency(MHz)
0
50
100
150
200
250
300
R
Z
X
1
10
100
1000
10000
Frequency(MHz)
Z
R
X
0
20
40
60
80
100
120
1
10
100
1000
10000
Frequency(MHz)
Z
R
X
0
100
200
300
400
0
50
100
150
200
250
300
1
10
100
1000
10000
Frequency(MHz)
Z
R
X
0
100
200
300
400
500
600
1
10
100
1000
10000
Frequency(MHz)
Z
R
X
1
10
100
1000
10000
Frequency(MHz)
800
600
400
200
0
X
Z
R
1
10
100
1000
10000
Frequency(MHz)
1200
1000
800
600
400
200
0
Z
R
X
0
500
1000
1500
2000
2500
1
10
100
1000
10000
Frequency(MHz)
Z
R
X


Similar Part No. - MMZ1608S301A

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MMZ1608S301A TDK-MMZ1608S301A Datasheet
98Kb / 6P
   Chip Beads(SMD) For Signal Line
MMZ1608S301ATA00 TDK-MMZ1608S301ATA00 Datasheet
263Kb / 14P
   Chip Beads For general signal line
More results

Similar Description - MMZ1608S301A

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MMZ1005 TDK-MMZ1005_09 Datasheet
115Kb / 3P
   Chip Beads(SMD) For Signal Line
MMZ2012R150A TDK-MMZ2012R150A Datasheet
104Kb / 4P
   Chip Beads(SMD) For Signal Line
MMZ1608R601CTAH0 TDK-MMZ1608R601CTAH0 Datasheet
98Kb / 6P
   Chip Beads(SMD) For Signal Line
TDK_MMZ-2 TDK-TDK_MMZ-2 Datasheet
112Kb / 4P
   Chip Beads(SMD) For Signal Line
MZA1210 TDK-MZA1210 Datasheet
54Kb / 2P
   Chip Beads(SMD Array) For General Signal Line
MMZ2012Y202B TDK-MMZ2012Y202B Datasheet
915Kb / 29P
   Chip Beads For signal line
MCZ1210-T TDK-MCZ1210-T Datasheet
48Kb / 2P
   Chip Beads(SMD Array) For Audio Signal Line
MZA1608 TDK-MZA1608 Datasheet
52Kb / 2P
   Chip Beads(SMD Array) For General Signal Line
MCZ1210-D TDK-MCZ1210-D Datasheet
54Kb / 3P
   Chip Beads(SMD Array) For Audio USB1.1 Signal Line
MMZ0603 TDK-MMZ0603 Datasheet
270Kb / 6P
   Chip beads For general signal line
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com