Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT91SAM9G20-CU Datasheet(PDF) 8 Page - ATMEL Corporation

Part # AT91SAM9G20-CU
Description  AT91 ARM Thumb Microcontrollers
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM9G20-CU Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button AT91SAM9G20-CU Datasheet HTML 4Page - ATMEL Corporation AT91SAM9G20-CU Datasheet HTML 5Page - ATMEL Corporation AT91SAM9G20-CU Datasheet HTML 6Page - ATMEL Corporation AT91SAM9G20-CU Datasheet HTML 7Page - ATMEL Corporation AT91SAM9G20-CU Datasheet HTML 8Page - ATMEL Corporation AT91SAM9G20-CU Datasheet HTML 9Page - ATMEL Corporation AT91SAM9G20-CU Datasheet HTML 10Page - ATMEL Corporation AT91SAM9G20-CU Datasheet HTML 11Page - ATMEL Corporation AT91SAM9G20-CU Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
8
6384DS–ATARM–13-Jan-10
AT91SAM9G20 Summary
Timer/Counter - TCx
TCLKx
TC Channel x External Clock Input
Input
TIOAx
TC Channel x I/O Line A
I/O
TIOBx
TC Channel x I/O Line B
I/O
Serial Peripheral Interface - SPIx_
SPIx_MISO
Master In Slave Out
I/O
SPIx_MOSI
Master Out Slave In
I/O
SPIx_SPCK
SPI Serial Clock
I/O
SPIx_NPCS0
SPI Peripheral Chip Select 0
I/O
Low
SPIx_NPCS1-SPIx_NPCS3
SPI Peripheral Chip Select
Output
Low
Two-Wire Interface
TWD
Two-wire Serial Data
I/O
TWCK
Two-wire Serial Clock
I/O
USB Host Port
HDPA
USB Host Port A Data +
Analog
HDMA
USB Host Port A Data -
Analog
HDPB
USB Host Port B Data +
Analog
HDMB
USB Host Port B Data -
Analog
USB Device Port
DDM
USB Device Port Data -
Analog
DDP
USB Device Port Data +
Analog
Ethernet 10/100
ETXCK
Transmit Clock or Reference Clock
Input
MII only, REFCK in RMII
ERXCK
Receive Clock
Input
MII only
ETXEN
Transmit Enable
Output
ETX0-ETX3
Transmit Data
Output
ETX0-ETX1 only in RMII
ETXER
Transmit Coding Error
Output
MII only
ERXDV
Receive Data Valid
Input
RXDV in MII, CRSDV in RMII
ERX0-ERX3
Receive Data
Input
ERX0-ERX1 only in RMII
ERXER
Receive Error
Input
ECRS
Carrier Sense and Data Valid
Input
MII only
ECOL
Collision Detect
Input
MII only
EMDC
Management Data Clock
Output
EMDIO
Management Data Input/Output
I/O
Table 3-1.
Signal Description List (Continued)
Signal Name
Function
Type
Active
Level
Comments


Similar Part No. - AT91SAM9G20-CU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91SAM9G20-CU ATMEL-AT91SAM9G20-CU Datasheet
744Kb / 39P
   AT91 ARM Thumb Microcontrollers
AT91SAM9G20-CU ATMEL-AT91SAM9G20-CU Datasheet
996Kb / 42P
   AT91 ARM Thumb Microcontrollers
AT91SAM9G20-CU ATMEL-AT91SAM9G20-CU Datasheet
12Mb / 832P
   AT91 ARM Thumb Microcontrollers
More results

Similar Description - AT91SAM9G20-CU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91M42800 ATMEL-AT91M42800 Datasheet
335Kb / 20P
   AT91 ARM Thumb Microcontrollers
AT91C140 ATMEL-AT91C140_05 Datasheet
2Mb / 174P
   AT91 ARM Thumb Microcontrollers
AT91M40400 ATMEL-AT91M40400_99 Datasheet
1Mb / 116P
   AT91 ARM Thumb Microcontrollers
AT91SAM9260 ATMEL-AT91SAM9260 Datasheet
910Kb / 45P
   AT91 ARM Thumb Microcontrollers
AT91FR40162 ATMEL-AT91FR40162 Datasheet
250Kb / 22P
   AT91 ARM Thumb Microcontrollers
AT91SAM9G20 ATMEL-AT91SAM9G20_1 Datasheet
12Mb / 832P
   AT91 ARM Thumb Microcontrollers
AT91SAM9G20 ATMEL-AT91SAM9G20_09 Datasheet
996Kb / 42P
   AT91 ARM Thumb Microcontrollers
AT91R40807 ATMEL-AT91R40807_02 Datasheet
221Kb / 19P
   AT91 ARM Thumb Microcontrollers
AT91M40800 ATMEL-AT91M40800_1 Datasheet
1Mb / 153P
   AT91 ARM Thumb Microcontrollers
AT91M42800A ATMEL-AT91M42800A_06 Datasheet
2Mb / 224P
   AT91 ARM Thumb Microcontrollers
AT91SAM9XE128 ATMEL-AT91SAM9XE128_10 Datasheet
1Mb / 48P
   AT91 ARM Thumb Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com