Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT91SAM9G20 Datasheet(PDF) 5 Page - ATMEL Corporation

Part # AT91SAM9G20
Description  AT91 ARM Thumb Microcontrollers
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM9G20 Datasheet(HTML) 5 Page - ATMEL Corporation

  AT91SAM9G20 Datasheet HTML 1Page - ATMEL Corporation AT91SAM9G20 Datasheet HTML 2Page - ATMEL Corporation AT91SAM9G20 Datasheet HTML 3Page - ATMEL Corporation AT91SAM9G20 Datasheet HTML 4Page - ATMEL Corporation AT91SAM9G20 Datasheet HTML 5Page - ATMEL Corporation AT91SAM9G20 Datasheet HTML 6Page - ATMEL Corporation AT91SAM9G20 Datasheet HTML 7Page - ATMEL Corporation AT91SAM9G20 Datasheet HTML 8Page - ATMEL Corporation AT91SAM9G20 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 42 page
background image
5
6384DS–ATARM–13-Jan-10
AT91SAM9G20 Summary
3.
Signal Description
Table 3-1.
Signal Description List (Continued)
Signal Name
Function
Type
Active
Level
Comments
Power Supplies
VDDIOM
EBI I/O Lines Power Supply
Power
1.65V to 1.95V or 3.0V to 3.6V
VDDIOP
Peripherals I/O Lines Power Supply
Power
1.65V to 3.6V
VDDBU
Backup I/O Lines Power Supply
Power
0.9V to 1.1V
VDDANA
Analog Power Supply
Power
3.0V to 3.6V
VDDPLL
PLL Power Supply
Power
0.9V to 1.1V
VDDOSC
Oscillator Power Supply
Power
1.65V to 3.6V
VDDCORE
Core Chip Power Supply
Power
0.9V to 1.1V
VDDUSB
USB Power Supply
Power
1.65V to 3.6V
GND
Ground
Ground
GNDANA
Analog Ground
Ground
GNDBU
Backup Ground
Ground
GNDUSB
USB Ground
Ground
GNDPLL
PLL Ground
Ground
Clocks, Oscillators and PLLs
XIN
Main Oscillator Input
Input
XOUT
Main Oscillator Output
Output
XIN32
Slow Clock Oscillator Input
Input
XOUT32
Slow Clock Oscillator Output
Output
OSCSEL
Slow Clock Oscillator Selection
Input
Accepts between 0V and
VDDBU.
PCK0 - PCK1
Programmable Clock Output
Output
Shutdown, Wakeup Logic
SHDN
Shutdown Control
Output
WKUP
Wake-up Input
Input
Accepts between 0V and
VDDBU.
ICE and JTAG
NTRST
Test Reset Signal
Input
Low
Pull-up resistor
TCK
Test Clock
Input
No pull-up resistor
TDI
Test Data In
Input
No pull-up resistor
TDO
Test Data Out
Output
TMS
Test Mode Select
Input
No pull-up resistor
JTAGSEL
JTAG Selection
Input
Pull-down resistor. Accepts
between 0V and VDDBU.
RTCK
Return Test Clock
Output


Similar Part No. - AT91SAM9G20

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91SAM9G20 ATMEL-AT91SAM9G20 Datasheet
744Kb / 39P
   AT91 ARM Thumb Microcontrollers
AT91SAM9G20 ATMEL-AT91SAM9G20 Datasheet
12Mb / 832P
   AT91 ARM Thumb Microcontrollers
AT91SAM9G20-CU ATMEL-AT91SAM9G20-CU Datasheet
744Kb / 39P
   AT91 ARM Thumb Microcontrollers
AT91SAM9G20-CU ATMEL-AT91SAM9G20-CU Datasheet
996Kb / 42P
   AT91 ARM Thumb Microcontrollers
AT91SAM9G20-CU ATMEL-AT91SAM9G20-CU Datasheet
12Mb / 832P
   AT91 ARM Thumb Microcontrollers
More results

Similar Description - AT91SAM9G20

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91M42800 ATMEL-AT91M42800 Datasheet
335Kb / 20P
   AT91 ARM Thumb Microcontrollers
AT91C140 ATMEL-AT91C140_05 Datasheet
2Mb / 174P
   AT91 ARM Thumb Microcontrollers
AT91M40400 ATMEL-AT91M40400_99 Datasheet
1Mb / 116P
   AT91 ARM Thumb Microcontrollers
AT91SAM9260 ATMEL-AT91SAM9260 Datasheet
910Kb / 45P
   AT91 ARM Thumb Microcontrollers
AT91FR40162 ATMEL-AT91FR40162 Datasheet
250Kb / 22P
   AT91 ARM Thumb Microcontrollers
AT91SAM9G20 ATMEL-AT91SAM9G20_1 Datasheet
12Mb / 832P
   AT91 ARM Thumb Microcontrollers
AT91SAM9G20 ATMEL-AT91SAM9G20_09 Datasheet
996Kb / 42P
   AT91 ARM Thumb Microcontrollers
AT91R40807 ATMEL-AT91R40807_02 Datasheet
221Kb / 19P
   AT91 ARM Thumb Microcontrollers
AT91M40800 ATMEL-AT91M40800_1 Datasheet
1Mb / 153P
   AT91 ARM Thumb Microcontrollers
AT91M42800A ATMEL-AT91M42800A_06 Datasheet
2Mb / 224P
   AT91 ARM Thumb Microcontrollers
AT91SAM9XE128 ATMEL-AT91SAM9XE128_10 Datasheet
1Mb / 48P
   AT91 ARM Thumb Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com