Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VRBG5614S Datasheet(PDF) 5 Page - STANLEY ELECTRIC CO.,LTD.

Part # VRBG5614S
Description  Bi-color ?5 Round Shape Type
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

VRBG5614S Datasheet(HTML) 5 Page - STANLEY ELECTRIC CO.,LTD.

  VRBG5614S Datasheet HTML 1Page - STANLEY ELECTRIC CO.,LTD. VRBG5614S Datasheet HTML 2Page - STANLEY ELECTRIC CO.,LTD. VRBG5614S Datasheet HTML 3Page - STANLEY ELECTRIC CO.,LTD. VRBG5614S Datasheet HTML 4Page - STANLEY ELECTRIC CO.,LTD. VRBG5614S Datasheet HTML 5Page - STANLEY ELECTRIC CO.,LTD. VRBG5614S Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. VRBG5614S Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. VRBG5614S Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. VRBG5614S Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Luminous Intensity Rank
Page 5
Please contact our sales staff concerning rank designation.
2004.10.29
Bi-color φ5 Round Shape Type
5614S Series
(Ta=25℃)
MIN. MAX. MIN. MAX. MIN. MAX. MIN. MAX. MIN. MAX. MIN. MAX.
AA
8.0 22.4 15.0 42.01542154225
701542
AB
16.0 44.8 15.0 42.0
30
84
15
42
50
140
15
42
BA
8.0 22.4 30.0 84.01542308425
703084
BB
16.0 44.8 30.0 84.0
30
84
30
84
50
140
30
84
PG
VR
Condition
IF = 20mA
Rank
VR
VRBG5614S
BG
IV( mcd)
VRPY5614S
PY
VR
VRPG5614S


Similar Part No. - VRBG5614S

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
VRBG5614S STANLEY-VRBG5614S Datasheet
1Mb / 18P
   Bi-color ?5 Round Shape Type
VRBG5614S STANLEY-VRBG5614S_12 Datasheet
1Mb / 18P
   Bi-color ?5 Round Shape Type
More results

Similar Description - VRBG5614S

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
VRBG5614S STANLEY-VRBG5614S_12 Datasheet
1Mb / 18P
   Bi-color ?5 Round Shape Type
VRPG3312X STANLEY-VRPG3312X Datasheet
1Mb / 18P
   Bi-color 3 Round Shape Type
WR5004X STANLEY-WR5004X_10 Datasheet
131Kb / 10P
   Single Color ?5 Round Shape Type
WR5006X STANLEY-WR5006X_10 Datasheet
132Kb / 10P
   Single Color ?5 Round Shape Type
BG5305S STANLEY-BG5305S Datasheet
432Kb / 33P
   Single Color ?5 Round Shape Type
WR5006X STANLEY-WR5006X Datasheet
132Kb / 10P
   Single Color 5 Round Shape Type
WR5005S STANLEY-WR5005S_10 Datasheet
132Kb / 10P
   Single Color ?5 Round Shape Type
WR5004X STANLEY-WR5004X Datasheet
131Kb / 10P
   Single Color 5 Round Shape Type
5335S STANLEY-5335S Datasheet
413Kb / 33P
   Single Color ?5 Round Shape Type
KR5004X STANLEY-KR5004X Datasheet
187Kb / 12P
   Single Color ?5 Round Shape Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com