Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBRS1540T3 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MBRS1540T3
Description  Surface Mount Schottky Power Rectifier SMB Power Surface Mount Package
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBRS1540T3 Datasheet(HTML) 2 Page - ON Semiconductor

  MBRS1540T3 Datasheet HTML 1Page - ON Semiconductor MBRS1540T3 Datasheet HTML 2Page - ON Semiconductor MBRS1540T3 Datasheet HTML 3Page - ON Semiconductor MBRS1540T3 Datasheet HTML 4Page - ON Semiconductor MBRS1540T3 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MBRS1540T3
http://onsemi.com
2
THERMAL CHARACTERISTICS
Characteristic
Symbol
Value
Unit
Thermal Resistance,
Junction−to−Lead (Note 1)
Thermal Resistance,
Junction−to−Ambient (Note 2)
RqJL
RqJA
24
80
°C/W
ELECTRICAL CHARACTERISTICS
Maximum Instantaneous Forward Voltage (Note 3)
(iF = 1.5 A)
see Figure 2
(iF = 3.0 A)
vF
TJ = 25°C
TJ = 125°C
V
0.46
0.54
0.39
0.54
Maximum Instantaneous Reverse Current (Note 3)
(VR = 40 V)
see Figure 4
(VR = 20 V)
IR
TJ = 25°C
TJ = 100°C
mA
0.8
0.1
5.7
1.6
1. Mounted with minimum recommended pad size, PC Board FR4.
2. 1 inch square pad size (1 x 0.5 inch for each lead) on FR4 board.
3. Pulse Test: Pulse Width
≤ 250 ms, Duty Cycle ≤ 2.0%.


Similar Part No. - MBRS1540T3

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MBRS1540T3 MOTOROLA-MBRS1540T3 Datasheet
140Kb / 4P
   Surface Mount Schottky Power Rectifier
More results

Similar Description - MBRS1540T3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SS22T3G ONSEMI-SS22T3G_V01 Datasheet
201Kb / 6P
   Surface Mount Schottky Power Rectifier SMB Power Surface Mount Package
March, 2020 - Rev. 8
MBRS2040LT3G ONSEMI-MBRS2040LT3G Datasheet
307Kb / 6P
   Surface Mount Schottky Power Rectifier SMB Power Surface Mount Package
December, 2019 - Rev. 6
logo
Motorola, Inc
MBRS240LT3 MOTOROLA-MBRS240LT3 Datasheet
121Kb / 4P
   Surface Mount Schottky Power Rectifier(SMB Power Surface Mount Package)
MBRS2040LT3 MOTOROLA-MBRS2040LT3 Datasheet
134Kb / 4P
   Surface Mount Schottky Power Rectifier(SMB Power Surface Mount Package)
logo
ON Semiconductor
NRVBA2H100T3G ONSEMI-NRVBA2H100T3G Datasheet
120Kb / 7P
   Surface Mount Schottky Power Rectifier SMA/SMB Power Surface Mount Package
December, 2012 ??Rev. 8
MBRS2H100T3G ONSEMI-MBRS2H100T3G_09 Datasheet
141Kb / 8P
   Surface Mount Schottky Power Rectifier SMA/SMB Power Surface Mount Package
March, 2009 ??Rev. 5
MBRS2H100T3G ONSEMI-MBRS2H100T3G_V01 Datasheet
245Kb / 8P
   Surface Mount Schottky Power Rectifier SMA/SMB Power Surface Mount Package
January, 2022 - Rev. 14
logo
Motorola, Inc
MBRS140LT3 MOTOROLA-MBRS140LT3 Datasheet
139Kb / 4P
   Surface Mount Schottky Power Rectifier(SMB Power Mount Power Package)
logo
ON Semiconductor
MBRA1H100T3G ONSEMI-MBRA1H100T3G Datasheet
122Kb / 5P
   Surface Mount Schottky Power Rectifier SMA Power Surface Mount Package
January, 2012 ??Rev. 2
MBRA340T3 ONSEMI-MBRA340T3_06 Datasheet
54Kb / 5P
   Surface Mount Schottky Power Rectifier SMA Power Surface Mount Package
October, 2006 ??Rev. 4
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com