Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBRB2060CTT4 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MBRB2060CTT4
Description  SWITCHMODE Power Rectifiers TO??20/D2PAK Surface Mount Power Package
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBRB2060CTT4 Datasheet(HTML) 1 Page - ON Semiconductor

  MBRB2060CTT4 Datasheet HTML 1Page - ON Semiconductor MBRB2060CTT4 Datasheet HTML 2Page - ON Semiconductor MBRB2060CTT4 Datasheet HTML 3Page - ON Semiconductor MBRB2060CTT4 Datasheet HTML 4Page - ON Semiconductor MBRB2060CTT4 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© Semiconductor Components Industries, LLC, 2009
September, 2009 − Rev. 8
1
Publication Order Number:
MBRB2060CT/D
MBRB2060CT, MBR2060CT
SWITCHMODEt
Power Rectifiers
TO−220/D2PAK Surface Mount Power
Package
These state−of−the−art devices employ the use of the Schottky
Barrier principle with a platinum barrier metal.
Features
Package Designed for Power Surface Mount Applications (D2PAK)
Center−Tap Configuration (D2PAK)
Guardring for Stress Protection
Low Forward Voltage
175°C Operating Junction Temperature
Epoxy Meets UL 94 V−0 @ 0.125 in
Short Heat Sink Tab Manufactured − Not Sheared (D2PAK)
Similar in Size to Industry Standard TO−220 Package
Pb−Free Packages are Available
Mechanical Characteristics:
Case: Epoxy, Molded, Epoxy Meets UL 94 V−0
Weight: 1.7 Grams (Approximately) − D2PAK,
1.9 Grams (Approximately) − TO−220
Finish: All External Surfaces Corrosion Resistant and Terminal
Leads are Readily Solderable
Lead and Mounting Surface Temperature for Soldering Purposes:
260
°C Max. for 10 Seconds (D2PAK)
Device Meets MSL1 Requirements (D2PAK)
ESD Ratings: Machine Model, C (>400 V)
Human Body Model, 3B (>8000 V)
MAXIMUM RATINGS (Per Leg)
Rating
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
60
V
Average Rectified Forward Current
(Rated VR, TC = 110°C) Total Device
IF(AV)
10
20
A
Peak Repetitive Forward Current
(Rated VR, Square Wave,
20 kHz, TC = 100°C)
IFRM
20
A
Non−Repetitive Peak Surge Current
(Surge Applied at Rated Load Conditions
Halfwave, Single Phase, 60 Hz)
IFSM
150
A
Peak Repetitive Reverse Surge Current
(2.0 ms, 1.0 kHz)
IRRM
0.5
A
Storage Temperature Range
Tstg
−65 to +175
°C
Operating Junction Temperature (Note 1)
TJ
−65 to +175
°C
Voltage Rate of Change (Rated VR)
dv/dt
10,000
V/ms
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
1. The heat generated must be less than the thermal conductivity from
Junction−to−Ambient: dPD/dTJ < 1/RqJA.
SCHOTTKY BARRIER
RECTIFIERS
20 AMPERES, 60 VOLTS
1
3
4
http://onsemi.com
See detailed ordering and shipping information in the package
dimensions section on page 2 of this data sheet.
ORDERING INFORMATION
D2PAK
CASE 418B
STYLE 3
3
4
1
MARKING DIAGRAMS
B2060G
AKA
A
= Assembly Location
Y
= Year
WW
= Work Week
B2060
= Device Code
G
= Pb−Free Package
AKA
= Diode Polarity
AY WW
TO−220AB
CASE 221A
STYLE 6
3
4
1
2
AY WW
B2060G
AKA


Similar Part No. - MBRB2060CTT4

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRB2060CTT4G ONSEMI-MBRB2060CTT4G Datasheet
97Kb / 5P
   Switch-mode Power Rectifiers
September, 2014 ??Rev. 10
More results

Similar Description - MBRB2060CTT4

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MBRB2515L MOTOROLA-MBRB2515L Datasheet
101Kb / 6P
   SWITCHMODE??Power Rectifier D2PAK Surface Mount Power Package
MBRB20100CT MOTOROLA-MBRB20100CT Datasheet
105Kb / 6P
   SWITCHMODE??Power Rectifier D2PAK Surface Mount Power Package
logo
ON Semiconductor
MBRB20100CT ONSEMI-MBRB20100CT Datasheet
61Kb / 4P
   SWITCHMODE??Power Rectifier D2PAK Surface Mount Power Package
February, 2006 ??Rev. 6
logo
Motorola, Inc
MBRB2545CT MOTOROLA-MBRB2545CT Datasheet
109Kb / 6P
   SWITCHMODE??Power Rectifier D2PAK Surface Mount Power Package
MBRB1545CT MOTOROLA-MBRB1545CT Datasheet
110Kb / 6P
   SWITCHMODE??Power Rectifier D2PAK Surface Mount Power Package
logo
ON Semiconductor
MBRB2535CTL ONSEMI-MBRB2535CTL Datasheet
61Kb / 5P
   SWITCHMODE??Power Rectifier D2PAK Surface Mount Power Package
January, 2007 ??Rev. 6
logo
Motorola, Inc
MBRB2535CTL MOTOROLA-MBRB2535CTL Datasheet
105Kb / 6P
   SWITCHMODE??Power Rectifier D2PAK Surface Mount Power Package
logo
ON Semiconductor
MBRB2545CT ONSEMI-MBRB2545CT Datasheet
61Kb / 5P
   SWITCHMODE Power Rectifier D2PAK Surface Mount Power Package
March, 2007 ??Rev. 10
MURB1620CTG ONSEMI-MURB1620CTG Datasheet
106Kb / 5P
   SWITCHMODE Power Rectifier D2PAK Power Surface Mount Package
November, 2012 ??Rev. 7
logo
Motorola, Inc
MBRD1035CTL MOTOROLA-MBRD1035CTL Datasheet
158Kb / 6P
   SWITCHMODE??Schottky Rectifier D2PAK Power Surface Mount Package
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com