Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

744242101 Datasheet(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 744242101
Description  COMMON MODE SMD LINE FILTER WE-SLM
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

744242101 Datasheet(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  744242101 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 744242101 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 744242101 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
744242101
Bezeichnung :
description :
A
6,00 ± 0,3
mm
B
5,00 ± 0,3
mm
C
3,30 ± 0,3
mm
D
3,30 ± 0,2
mm
E
3,10 typ.
mm
F
1,27 typ.
mm
G
mm
H
mm
Eigenschaften /
properties
Wert / value
Einheit / unit
tol.
Induktivität /
inductance
DC-Widerstand /
DC-resistance
Nennstrom /
rated current
Impedanz /
impedance
Nennspannung /
rated voltage
33%
+20°C
250VAC
MST
Version 3
06-02-08
MST
Version 2
06-01-03
MST
Version 1
05-07-28
Name
Änderung / modification
Datum / date
Betriebstemp. / operating temperature:
-40°C - +125°C
Umgebungstemp. / ambient temperature: -40°C - +85°C
UDC
80
VDC
max.
HP 4191 B für/for Z und/and material
HP 34401 A für/for R
DC und/and IDC
Kunde / customer
Freigabe erteilt / general release:
C Lötpad / soldering spec.:
B Elektrische Eigenschaften / electrical properties:
E Testbedingungen / test conditions:
High-Pot Test (60Hz;3mA;1min.)
Luftfeuchtigkeit / humidity:
Umgebungstemperatur / temperature:
G Eigenschaften / general specifications:
Gehäuse / Housing:
Class F
UL94-V0
Ferrit / ferrite
Basismaterial / base material:
Spezifikation für Freigabe / specification for release
DATUM / DATE : 2006-02-08
max.
mA
Datum / date
...........................................................................
Unterschrift / signature
F Werkstoffe & Zulassungen / material & approvals:
Kontrolliert / approved
Testbedingungen /
test conditions
Würth Elektronik eiSos GmbH & Co. KG
D-74638 Waldenburg · Max-Eyth-Strasse 1 - 3 · Germany · Telefon (+49) (0) 7942 - 945 - 0 · Telefax (+49) (0) 7942 - 945 - 400
Geprüft / checked
4000
Z max
Ω
A Mechanische Abmessungen / dimensions:
Kunde / customer :
STROMKOMP. SMD LINE FILTER WE-SLM
COMMON MODE SMD LINE FILTER WE-SLM
Artikelnummer / part number :
D Prüfgeräte / test equipment:
0.58
+50/-30%
100
Ω
µH
300
...........................................................................
..................................................................................
..................................................................................
Würth Elektronik
It is recommended that the temperature of the part does
not exceed 125°C under worst case operating conditions.
Draht / wire:
∆T= 40K
0,1V / 100KHz
typ.
RDC
L1-4;2-3
max.
IDC
3
4
= = = = =
1
2
A
B
CD
E
F
2,7
6,4
1,27
0,6
2
34
SEITE 1 VON 3


Similar Part No. - 744242101

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
744242110 WURTH-744242110 Datasheet
101Kb / 3P
   COMMON MODE SMD LINE FILTER WE-SLM
More results

Similar Description - 744242101

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
744242110 WURTH-744242110 Datasheet
101Kb / 3P
   COMMON MODE SMD LINE FILTER WE-SLM
744242220 WURTH-744242220 Datasheet
101Kb / 3P
   COMMON MODE SMD LINE FILTER WE-SLM
744242510 WURTH-744242510 Datasheet
102Kb / 3P
   COMMON MODE SMD LINE FILTER WE-SLM
744242330 WURTH-744242330 Datasheet
102Kb / 3P
   COMMON MODE SMD LINE FILTER WE-SLM
744242471 WURTH-744242471 Datasheet
102Kb / 3P
   COMMON MODE SMD LINE FILTER WE-SLM
744235101 WURTH-744235101 Datasheet
1Mb / 6P
   WE-CNSW SMD Common Mode Line Filter
744290121 WURTH-744290121 Datasheet
1Mb / 6P
   WE-UCF SMD Common Mode Line Filter
744290130 WURTH-744290130 Datasheet
1Mb / 6P
   WE-UCF SMD Common Mode Line Filter
744272221 WURTH-744272221 Datasheet
130Kb / 3P
   COMMON MODE SMD LINE FILTER WE-SL5
744205 WURTH-744205 Datasheet
1Mb / 6P
   WE-SL SMD Common Mode Line Filter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com