Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBR3045WT Datasheet(PDF) 2 Page - ON Semiconductor

Part # MBR3045WT
Description  SWITCHMODE Power Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBR3045WT Datasheet(HTML) 2 Page - ON Semiconductor

  MBR3045WT Datasheet HTML 1Page - ON Semiconductor MBR3045WT Datasheet HTML 2Page - ON Semiconductor MBR3045WT Datasheet HTML 3Page - ON Semiconductor MBR3045WT Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MBR3045WT
http://onsemi.com
2
THERMAL CHARACTERISTICS (Per Diode)
Rating
Symbol
Max
Unit
Thermal Resistance, Junction−to−Case
Junction−to−Ambient
RqJC
RqJA
1.4
40
°C/W
ELECTRICAL CHARACTERISTICS (Per Diode)
Instantaneous Forward Voltage (Note 2)
(iF = 20 Amps, TC = 125°C)
(iF = 30 Amps, TC = 125°C)
(iF = 30 Amps, TC = 25°C)
vF
0.6
0.72
0.76
V
Instantaneous Reverse Current (Note 2)
(Rated dc Voltage, TC = 125°C)
(Rated dc Voltage, TC = 25°C)
iR
100
1.0
mA
2. Pulse Test: Pulse Width = 300 ms, Duty Cycle ≤ 2.0%.
0
vF, INSTANTANEOUS FORWARD VOLTAGE (VOLTS)
10
0.1
VR, REVERSE VOLTAGE (VOLTS)
20
0
0.1
0.01
10
0.2
0.4
0.6
100
5.0
50
1.0
0.8
1.4
Figure 1. Typical Forward Voltage
Figure 2. Typical Reverse Current
15
30
25
35
50
30
20
100
10
1.0
1.2
1.0
5.0
3.0
2.0
0.5
0.3
0.2
TJ = 150°C
25
°C
40
45
TJ = 150°C
25
°C
125
°C
100
°C
75
°C


Similar Part No. - MBR3045WT

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBR3045WT MCC-MBR3045WT Datasheet
1Mb / 2P
   30 Amp Schottky Barrier Rectifier 20 to 60 Volts
logo
Vishay Siliconix
MBR3045WT VISHAY-MBR3045WT Datasheet
113Kb / 6P
   Schottky Rectifier, 2 x 15 A
Revision: 21-Aug-08
logo
Digitron Semiconductors
MBR3045WT DIGITRON-MBR3045WT Datasheet
204Kb / 2P
   30A SCHOTTKY RECTIFIER
logo
Sangdest Microelectroni...
MBR3045WT SMC-MBR3045WT Datasheet
386Kb / 7P
   SCHOTTKY RECTIFIER
logo
Inchange Semiconductor ...
MBR3045WT ISC-MBR3045WT Datasheet
249Kb / 2P
   Schottky Barrier Rectifier
More results

Similar Description - MBR3045WT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBR3045PT ONSEMI-MBR3045PT Datasheet
64Kb / 4P
   SWITCHMODE Power Rectifier
February, 2006 ??Rev. 3
MBRD835L ONSEMI-MBRD835L_10 Datasheet
113Kb / 5P
   SWITCHMODE Power Rectifier
July, 2010 ??Rev. 9
MBR3045ST ONSEMI-MBR3045ST_11 Datasheet
106Kb / 5P
   SWITCHMODE??Power Rectifier
January, 2011 ??Rev. 8
MBR7030WT ONSEMI-MBR7030WT_10 Datasheet
123Kb / 4P
   SWITCHMODE Power Rectifier
March, 2010 ??Rev. 3
MURF1660CT ONSEMI-MURF1660CT_07 Datasheet
83Kb / 4P
   SWITCHMODE Power Rectifier
June, 2007 - Rev. 5
MURD620CT ONSEMI-MURD620CT_11 Datasheet
101Kb / 4P
   SWITCHMODE Power Rectifier
January, 2011 ??Rev. 9
NRVBB4030T4G ONSEMI-NRVBB4030T4G Datasheet
144Kb / 6P
   SWITCHMODE Power Rectifier
January, 2012 ??Rev. 7
MBR16100CT ONSEMI-MBR16100CT Datasheet
124Kb / 5P
   SWITCHMODE Power Rectifier
May, 2008 ??Rev. 5
MBRB3030CTL ONSEMI-MBRB3030CTL Datasheet
91Kb / 8P
   SWITCHMODE Power Rectifier
August, 2005 ??Rev. 6
MUR220 ONSEMI-MUR220 Datasheet
52Kb / 6P
   SWITCHMODE Power Rectifier
April, 2003 - Rev. 4
MBRB30H60CT-1G ONSEMI-MBRB30H60CT-1G_12 Datasheet
170Kb / 10P
   SWITCHMODE Power Rectifier
January, 2012 ??Rev. 10
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com