Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBRB3045CT-1 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MBRB3045CT-1
Description  SWITCHMODE??Power Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBRB3045CT-1 Datasheet(HTML) 2 Page - ON Semiconductor

  MBRB3045CT-1 Datasheet HTML 1Page - ON Semiconductor MBRB3045CT-1 Datasheet HTML 2Page - ON Semiconductor MBRB3045CT-1 Datasheet HTML 3Page - ON Semiconductor MBRB3045CT-1 Datasheet HTML 4Page - ON Semiconductor MBRB3045CT-1 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MBR3045ST, MBRB3045CT−1
http://onsemi.com
2
THERMAL CHARACTERISTICS (Per Diode)
Characteristic
Symbol
Value
Unit
Thermal Resistance, Junction to Case
RθJC
1.5
°C/W
ELECTRICAL CHARACTERISTICS (Per Diode)
Instantaneous Forward Voltage (Note 2)
(iF = 15 Amp, TC = 25°C)
(iF = 15 Amp, TC = 125°C)
(iF = 30 Amp, TC = 25°C)
(iF = 30 Amp, TC = 125°C)
vF
0.62
0.57
0.76
0.72
Volts
Instantaneous Reverse Current (Note 2) (VR = 45 Volts, TC = 25°C)
(VR = 45 Volts, TC = 125°C)
IR
0.2
40
mA
2 Pulse Test: Pulse Width = 300 μs, Duty Cycle ≤ 2.0%
Figure 1. Typical Forward Voltage
Figure 2. Typical Reverse Current
0.6
0
vF, INSTANTANEOUS FORWARD VOLTAGE (VOLTS)
1000
10
VR, REVERSE VOLTAGE (VOLTS)
0
0.2
0.04
0.02
0.002
1.0
0.2
0.4
0.8
10
20
30
40
0.1
0.4
1.0
0.1
1.0
50
4.0
2.0
10
20
100
40
200
TJ = 125°C
150°C
25°C
TJ = 150°C
125°C
100°C
100
0.01
0.004
25°C
75°C
1.6
1.2
1.4
1.8


Similar Part No. - MBRB3045CT-1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MBRB3045CT-1P VISHAY-MBRB3045CT-1P Datasheet
128Kb / 6P
   Schottky Rectifier, 2 x 15 A
Revision: 16-Mar-10
MBRB3045CT-1PBF VISHAY-MBRB3045CT-1PBF Datasheet
128Kb / 6P
   Schottky Rectifier, 2 x 15 A
Revision: 16-Mar-10
MBRB3045CT-1TRLP VISHAY-MBRB3045CT-1TRLP Datasheet
128Kb / 6P
   Schottky Rectifier, 2 x 15 A
Revision: 16-Mar-10
MBRB3045CT-1TRLPBF VISHAY-MBRB3045CT-1TRLPBF Datasheet
128Kb / 6P
   Schottky Rectifier, 2 x 15 A
Revision: 16-Mar-10
MBRB3045CT-1TRRP VISHAY-MBRB3045CT-1TRRP Datasheet
128Kb / 6P
   Schottky Rectifier, 2 x 15 A
Revision: 16-Mar-10
More results

Similar Description - MBRB3045CT-1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBR3045PT ONSEMI-MBR3045PT Datasheet
64Kb / 4P
   SWITCHMODE Power Rectifier
February, 2006 ??Rev. 3
MBRD835L ONSEMI-MBRD835L_10 Datasheet
113Kb / 5P
   SWITCHMODE Power Rectifier
July, 2010 ??Rev. 9
MBR3045ST ONSEMI-MBR3045ST_11 Datasheet
106Kb / 5P
   SWITCHMODE??Power Rectifier
January, 2011 ??Rev. 8
MBR7030WT ONSEMI-MBR7030WT_10 Datasheet
123Kb / 4P
   SWITCHMODE Power Rectifier
March, 2010 ??Rev. 3
MURF1660CT ONSEMI-MURF1660CT_07 Datasheet
83Kb / 4P
   SWITCHMODE Power Rectifier
June, 2007 - Rev. 5
MURD620CT ONSEMI-MURD620CT_11 Datasheet
101Kb / 4P
   SWITCHMODE Power Rectifier
January, 2011 ??Rev. 9
NRVBB4030T4G ONSEMI-NRVBB4030T4G Datasheet
144Kb / 6P
   SWITCHMODE Power Rectifier
January, 2012 ??Rev. 7
MBR16100CT ONSEMI-MBR16100CT Datasheet
124Kb / 5P
   SWITCHMODE Power Rectifier
May, 2008 ??Rev. 5
MBRB3030CTL ONSEMI-MBRB3030CTL Datasheet
91Kb / 8P
   SWITCHMODE Power Rectifier
August, 2005 ??Rev. 6
MUR220 ONSEMI-MUR220 Datasheet
52Kb / 6P
   SWITCHMODE Power Rectifier
April, 2003 - Rev. 4
MBRB30H60CT-1G ONSEMI-MBRB30H60CT-1G_12 Datasheet
170Kb / 10P
   SWITCHMODE Power Rectifier
January, 2012 ??Rev. 10
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com