Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM6505ZCAADG6F Datasheet(PDF) 6 Page - STMicroelectronics

Part # STM6505ZCAADG6F
Description  Dual push-button Smart ResetTM with user-adjustable setup delays
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM6505ZCAADG6F Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STM6505ZCAADG6F Datasheet HTML 2Page - STMicroelectronics STM6505ZCAADG6F Datasheet HTML 3Page - STMicroelectronics STM6505ZCAADG6F Datasheet HTML 4Page - STMicroelectronics STM6505ZCAADG6F Datasheet HTML 5Page - STMicroelectronics STM6505ZCAADG6F Datasheet HTML 6Page - STMicroelectronics STM6505ZCAADG6F Datasheet HTML 7Page - STMicroelectronics STM6505ZCAADG6F Datasheet HTML 8Page - STMicroelectronics STM6505ZCAADG6F Datasheet HTML 9Page - STMicroelectronics STM6505ZCAADG6F Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
Description
STM6502, STM6503, STM6504, STM6505
6/29
Doc ID 16101 Rev 5
The STM65xx devices have active-low (optionally active-high) open-drain reset (RST)
output(s) with or without internal pull-up resistor or push-pull as output options, with factory-
programmed or capacitor-adjustable or push-buttons defined output reset pulse duration,
with or without power-on reset function.
Some devices also have an undervoltage monitoring feature: the reset output is also
asserted when the monitored supply voltage VCC drops below the specified threshold. The
reset output remains asserted for the reset timeout period (tREC) after the monitored supply
voltage goes above the specified threshold.
Figure 1.
Logic diagrams
Figure 2.
Pin connections
AM00378
VCC
SR0
RST
VSS
STM6502
SR1
SR0
SR1
SRC
VCC
RST
VSS
STM6503
VCC
RST
VSS
STM6504
SR0
SRE
VCC
BLD
RST
VSS
STM6505
SR1
SR0
SRC
VBAT
TSR
TSR
AM00379
SRC
NC
NC
1
2
3
STM
6502
4
8
7
6
5
RST
VSS
VCC
SR1
SR0
TSR
NC
NC
1
2
3
STM
6503
4
8
7
6
5
RST
VSS
VCC
SR0
SR1
TSR
NC
NC
1
2
3
STM
6504
4
8
7
6
5
RST
VSS
VCC
SRE
SR0
BLD
SRC
VBAT
1
2
3
STM
6505
4
8
7
6
5
RST
VSS
VCC
SR1
SR0


Similar Part No. - STM6505ZCAADG6F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM6510 STMICROELECTRONICS-STM6510 Datasheet
380Kb / 26P
   Dual push-button Smart ResetTM with capacitor-adjustable delays
STM6510LCACDG6F STMICROELECTRONICS-STM6510LCACDG6F Datasheet
380Kb / 26P
   Dual push-button Smart ResetTM with capacitor-adjustable delays
STM6510MCACDG6F STMICROELECTRONICS-STM6510MCACDG6F Datasheet
380Kb / 26P
   Dual push-button Smart ResetTM with capacitor-adjustable delays
STM6510RCACDG6F STMICROELECTRONICS-STM6510RCACDG6F Datasheet
380Kb / 26P
   Dual push-button Smart ResetTM with capacitor-adjustable delays
STM6510SCACDG6F STMICROELECTRONICS-STM6510SCACDG6F Datasheet
380Kb / 26P
   Dual push-button Smart ResetTM with capacitor-adjustable delays
More results

Similar Description - STM6505ZCAADG6F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM6510 STMICROELECTRONICS-STM6510 Datasheet
380Kb / 26P
   Dual push-button Smart ResetTM with capacitor-adjustable delays
STM6513 STMICROELECTRONICS-STM6513 Datasheet
284Kb / 29P
   Dual push-button Smart ResetTM with dual reset outputs and user-selectable setup delay
STM6522 STMICROELECTRONICS-STM6522 Datasheet
303Kb / 25P
   Dual push-button Smart Reset??with capacitor-adjustable setup delay
STM6600 STMICROELECTRONICS-STM6600 Datasheet
1Mb / 51P
   Smart push-button on/off controller with Smart ResetTM and power-on lockout
STM6520 STMICROELECTRONICS-STM6520 Datasheet
263Kb / 23P
   Dual push-button Smart Reset??with push-button controlled output delay
logo
Kinetic Technologies.
KTS1613 KINETIC-KTS1613 Datasheet
403Kb / 9P
   Dual-Input Smart Push-Button Reset IC
November 2018 - Revision 04b
KTS1612 KINETIC-KTS1612 Datasheet
513Kb / 13P
   Smart Push-Button Reset with Two Discharge Paths
November 2018 - Revision 04d
logo
Richtek Technology Corp...
RT9829 RICHTEK-RT9829 Datasheet
147Kb / 9P
   Dual Push-Button Reset
logo
Torex Semiconductor
XC6194 TOREX-XC6194 Datasheet
635Kb / 28P
   1A Output Current Push Button Smart Load Switch
XC6193 TOREX-XC6193 Datasheet
1Mb / 28P
   Push Button Smart Load Switch with 140m廓 internal high-side switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com