Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMV982 Datasheet(PDF) 9 Page - ON Semiconductor

Part # LMV982
Description  Single and Dual Low Voltage, Rail-to-Rail Input and Output, Operational Amplifiers with Shutdown
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LMV982 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button LMV982 Datasheet HTML 5Page - ON Semiconductor LMV982 Datasheet HTML 6Page - ON Semiconductor LMV982 Datasheet HTML 7Page - ON Semiconductor LMV982 Datasheet HTML 8Page - ON Semiconductor LMV982 Datasheet HTML 9Page - ON Semiconductor LMV982 Datasheet HTML 10Page - ON Semiconductor LMV982 Datasheet HTML 11Page - ON Semiconductor LMV982 Datasheet HTML 12Page - ON Semiconductor LMV982 Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
LMV981, LMV982
http://onsemi.com
9
TYPICAL CHARACTERISTICS
(TA = 25°C and VS = 5 V unless otherwise specified)
Figure 2. Supply Current vs. Supply Voltage
Figure 3. Sourcing Current vs. Output Voltage
(TA = 255C)
Figure 4. Sinking Current vs. Output Voltage
(TA = 255C)
OUTPUT VOLTAGE REFERENCED TO VEE (mV)
Figure 5. Output Voltage Swing vs. Supply
Voltage
SUPPLY VOLTAGE (mV)
Figure 6. Output Voltage vs. Supply Voltage
SUPPLY VOLTAGE (mV)
0
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0.09
0.1
1.8
2.2
2.6
3
3.4
3.8
4.2
4.6
5
RL = 600 W
TA = 25°C
VOH
VOL
0
0.002
0.004
0.006
0.008
0.01
0.012
0.014
0.016
0.018
0.02
1.8
2.2
2.6
3
3.4
3.8
4.2
4.6
5
VOH
VOL
RL = 2.0 W
TA = 25°C
VCC = 2.7 V
VCC = 5.0 V
VCC = 1.8 V
0.01
0.1
1
10
100
0.001
0.01
0.1
1.0
10
VCC = 2.7 V
VCC = 5.0 V
VCC = 1.8 V
OUTPUT VOLTAGE REFERENCED TO VCC (mV)
0.01
0.1
1
10
100
0.001
0.01
0.1
1.0
10
0
0.02
0.04
0.06
0.08
0.1
0.12
1.8
2.2
2.6
3
3.4
3.8
4.2
4.6
5
SUPPLY VOLTAGE (V)
25°C
125°C
−40°C
LMV981 (Single)


Similar Part No. - LMV982

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV982 NSC-LMV982 Datasheet
585Kb / 18P
   1.8V, RRIO Operational Amplifiers with Shutdown
logo
Texas Instruments
LMV982 TI-LMV982 Datasheet
611Kb / 22P
[Old version datasheet]   1.8-V OPERATIONAL AMPLIFIERS WITH RAIL-TO-RAIL AND OUTPUT AND SHUTDOWN
LMV982-N TI1-LMV982-N Datasheet
1Mb / 28P
[Old version datasheet]   Dual 1.8V, RRIO Operational Amplifiers
logo
ON Semiconductor
LMV982DMR2G ONSEMI-LMV982DMR2G Datasheet
387Kb / 21P
   Single and Dual Low Voltage, Rail-to-Rail Input and Output
October, 2015 ??Rev. 12
logo
Texas Instruments
LMV982IDGSR TI-LMV982IDGSR Datasheet
611Kb / 22P
[Old version datasheet]   1.8-V OPERATIONAL AMPLIFIERS WITH RAIL-TO-RAIL AND OUTPUT AND SHUTDOWN
More results

Similar Description - LMV982

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LMV931 ONSEMI-LMV931 Datasheet
432Kb / 20P
   Single and Dual Low Voltage, Rail-to-Rail Input and Output, Operational Amplifiers
April, 2010 ??Rev. 6
LMV931 ONSEMI-LMV931_12 Datasheet
366Kb / 18P
   Single and Dual LowVoltage, Rail-to-Rail Input and Output,Operational Amplifiers
August, 2012 ??Rev. 9
logo
Texas Instruments
LMV981 TI1-LMV981_15 Datasheet
1Mb / 26P
[Old version datasheet]   LMV981 SINGLE, LMV982 DUAL 1.8-V OPERATIONAL AMPLIFIERS WITH RAIL-TO-RAIL INPUT AND OUTPUT AND SHUTDOWN
TLV2460-Q1 TI1-TLV2460-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
LMV981 TI-LMV981 Datasheet
611Kb / 22P
[Old version datasheet]   1.8-V OPERATIONAL AMPLIFIERS WITH RAIL-TO-RAIL AND OUTPUT AND SHUTDOWN
TLV341_101 TI-TLV341_101 Datasheet
1Mb / 34P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV341 TI-TLV341_07 Datasheet
719Kb / 24P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV341 TI-TLV341_10 Datasheet
1Mb / 33P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV341 TI-TLV341 Datasheet
685Kb / 24P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
logo
Analog Devices
AD8592ARMZ-REEL AD-AD8592ARMZ-REEL Datasheet
408Kb / 16P
   CMOS Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers with Shutdown
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com