Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FS6128-04G-XTP Datasheet(PDF) 4 Page - ON Semiconductor

Part # FS6128-04G-XTP
Description  PLL Clock Generator IC with VXCO
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FS6128-04G-XTP Datasheet(HTML) 4 Page - ON Semiconductor

  FS6128-04G-XTP Datasheet HTML 1Page - ON Semiconductor FS6128-04G-XTP Datasheet HTML 2Page - ON Semiconductor FS6128-04G-XTP Datasheet HTML 3Page - ON Semiconductor FS6128-04G-XTP Datasheet HTML 4Page - ON Semiconductor FS6128-04G-XTP Datasheet HTML 5Page - ON Semiconductor FS6128-04G-XTP Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
FS6128-04
Table 5: DC Electrical Specifications
Parameter
Symbol
Conditions/Descriptions
Min.
Typ.
Max.
Units
Overall
Supply current, dynamic, with loaded outputs
IDD
fXAL = 13.5MHz; CL = 10pF; VDD = 3.6V
30
mA
Supply current, static
IDD
XIN = 0V; VDD = 3.6V
3
mA
Voltage-Controlled Crystal Oscillator (contact factory for approved crystal sources or other application assistance)
Crystal loading capacitance at center tuning
voltage
CL(xtal)
Order crystal for this capacitance
(parallel load) at desired center
frequency
14
pF
Crystal resonator motional capacitance
C1
Specified motional capacitance of the
crystal will affect pullability (see text)
25
fF
XTUNE effective range
0
3
V
Synthesized load capacitance min.
CL1
@V(XTUNE) = minimum value
10
pF
Synthesized load capacitance max.
CL2
@V(XTUNE) = maximum value
20
pF
VCXO tuning range
fXTAL = 13.5MHz; CL(xtal) = 14pF; C1(xtal)
= 25fF (peak-to-peak)
300
ppm
VCXO tuning characteristic
Note: positive change of XTUNE =
positive change of VCXO frequency
150
ppm/V
Crystal drive level
RXTAL = 20Ω; CL = 20pF
200
μW
Clock Output (CLK)
High-level output source current*
IOH
VO = 2.0V
-40
mA
Low-level output sink current*
IOL
VO = 0.4V
17
mA
Output impedance*
ZOH
ZOL
VO = 0.1VDD; output driving high
VO = 0.1VDD; output driving low
25
25
Short circuit source current*
IOSH
VO = 0V; shorted for 30s, max.
-55
mA
Short circuit sink current*
IOSL
VO = 3.3V; shorted for 30s, max.
55
mA
Note: Unless otherwise stated VDD = 3.3V ±10% no load on any output and ambient temperature range TA = 0°C to 70°C. Parameters denoted with an
asterisk (*) represent nominal characterization data and are not production tested to any specific limits. Where given, MIN and MAX characterization
data are ±3σ from typical. Negative currents indicate current flows out of the device.
Table 6: AC Timing Specifications
Parameter
Symbol
Conditions/Descriptions
Min.
Typ.
Max.
Units
Overall
VCXO stabilization time*
tVCXOSTB
From power valid
10
ms
PLL stabilization time*
tPLLSTB
From VCXO stable
100
μs
Synthesis error
(Unless otherwise noted in frequency table)
0
ppm
Clock Output (CLK)
Duty cycle*
Ratio of high pulse width (as measured from rising edge to next
falling edge at VDD/2) to one clock period
45
55
%
Jitter, period (peak-peak)*
tj(ΔP)
From rising edge to next rising edge at VDD/2, CL = 10pF 200 ps
200
ps
Jitter, long term (σ
γ(τ)
tj(LT)
From 0-500μs at VDD/2, CL = 10pF compared to ideal clock source
100
ps
Rise time*
tr
VDD = 3.3V; VO = 0.3V to 3.0V; CL = 10pF
1.7
ns
Fall time*
tf
VDD = 3.3V; VO = 3.0V to 0.3V; CL = 10pF
1.7
ns
Note: Unless otherwise stated, VDD = 3.3V ±10%, no load on any output, and ambient temperature range TA = 0°C to 70°C. Parameters denoted with an
asterisk (*) represent nominal characterization data and are not production tested to any specific limits. Where given, MIN and MAX characterization
data are ±3σ from typical.
Rev. 2 | Page 4 of 6 | www.onsemi.com


Similar Part No. - FS6128-04G-XTP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FS6128-04 ETC-FS6128-04 Datasheet
65Kb / 7P
   PLL CLOCK GENERATOR IC WITH VCXO
More results

Similar Description - FS6128-04G-XTP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FS6128-07 ONSEMI-FS6128-07 Datasheet
201Kb / 6P
   PLL Clock Generator IC with VXCO
May 2008 ??Rev. 2
logo
List of Unclassifed Man...
FS6128-01 ETC1-FS6128-01 Datasheet
66Kb / 7P
   PLL Clock Generator IC with VCXO
FS6128-07 ETC-FS6128-07 Datasheet
65Kb / 7P
   PLL Clock Generator IC with VCXO
FS6128-04 ETC-FS6128-04 Datasheet
65Kb / 7P
   PLL CLOCK GENERATOR IC WITH VCXO
FS6282 ETC1-FS6282 Datasheet
51Kb / 5P
   DUAL PLL CLOCK GENERATOR IC
FS6217-01 ETC-FS6217-01 Datasheet
18Kb / 1P
   DUAL PLL CLOCK GENERATOR IC
FS6284 ETC2-FS6284 Datasheet
58Kb / 4P
   Dual PLL Clock Generator IC
FS6322-04 ETC1-FS6322-04 Datasheet
64Kb / 7P
   Three-PLL Clock Generator IC
FS6322-05 ETC1-FS6322-05 Datasheet
59Kb / 7P
   Three-PLL Clock Generator IC
FS6322-08 ETC-FS6322-08 Datasheet
62Kb / 7P
   THREE PLL CLOCK GENERATOR IC
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com