Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM6522AAAADG6F Datasheet(PDF) 1 Page - STMicroelectronics

Part # STM6522AAAADG6F
Description  Dual push-button Smart Reset??with capacitor-adjustable setup delay
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM6522AAAADG6F Datasheet(HTML) 1 Page - STMicroelectronics

  STM6522AAAADG6F Datasheet HTML 1Page - STMicroelectronics STM6522AAAADG6F Datasheet HTML 2Page - STMicroelectronics STM6522AAAADG6F Datasheet HTML 3Page - STMicroelectronics STM6522AAAADG6F Datasheet HTML 4Page - STMicroelectronics STM6522AAAADG6F Datasheet HTML 5Page - STMicroelectronics STM6522AAAADG6F Datasheet HTML 6Page - STMicroelectronics STM6522AAAADG6F Datasheet HTML 7Page - STMicroelectronics STM6522AAAADG6F Datasheet HTML 8Page - STMicroelectronics STM6522AAAADG6F Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
May 2010
Doc ID 17045 Rev 2
1/25
1
STM6522
Dual push-button
Smart Resetwith capacitor-adjustable setup delay
Features
Dual Smart Reset™ push-button inputs with
capacitor-adjustable extended reset setup
delay (tSRC)
No power-on reset
Dual RST output, active-low, open-drain
Fixed Smart Reset™ input logic voltage levels
Broad operating voltage range 1.65 V to 5.5 V,
inactive reset output levels valid down to 1.0 V
Low supply current (1.5 µA)
Operating temperature:
industrial grade –40 °C to +85 °C
TDFN8 package: 2 mm x 2 mm x 0.75 mm
RoHS compliant
Applications
Mobile phones, smartphones
e-books
MP3 players
Games
Portable navigation devices
Any application that requires delayed reset
push-button(s) response for improved system
stability
TDFN8 (DG)
2 mm x 2 mm
www.st.com


Similar Part No. - STM6522AAAADG6F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM6520 STMICROELECTRONICS-STM6520 Datasheet
263Kb / 23P
   Dual push-button Smart Reset??with push-button controlled output delay
STM6520AQRRDG9F STMICROELECTRONICS-STM6520AQRRDG9F Datasheet
263Kb / 23P
   Dual push-button Smart Reset??with push-button controlled output delay
STM6524 STMICROELECTRONICS-STM6524 Datasheet
285Kb / 24P
   Integrated test mode
August 2012 Rev 3
More results

Similar Description - STM6522AAAADG6F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM6513 STMICROELECTRONICS-STM6513 Datasheet
284Kb / 29P
   Dual push-button Smart ResetTM with dual reset outputs and user-selectable setup delay
STM6502 STMICROELECTRONICS-STM6502 Datasheet
454Kb / 29P
   Dual push-button Smart ResetTM with user-adjustable setup delays
STM6520 STMICROELECTRONICS-STM6520 Datasheet
263Kb / 23P
   Dual push-button Smart Reset??with push-button controlled output delay
STM6510 STMICROELECTRONICS-STM6510 Datasheet
380Kb / 26P
   Dual push-button Smart ResetTM with capacitor-adjustable delays
logo
Kinetic Technologies.
KTS1613 KINETIC-KTS1613 Datasheet
403Kb / 9P
   Dual-Input Smart Push-Button Reset IC
November 2018 - Revision 04b
logo
SG Micro Corp
SGM800 SGMICRO-SGM800 Datasheet
280Kb / 11P
   Capacitor-Adjustable Reset Timeout Delay
SGM802 SGMICRO-SGM802 Datasheet
291Kb / 12P
   Capacitor-Adjustable Reset Timeout Delay
SGM804 SGMICRO-SGM804 Datasheet
264Kb / 11P
   Capacitor-Adjustable Reset Timeout Delay
logo
Kinetic Technologies.
KTS1612 KINETIC-KTS1612 Datasheet
513Kb / 13P
   Smart Push-Button Reset with Two Discharge Paths
November 2018 - Revision 04d
logo
Richtek Technology Corp...
RT9829 RICHTEK-RT9829 Datasheet
147Kb / 9P
   Dual Push-Button Reset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com