Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EMX1DXV6T1 Datasheet(PDF) 3 Page - ON Semiconductor

Part # EMX1DXV6T1
Description  Dual NPN General Purpose Amplifier Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

EMX1DXV6T1 Datasheet(HTML) 3 Page - ON Semiconductor

  EMX1DXV6T1 Datasheet HTML 1Page - ON Semiconductor EMX1DXV6T1 Datasheet HTML 2Page - ON Semiconductor EMX1DXV6T1 Datasheet HTML 3Page - ON Semiconductor EMX1DXV6T1 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
EMX1DXV6T1, EMX1DXV6T5
http://onsemi.com
3
TYPICAL ELECTRICAL CHARACTERISTICS
Figure 1. IC − VCE
VCE, COLLECTOR VOLTAGE (V)
Figure 2. DC Current Gain
IC, COLLECTOR CURRENT (mA)
Figure 3. Collector Saturation Region
IB, BASE CURRENT (mA)
Figure 4. On Voltage
IC, COLLECTOR CURRENT (mA)
60
0
50
40
30
20
10
0
24
6
8
TA = 25°C
160 mA
140 mA
120 mA
100 mA
80 mA
60 mA
40 mA
IB = 20 mA
1000
0.1
100
10
1
10
100
TA = 25°C
TA = −25°C
TA = 75°C
VCE = 10 V
2
0.01
1.5
1
0.5
0
0.1
1
10
100
TA = 25°C
900
0.2
800
700
600
500
400
300
200
100
0.5
1
5
10
20
40
60
80 100 150 200
TA = 25°C
VCE = 5 V
0
Figure 5. Capacitance
VCB (V)
Figure 6. Capacitance
VEB (V)
20
0
18
16
14
12
10
12
3
4
7
0
6
5
4
3
2
1
10
20
30
40


Similar Part No. - EMX1DXV6T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
EMX1DXV6T1G ONSEMI-EMX1DXV6T1G Datasheet
65Kb / 4P
   Dual NPN General Purpose Amplifier Transistor
April, 2016 ??Rev. 2
More results

Similar Description - EMX1DXV6T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
EMX2DXV6T5 ONSEMI-EMX2DXV6T5 Datasheet
127Kb / 4P
   Dual NPN General Purpose Amplifier Transistor
November, 2005 ??Rev. 2
EMX1DXV6T1G ONSEMI-EMX1DXV6T1G Datasheet
65Kb / 4P
   Dual NPN General Purpose Amplifier Transistor
April, 2016 ??Rev. 2
logo
Intersil Corporation
IT120 INTERSIL-IT120 Datasheet
70Kb / 2P
   Dual NPN General Purpose Amplifier
logo
Micro Commercial Compon...
2N5551 MCC-2N5551 Datasheet
214Kb / 3P
   NPN General Purpose Amplifier Transistor
logo
Pan Jit International I...
BC847BS-AU PANJIT-BC847BS-AU Datasheet
239Kb / 7P
   NPN GENERAL PURPOSE DUAL TRANSISTOR
logo
Unisonic Technologies
PUMX1 UTC-PUMX1 Datasheet
63Kb / 2P
   NPN GENERAL PURPOSE DUAL TRANSISTOR
PUMX1 UTC-PUMX1_08 Datasheet
151Kb / 2P
   NPN GENERAL PURPOSE DUAL TRANSISTOR
PUMX1 UTC-PUMX1_15 Datasheet
164Kb / 3P
   NPN GENERAL PURPOSE DUAL TRANSISTOR
logo
Taiwan Semiconductor Co...
TSC2411D TSC-TSC2411D Datasheet
91Kb / 3P
   General Purpose Dual NPN Transistor
logo
Pan Jit International I...
BC847CSTB6 PANJIT-BC847CSTB6 Datasheet
413Kb / 6P
   DUAL NPN GENERAL PURPOSE TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com