Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

20020316-G221B01LF Datasheet(PDF) 2 Page - FCI connector

Part # 20020316-G221B01LF
Description  TERMINAL BLOCK FIXED HORIZONTAL
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI-CONNECTOR [FCI connector]
Direct Link  http://www.fciconnect.com
Logo FCI-CONNECTOR - FCI connector

20020316-G221B01LF Datasheet(HTML) 2 Page - FCI connector

  20020316-G221B01LF Datasheet HTML 1Page - FCI connector 20020316-G221B01LF Datasheet HTML 2Page - FCI connector 20020316-G221B01LF Datasheet HTML 3Page - FCI connector  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PDM: Rev:E
Released
.
STATUS:
Printed: Jun 26, 2010


Similar Part No. - 20020316-G221B01LF

ManufacturerPart #DatasheetDescription
logo
FCI connector
20020327 FCI-CONNECTOR-20020327 Datasheet
254Kb / 3P
   TERMINAL BLOCK FIXED HORIZONTAL
20020327-C021B01LF FCI-CONNECTOR-20020327-C021B01LF Datasheet
254Kb / 3P
   TERMINAL BLOCK FIXED HORIZONTAL
20020327-C031B01LF FCI-CONNECTOR-20020327-C031B01LF Datasheet
254Kb / 3P
   TERMINAL BLOCK FIXED HORIZONTAL
20020327-C041B01LF FCI-CONNECTOR-20020327-C041B01LF Datasheet
254Kb / 3P
   TERMINAL BLOCK FIXED HORIZONTAL
20020327-C051B01LF FCI-CONNECTOR-20020327-C051B01LF Datasheet
254Kb / 3P
   TERMINAL BLOCK FIXED HORIZONTAL
More results

Similar Description - 20020316-G221B01LF

ManufacturerPart #DatasheetDescription
logo
FCI connector
20020327 FCI-CONNECTOR-20020327 Datasheet
254Kb / 3P
   TERMINAL BLOCK FIXED HORIZONTAL
20020705 FCI-CONNECTOR-20020705 Datasheet
308Kb / 3P
   TERMINAL BLOCK FIXED HORIZONTAL
logo
Molex Electronics Ltd.
39880-1220 MOLEX11-39880-1220 Datasheet
40Kb / 1P
   5.08mm Pitch Horizontal Fixed Mount PCB Terminal Block, 20 Circuits
39880-1219 MOLEX11-39880-1219 Datasheet
40Kb / 1P
   5.08mm Pitch Horizontal Fixed Mount PCB Terminal Block, 19 Circuits
39543-4503 MOLEX11-39543-4503 Datasheet
39Kb / 1P
   5.00mm Pitch Eurostyle Horizontal Fixed Mount PCB Terminal Block, Modular
39880-1221 MOLEX11-39880-1221 Datasheet
40Kb / 1P
   5.08mm Pitch Horizontal Fixed Mount PCB Terminal Block, 21 Circuits
39543-4502 MOLEX11-39543-4502 Datasheet
39Kb / 1P
   5.00mm Pitch Eurostyle Horizontal Fixed Mount PCB Terminal Block, Modular
39880-1222 MOLEX11-39880-1222 Datasheet
40Kb / 1P
   5.08mm Pitch Horizontal Fixed Mount PCB Terminal Block, 22 Circuits
39543-3111 MOLEX11-39543-3111 Datasheet
39Kb / 1P
   5.00mm Pitch Eurostyle Horizontal Fixed Mount PCB Terminal Block, 11 Circuits
39543-3113 MOLEX11-39543-3113 Datasheet
39Kb / 1P
   5.00mm Pitch Eurostyle Horizontal Fixed Mount PCB Terminal Block, 13 Circuits
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com