Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B59721A0110A062 Datasheet(PDF) 7 Page - EPCOS

Part # B59721A0110A062
Description  PTC thermistors as limit temperature sensors
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B59721A0110A062 Datasheet(HTML) 7 Page - EPCOS

Back Button B59721A0110A062 Datasheet HTML 3Page - EPCOS B59721A0110A062 Datasheet HTML 4Page - EPCOS B59721A0110A062 Datasheet HTML 5Page - EPCOS B59721A0110A062 Datasheet HTML 6Page - EPCOS B59721A0110A062 Datasheet HTML 7Page - EPCOS B59721A0110A062 Datasheet HTML 8Page - EPCOS B59721A0110A062 Datasheet HTML 9Page - EPCOS B59721A0110A062 Datasheet HTML 10Page - EPCOS B59721A0110A062 Datasheet HTML 11Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
Test
Standard
Test conditions
∆R
25/R25
Moisture resistance
AEC-Q200 / IEC
60069-2-30
Test Db2, category 25/125/56
< 10%
Humidity
AEC-Q200 /
MIL-STD-202
Method 103
T = 80
°C; H = 85% r.H.; t = 1000 h
V = 0.05
Vmax
< 20%
Thermal shock
AEC-Q200 / IEC
60738-1,
item 4.17
TLCT =
40
°C,
TUCT = 125
°C
Number of cycles: 1000
< 25%
Resistance to
soldering heat
AEC-Q200 / IEC
60068-2-20, test
Tb
Soldering bath: 260
°C; t = 10 s
< 20%
ESD
AEC-Q200-002 150 pF/ 330
Ω; 8 kV contact discharge,
10 pulses in each polarity
< 5%
High temperature load
Soldered PTC to PCB @ 85
°C, load
maximum operating voltage for 1.5 h on and
0.5 h off. This cycle is repeated for
1000
±12 h
< 20%
Sensors
Limit temperature sensors, EIA sizes 0402, 0603 and 0805
Superior series
Page 7 of 32
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B59721A0110A062

ManufacturerPart #DatasheetDescription
logo
EPCOS
B59721A0110A062 EPCOS-B59721A0110A062 Datasheet
226Kb / 10P
   PTC thermistors as limit temperature sensors
B59721A0110A062 EPCOS-B59721A0110A062 Datasheet
750Kb / 32P
   PTC thermistors as limit temperature sensors
B59721A0110A062 EPCOS-B59721A0110A062 Datasheet
855Kb / 37P
   PTC thermistors as limit temperature sensors
More results

Similar Description - B59721A0110A062

ManufacturerPart #DatasheetDescription
logo
EPCOS
B59901 EPCOS-B59901_09 Datasheet
241Kb / 9P
   PTC thermistors as limit temperature sensors
B59401A0105A062 EPCOS-B59401A0105A062 Datasheet
526Kb / 18P
   PTC thermistors as limit temperature sensors
B59300 EPCOS-B59300 Datasheet
271Kb / 11P
   PTC thermistors as limit temperature sensors
B59721A110A62 EPCOS-B59721A110A62 Datasheet
855Kb / 37P
   PTC thermistors as limit temperature sensors
B59100M1110A70 EPCOS-B59100M1110A70 Datasheet
271Kb / 11P
   PTC thermistors as limit temperature sensors
B59008 EPCOS-B59008 Datasheet
253Kb / 9P
   PTC thermistors as limit temperature sensors
B59100 EPCOS-B59100_09 Datasheet
293Kb / 9P
   PTC thermistors as limit temperature sensors
B59100M1120A70 EPCOS-B59100M1120A70 Datasheet
274Kb / 11P
   PTC thermistors as limit temperature sensors
B59901D60A40 EPCOS-B59901D60A40 Datasheet
90Kb / 9P
   PTC thermistors as limit temperature sensors
B59421A0075A062 EPCOS-B59421A0075A062 Datasheet
226Kb / 10P
   PTC thermistors as limit temperature sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com