Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CSPEMI202AGG Datasheet(PDF) 7 Page - ON Semiconductor

Part # CSPEMI202AGG
Description  2 Channel Headset Microphone EMI Filter with ESD Protection
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CSPEMI202AGG Datasheet(HTML) 7 Page - ON Semiconductor

  CSPEMI202AGG Datasheet HTML 1Page - ON Semiconductor CSPEMI202AGG Datasheet HTML 2Page - ON Semiconductor CSPEMI202AGG Datasheet HTML 3Page - ON Semiconductor CSPEMI202AGG Datasheet HTML 4Page - ON Semiconductor CSPEMI202AGG Datasheet HTML 5Page - ON Semiconductor CSPEMI202AGG Datasheet HTML 6Page - ON Semiconductor CSPEMI202AGG Datasheet HTML 7Page - ON Semiconductor CSPEMI202AGG Datasheet HTML 8Page - ON Semiconductor CSPEMI202AGG Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
CSPEMI202AG
Rev. 3 | Page 7 of 9 | www.onsemi.com
PARAMETER
VALUE
Pad Size on PCB
0.240mm
Pad Shape
Round
Pad Definition
Non-Solder Mask defined pads
Solder Mask Opening
0.290mm Round
Solder Stencil Thickness
0.125mm - 0.150mm
Solder Stencil Aperture Opening (laser cut, 5% tapered walls)
0.300mm Round
Solder Flux Ratio
50/50 by volume
Solder Paste Type
No Clean
Pad Protective Finish
OSP (Entek Cu Plus 106A)
Tolerance — Edge To Corner Ball
+50
μm
Solder Ball Side Coplanarity
+20
μm
Maximum Dwell Time Above Liquidous
60 seconds
Maximum Soldering Temperature for Lead-free Devices using a Lead-free Solder
Paste
260°C
Solder Mask Opening
0.290mm DIA.
Non-Solder Mask Defined Pad
0.240mm DIA.
Solder Stencil Opening
0.300mm DIA.
Figure 8. Recommended Non-Solder Mask Defined Pad Illustration
Figure 9. Lead-free (SnAgCu) Solder Ball Reflow Profile


Similar Part No. - CSPEMI202AGG

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CSPEMI202AG CALMIRCO-CSPEMI202AG Datasheet
615Kb / 6P
   2 Channel Headset Microphone EMI Filter with ESD Protection
More results

Similar Description - CSPEMI202AGG

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM1412 CALMIRCO-CM1412 Datasheet
281Kb / 6P
   2 Channel Headset Microphone EMI Filter with ESD Protection
CSPEMI202A CALMIRCO-CSPEMI202A Datasheet
615Kb / 6P
   2 Channel Headset Microphone EMI Filter with ESD Protection
logo
ON Semiconductor
CM1412 ONSEMI-CM1412 Datasheet
219Kb / 9P
   2-Channel Headset/Microphone EMI Filter Array with ESD Protection
April 2010 Rev. 3
CSPEMI205G ONSEMI-CSPEMI205G Datasheet
271Kb / 9P
   3-Channel Headset Microphone EMI Filter with ESD Protection
April 2010 Rev. 3
logo
California Micro Device...
CM1414 CALMIRCO-CM1414 Datasheet
259Kb / 6P
   2 Channel Headset EMI Filter with ESD Protection
CSPEMI204 CALMIRCO-CSPEMI204 Datasheet
254Kb / 6P
   2 Channel Headset EMI Filter with ESD Protection
CSPEMI201A CALMIRCO-CSPEMI201A Datasheet
607Kb / 6P
   2 Channel Headset Speaker EMI Filter with ESD Protection
CM1411 CALMIRCO-CM1411 Datasheet
373Kb / 6P
   2 Channel Headset/Speaker EMI Filter with ESD Protection
logo
ON Semiconductor
CSPEMI201AG ONSEMI-CSPEMI201AG Datasheet
208Kb / 9P
   2 Channel Headset Speaker EMI Filter with ESD Protection
April 2010 Rev. 3
CM1411 ONSEMI-CM1411 Datasheet
208Kb / 9P
   2-Channel Headset/Speaker EMI Filter Array with ESD Protection
April 2010 Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com