Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS8151 Datasheet(PDF) 4 Page - ON Semiconductor

Part # CS8151
Description  5.0 V, 100 mA Low Dropout Linear Regulator with Watchdog, RESET, and Wake Up
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS8151 Datasheet(HTML) 4 Page - ON Semiconductor

  CS8151 Datasheet HTML 1Page - ON Semiconductor CS8151 Datasheet HTML 2Page - ON Semiconductor CS8151 Datasheet HTML 3Page - ON Semiconductor CS8151 Datasheet HTML 4Page - ON Semiconductor CS8151 Datasheet HTML 5Page - ON Semiconductor CS8151 Datasheet HTML 6Page - ON Semiconductor CS8151 Datasheet HTML 7Page - ON Semiconductor CS8151 Datasheet HTML 8Page - ON Semiconductor CS8151 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
CS8151
http://onsemi.com
4
ELECTRICAL CHARACTERISTICS (−40°C ≤ TA ≤ 125°C, −40°C ≤ TJ ≤ 150°C, 6.0 V ≤ VIN ≤ 26 V, 100 mA ≤ IOUT ≤ 100 mA,
C2 = 47 mF (ESR < 8.0 W), CDelay = 0.1 mF; unless otherwise specified.)
Characteristic
Unit
Max
Typ
Min
Test Conditions
RESET
Current Limit
RESET = 0 V, VOUT > VRTH (Sourcing)
RESET = 5.0 V, VOUT > 1.0 V (Sinking)
0.025
0.1
0.5
12
1.30
80
mA
mA
Delay Time
POR Mode
3.0
5.0
7.0
ms
Watchdog Input
Threshold High
1.4
2.0
V
Threshold Low
0.8
1.3
V
Hysteresis
25
100
mV
Input Current
0 < WDI < 6.0 V
−10
0
+10
mA
Pulse Width
50% WDI Falling Edge to
50% WDI Rising Edge and
50% WDI Rising Edge to
50% WDI Falling Edge
(see Figures 2, 3, and 4)
5.0
ms
Wake Up Output
Wake Up Period
See Figure 2
30
40
50
ms
Wake Up Duty Cycle Nominal
See Figure 4
40
50
60
%
RESET High to
Wake Up Rising Delay Time
50% RESET Rising Edge to
50% Wake Up Edge
(see Figures 2, 3, and 4)
15
20
25
ms
Wake Up Response to
Watchdog Input
50% WDI Falling Edge to
50% Wake Up Falling Edge
2.0
10
ms
Wake Up Response to
RESET
50% RESET Falling Edge to
50% Wake Up Falling Edge,
VOUT = 5.0 V → 4.5 V
2.0
10
ms
Output Low
IOUT = 25 mA (Sinking)
0.2
0.8
V
Output High
IOUT = 25 mA (Sourcing)
3.8
4.2
5.1
V
Current Limit
Wake Up = 5.0 V
Wake Up = 0 V
0.025
0.05
1.0
7.0
3.5
mA
mA


Similar Part No. - CS8151

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS8151 CHERRY-CS8151 Datasheet
196Kb / 8P
   5V, 100mA Low Dropout Linear Regulator with WATCHDOG, RESET, & WAKE UP
logo
ON Semiconductor
CS8151/C ONSEMI-CS8151/C Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
logo
Cherry Semiconductor Co...
CS8151C CHERRY-CS8151C Datasheet
142Kb / 8P
   5V, 100mA Low Dropout Linear Regulator with Watchdog, RESET, & Wake Up
CS8151CGN8 CHERRY-CS8151CGN8 Datasheet
142Kb / 8P
   5V, 100mA Low Dropout Linear Regulator with Watchdog, RESET, & Wake Up
CS8151YDPS7 CHERRY-CS8151YDPS7 Datasheet
196Kb / 8P
   5V, 100mA Low Dropout Linear Regulator with WATCHDOG, RESET, & WAKE UP
More results

Similar Description - CS8151

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8518B ONSEMI-NCV8518B Datasheet
172Kb / 13P
   Low Dropout Linear Regulator with Watchdog, Wake Up, RESET, and ENABLE
June, 2010 ??Rev. 1
NCV8518A ONSEMI-NCV8518A Datasheet
139Kb / 13P
   Low Dropout Linear Regulator with Watchdog, Wake Up, RESET, and ENABLE
March, 2008 - Rev. 1
logo
Cherry Semiconductor Co...
CS8151 CHERRY-CS8151 Datasheet
196Kb / 8P
   5V, 100mA Low Dropout Linear Regulator with WATCHDOG, RESET, & WAKE UP
CS8151C CHERRY-CS8151C Datasheet
142Kb / 8P
   5V, 100mA Low Dropout Linear Regulator with Watchdog, RESET, & Wake Up
logo
ON Semiconductor
CS8101 ONSEMI-CS8101_09 Datasheet
149Kb / 11P
   Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with RESET and ENABLE
September, 2008 ??Rev. 19
CS8101 ONSEMI-CS8101 Datasheet
127Kb / 13P
   Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with RESET and ENABLE
February, 2006 ??Rev. 18
NCV8141 ONSEMI-NCV8141 Datasheet
89Kb / 12P
   5.0 V, 500 mA Linear Regulator with ENABLE, RESET, and Watchdog
August, 2004 ??Rev. 5
NCV8141 ONSEMI-NCV8141_06 Datasheet
116Kb / 14P
   5.0 V, 500 mA Linear Regulator with ENABLE, RESET, and Watchdog
December, 2006 ??Rev. 10
CS5112 ONSEMI-CS5112 Datasheet
121Kb / 13P
   1.4 A Switching Regulator with 5.0 V, 100 mA Linear Regulator with Watchdog, RESET and ENABLE
October, 2005 ??Rev. 7
NCV4949APDR2G ONSEMI-NCV4949APDR2G Datasheet
174Kb / 11P
   100 mA, 5.0 V, Low Dropout Voltage Regulator with Reset and Sense
November, 2010 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com