Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMPWR150 Datasheet(PDF) 5 Page - ON Semiconductor

Part # CMPWR150
Description  500mA/3.3V SmartOR Power Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CMPWR150 Datasheet(HTML) 5 Page - ON Semiconductor

  CMPWR150 Datasheet HTML 1Page - ON Semiconductor CMPWR150 Datasheet HTML 2Page - ON Semiconductor CMPWR150 Datasheet HTML 3Page - ON Semiconductor CMPWR150 Datasheet HTML 4Page - ON Semiconductor CMPWR150 Datasheet HTML 5Page - ON Semiconductor CMPWR150 Datasheet HTML 6Page - ON Semiconductor CMPWR150 Datasheet HTML 7Page - ON Semiconductor CMPWR150 Datasheet HTML 8Page - ON Semiconductor CMPWR150 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
CMPWR150
Rev. 3 | Page 5 of 15 | www.onsemi.com
ELECTRICAL OPERATING CHARACTERISTICS
(SEE NOTE 1)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
V
OUT
Regulator Output Voltage
0mA < I
LOAD < 500mA
3.135
3.300
3.465
V
I
OUT
Regulator Output Current
500
800
mA
V
CCSEL
Select Voltage
Regulator Enabled
4.35
4.45
V
V
CCDES
Deselect Voltage
Regulator Disabled
3.90
4.10
V
V
CCHYST
Hysteresis Voltage
Hysteresis, See Note 2
0.25
V
I
SC
Short-circuit Output Current
V
CC=5V, VOUT=0V
1200
mA
I
RCC
V
CC Pin Reverse Leakage
V
OUT=3.3V; VCC = 0.0V
x5
50
µA
V
R LOAD
Load Regulation
V
CC=5V, ILOAD=50mA to 500mA
75
mV
V
R LINE
Line Regulation
V
CC=4.5 to 5.5V, ILOAD=5mA
2
mV
I
CC
Quiescent Supply Current
V
CC > VCCSEL, ILOAD=0mA
V
CCDES > VCC > VOUT
V
OUT > VCC
1.0
0.15
0.01
3.0
0.25
0.02
mA
mA
mA
I
GND
Ground Pin Current
Regulator Disabled, Note 3
V
CC=5V, ILOAD=5mA, Note 3
V
CC=5V, ILOAD=500mA, Note 3
0.15
1.0
1.2
0.30
2.5
3.0
mA
mA
mA
R
OH
R
OL
Drive Pull-up Resistance
Drive Pull-down Resistance
R
PULLUP to VCC, VCC > VCCSEL
R
PULLDOWN to GND, VCCDES > VCC
100
200
400
400
Ω
Ω
T
DH
T
DL
Drive High Delay
Drive Low Delay
C
DRIVE=1nF, VCC TRISE < 100ns
C
DRIVE=1nF, VCC TFALL < 100ns
x1.0
0.2
µS
µS
Note 1: Operating Characteristics are over Standard Operating Conditions unless otherwise specified.
Note 2: The hysteresis defines the maximum level of acceptable disturbance on V
CC during switching. It is recommended that
the V
CC source
impedance be kept below 0.25
Ω to ensure the switching disturbance remains below the hysteresis
during select/deselect transitions. An input capacitor may be required to help minimize the switching transient.
Note 3: Ground pin current consists of controller current (0.15mA) and regulator current if enabled. The controller always draws
0.15mA from either V
CC or VOUT, whichever is greater. All regulator current is supplied exclusively from VCC. At high load
currents a small increase occurs due to current limit protection circuitry.


Similar Part No. - CMPWR150

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CMPWR150 CALMIRCO-CMPWR150 Datasheet
486Kb / 8P
   500mA/3.3V SMARTOR Power Regulator
CMPWR150SA CALMIRCO-CMPWR150SA Datasheet
486Kb / 8P
   500mA/3.3V SMARTOR Power Regulator
CMPWR150SAR CALMIRCO-CMPWR150SAR Datasheet
486Kb / 8P
   500mA/3.3V SMARTOR Power Regulator
CMPWR150SAT CALMIRCO-CMPWR150SAT Datasheet
486Kb / 8P
   500mA/3.3V SMARTOR Power Regulator
CMPWR150TO CALMIRCO-CMPWR150TO Datasheet
486Kb / 8P
   500mA/3.3V SMARTOR Power Regulator
More results

Similar Description - CMPWR150

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CMPWR150 CALMIRCO-CMPWR150 Datasheet
486Kb / 8P
   500mA/3.3V SMARTOR Power Regulator
CMPWR300 CALMIRCO-CMPWR300 Datasheet
365Kb / 11P
   500mA SMARTOR Dual Regulator with V switch?
logo
Anpec Electronics Corop...
APL5522 ANPEC-APL5522 Datasheet
193Kb / 12P
   Dual-Channel, 3.3V/500mA and 2.5V/500mA Linear Regulator
logo
California Micro Device...
CM3103 CALMIRCO-CM3103 Datasheet
174Kb / 10P
   400mA SMARTOR REGULATOR Vaux SWITCH
CMPWR130 CALMIRCO-CMPWR130 Datasheet
94Kb / 6P
   300mA SMARTOR Regulator with V Drive
logo
Sipex Corporation
SP6231 SIPEX-SP6231 Datasheet
145Kb / 10P
   500mA, 3.3V Linear Regulator with Auxiliary Backup
logo
Cherry Semiconductor Co...
CS5231-3 CHERRY-CS5231-3 Datasheet
280Kb / 11P
   500mA, 3.3V Linear Regulator with Auxiliary Control
logo
Maxim Integrated Produc...
MAX33054ESHLD MAXIM-MAX33054ESHLD Datasheet
892Kb / 9P
   3.3V, 500mA DC power supply
Rev 0; 7/18
MAX33040ESHLD MAXIM-MAX33040ESHLD Datasheet
862Kb / 8P
   3.3V, 500mA DC power supply
Rev 0; 11/20
MAX33053ESHLD MAXIM-MAX33053ESHLD Datasheet
978Kb / 9P
   3.3V, 500mA DC power supply
Rev 0; 7/18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com