Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM6100 Datasheet(PDF) 5 Page - ON Semiconductor

Part # CM6100
Description  0.4mm Pitch Daisy Chain
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CM6100 Datasheet(HTML) 5 Page - ON Semiconductor

  CM6100 Datasheet HTML 1Page - ON Semiconductor CM6100 Datasheet HTML 2Page - ON Semiconductor CM6100 Datasheet HTML 3Page - ON Semiconductor CM6100 Datasheet HTML 4Page - ON Semiconductor CM6100 Datasheet HTML 5Page - ON Semiconductor CM6100 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
CM6100
Rev. 6 | Page 5 of 6 | www.onsemi.com
Vertical Structure Specification*
Figure 1. Sectional View
* Daisy Chain CM6000
Vertical Structure Dimensions (nominal)
REF.
Parameter
Material
Dimension
a
Die Thickness
Silicon
396
μm
h
Repassivation
Polyimide
10
μm
Plated Cu
5.0
μm
Sputtered Cu
0.4
μm
d
UBM-(Ti/Cu)
Sputtered Ti
0.1
μm
e
UBM Wetting Area
Diameter
240
μm
b
Bump Standoff
194
μm
f
Solder Bump
Diameter after
Bump Reflow
270
μm
c
Metal Pad Height
AlSiCu
1.5
μm
g
Metal Pad Diameter
310
μm
D2
0.406mm
D1
Finished Thickness
0.600mm


Similar Part No. - CM6100

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CM610026 ETC-CM610026 Datasheet
34Mb / 42P
   MAGNETIC POWDER CORES
Ver.12
CM610060 ETC-CM610060 Datasheet
34Mb / 42P
   MAGNETIC POWDER CORES
Ver.12
More results

Similar Description - CM6100

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WEDPDC3225-B WEDC-WEDPDC3225-B Datasheet
180Kb / 3P
   25X32MM Daisy-Chain PBGA
logo
STMicroelectronics
STEVAL-IKM001V1 STMICROELECTRONICS-STEVAL-IKM001V1 Datasheet
84Kb / 3P
   SPI with daisy-chain feature
logo
List of Unclassifed Man...
P3200-C-S-12 ETC2-P3200-C-S-12 Datasheet
672Kb / 2P
   Daisy chain or individual placement
logo
STMicroelectronics
EVAL6472H STMICROELECTRONICS-EVAL6472H Datasheet
1Mb / 11P
   SPI with daisy chain feature
logo
Linear Technology
LTC6812-1 LINER-LTC6812-1 Datasheet
636Kb / 20P
   Daisy Chain isoSPI Battery-Stack Monitor
logo
Actel Corporation
YPKG-62CG-7973DC ACTEL-YPKG-62CG-7973DC Datasheet
1Mb / 8P
   CG624 32.5x32.5mm, 1.27mm pitch Daisy Chain Package Drawing
logo
Maxwell Technologies
8143 MAXWELL-8143 Datasheet
786Kb / 24P
   12-Bit Serial Daisy Chain D/A Converter
logo
Xilinx, Inc
DS402 XILINX-DS402 Datasheet
375Kb / 9P
   Daisy-chain connections for the DCR data bus
logo
Analog Devices
ADBMS1818 AD-ADBMS1818 Datasheet
5Mb / 89P
   18-Cell Battery Monitor with Daisy Chain Interface
DAC8143 AD-DAC8143 Datasheet
181Kb / 12P
   12-Bit Serial Daisy-Chain CMOS D/A Converter
REV. C
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com