Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM2031-A0TR Datasheet(PDF) 8 Page - ON Semiconductor

Part # CM2031-A0TR
Description  HDMI Receiver Port Protection and Interface Device
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CM2031-A0TR Datasheet(HTML) 8 Page - ON Semiconductor

Back Button CM2031-A0TR Datasheet HTML 4Page - ON Semiconductor CM2031-A0TR Datasheet HTML 5Page - ON Semiconductor CM2031-A0TR Datasheet HTML 6Page - ON Semiconductor CM2031-A0TR Datasheet HTML 7Page - ON Semiconductor CM2031-A0TR Datasheet HTML 8Page - ON Semiconductor CM2031-A0TR Datasheet HTML 9Page - ON Semiconductor CM2031-A0TR Datasheet HTML 10Page - ON Semiconductor CM2031-A0TR Datasheet HTML 11Page - ON Semiconductor CM2031-A0TR Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
CM2031
Rev. 5 | Page 8 of 18 | www.onsemi.com
Hotplug Output Pullup Logic
The CM2031 includes flexible circuitry for active or passive control of the HDMI Sink’s Hotplug Present Output
line by integrating the 1kΩ pullup resistor.
Section 8.5 of the HDMI Specification allows the HDMI Sink to pulse the HotPlug line “low” for at least 100msec
to indicate to the Source that the EEPROM should be re-read. This function can be implemented with a few
discrete components as shown in Figure 7.
Figure 7. Typical Discrete HPD Switching Circuit
The Hot Plug Detect circuit of the CM2031 is specifically designed to provide this “pulse” capability and still pass
CTS testing requirements.
When a logic “high” is applied to the HOTPLUG_DET_IN pin, an internal switch enables the 1kΩ pull-up. When a
logic “low” is sensed on this pin, the 1kΩ logic resistor is disconnected, and a weak pulldown ensures a valid low
output on the HDMI cable.
5V Passive Pullup
In the most basic implementation, where HOTPLUG is to be asserted only when the HDMI +5V supply is applied,
simply tie HOTPLUG_DET_IN to the +5V supply and connect HOTPLUG_DET_OUT to HDMI Connector (Pin
19).
Local Power Supply Pullup Passive
For a system that needs to inhibit the HOTPLUG signal when the local ASIC low voltage supply (“LV_SUPPLY”
on CM2031) has been powered, the designer can simply connect HOTPLUG_DET_OUT to the HDMI Connector
(Pin 19) and tie HOTPLUG_DET_IN to the “LV_SUPPLY” which can be 1.5V, 1.8V, 2.5V, etc. Then the internal
1kΩ pullup will be enabled between HOTPLUG_DET_OUT and 5V_SUPPLY.
If a weak pullup is used on HOTPLUG_DET _IN, then this still allows dynamic switching by the local ASIC while
still retaining the isolation/backdrive protection on this pin.
Active Local Pullup Control
For a system where a low voltage GPIO signal needs to control the HOTPLUG pin (i.e. if the local system needs
to boot up before asserting HOTPLUG) the ASIC GPIO can be connected directly to the HOTPLUG_DET_IN pin
to control the 5V pullup “on” and “off.” A logic “low” on HOTPLUG_DET_IN will disable the 5V pullup, and a logic
“high” will enable the pullup. (NOTE: If the ASIC Power-ON Reset {POR} default of the GPIO is high-impedance
or defaults to an input, then the designer should include a weak pulldown on the GPIO to eliminate any POR
glitches.)


Similar Part No. - CM2031-A0TR

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM2031-A0TR CALMIRCO-CM2031-A0TR Datasheet
657Kb / 14P
   HDMI Receiver Port Protection and Interface Device
More results

Similar Description - CM2031-A0TR

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM2021 CALMIRCO-CM2021 Datasheet
268Kb / 8P
   HDMI Receiver Port Protection and Interface Device
logo
ON Semiconductor
CM2030 ONSEMI-CM2030 Datasheet
314Kb / 17P
   HDMI Receiver Port Protection and Interface Device
May 2010 ??Rev. 5
logo
California Micro Device...
CM2031 CALMIRCO-CM2031 Datasheet
657Kb / 14P
   HDMI Receiver Port Protection and Interface Device
logo
ON Semiconductor
CM2021-02TR ONSEMI-CM2021-02TR Datasheet
409Kb / 12P
   HDMI Receiver Port Protection and Interface Device
May 2010 ??Rev. 3
logo
Texas Instruments
TPD12S520 TI-TPD12S520 Datasheet
622Kb / 8P
[Old version datasheet]   SINGLE-CHIP HDMI RECEIVER PORT PROTECTION AND INTERFACE DEVICE
TPD12S520 TI1-TPD12S520_14 Datasheet
1Mb / 17P
[Old version datasheet]   Single-Chip HDMI Receiver Port Protection and Interface Device
TPD12S520 TI-TPD12S520_09 Datasheet
628Kb / 12P
[Old version datasheet]   SINGLE-CHIP HDMI RECEIVER PORT PROTECTION AND INTERFACE DEVICE
TPD12S520 TI1-TPD12S520_16 Datasheet
1Mb / 22P
[Old version datasheet]   TPD12S520 Single-Chip HDMI Receiver Port Protection and Interface Device
logo
California Micro Device...
CM2020 CALMIRCO-CM2020 Datasheet
271Kb / 8P
   HDMI TRANSMITTER PORT PROTECTION AND INTERFACE DEVICE
logo
ON Semiconductor
CM2020-00TR ONSEMI-CM2020-00TR_11 Datasheet
330Kb / 9P
   HDMI Transmitter Port Protection and Interface Device
April, 2011 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com