Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT6656BCS6-3.3PBF Datasheet(PDF) 9 Page - Linear Technology

Part # LT6656BCS6-3.3PBF
Description  1關A Precision Series Voltage Reference
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6656BCS6-3.3PBF Datasheet(HTML) 9 Page - Linear Technology

Back Button LT6656BCS6-3.3PBF Datasheet HTML 5Page - Linear Technology LT6656BCS6-3.3PBF Datasheet HTML 6Page - Linear Technology LT6656BCS6-3.3PBF Datasheet HTML 7Page - Linear Technology LT6656BCS6-3.3PBF Datasheet HTML 8Page - Linear Technology LT6656BCS6-3.3PBF Datasheet HTML 9Page - Linear Technology LT6656BCS6-3.3PBF Datasheet HTML 10Page - Linear Technology LT6656BCS6-3.3PBF Datasheet HTML 11Page - Linear Technology LT6656BCS6-3.3PBF Datasheet HTML 12Page - Linear Technology LT6656BCS6-3.3PBF Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
LT6656

6656fa
applicaTions inForMaTion
Long Battery Life
Series references have a large advantage over shunt style
references. Shunt references require a resistor from the
power supply to operate. This resistor must be chosen
to supply the maximum current that can be demanded by
the load. When the load is not operating at this maximum
current, the shunt reference must always sink this current,
resulting in high dissipation and shortened battery life.
The LT6656 series reference does not require a current
setting resistor and is specified to operate with any supply
from 1.5V to 18V, depending on the output voltage option,
load current and operating temperature (see Dropout
Voltage and Minimum Input Voltage in the Typical Perfor-
mance Characteristics). When the load does not demand
current, the LT6656 reduces its dissipation and battery life
is extended. If the reference is not delivering load current,
it dissipates only a few µW, yet the same connection can
deliver 5mA of load current when required.
Start-Up
To ensure proper start-up, the output voltage should be
between –0.3V and the rated output voltage. If the output
load may be driven more than 0.3V below ground, a low
forward voltage schottky diode from the output to ground
is required. The turn-on characteristics can be seen in
Figure 1.
Figure 1. LT6656-2.5 Turn-On Characteristics, CL = 1µF
Figure 2. Transient Load Test Circuit
VIN
3V
2N7000
R2
CIN
0.1µF
CL
1µF
VGEN
3V
6656 F02
R1
LT6656-2.5
1V/DIV
VIN
VOUT
1ms/DIV
6656 F01
Output Voltage Options
TheperformanceoftheLT6656isconsistentforthe2.048V
to 5V options. The 1.25V option has slightly reduced load
regulation, and unlike the higher voltage options, the
minimum operating supply voltage is limited by internal
circuitry rather than the output voltage.
Parametersthatarebasedonchangesintheoutputvoltage,
suchasloadregulationandhysteresis,remainproportional
to the output voltage and are specified in relative units,
for example, parts per million (ppm). Parameters that
are not based on changes in the output voltage, such as
supply current and reverse input current, are the same
for all options.
ThebandwidthoftheLT6656decreaseswithhigheroutput
voltage. This causes parameters that are affected by both
bandwidth and output voltage, such as wideband noise
and output impedance, to increase less with higher output
voltage.
Bypass and Load Capacitance
The LT6656 voltage reference needs a 0.1μF input bypass
capacitor placed within an inch of the input pin. An ad-
ditional 2.2μF capacitor should be used when the source
impedance of the input supply is high or when driving
heavy loads. The bypassing of other local devices may
serve as the required components. The output of the
LT6656 requires a capacitance of 1µF or larger. The LT6656
is stable with a wide variety of capacitor types including
ceramic, tantalum and electrolytic due to its low sensitivity
to ESR (5Ω or less).
The test circuit in Figure 2 was used to test the response
and stability of the LT6656 to various load currents. The
resultant transient responses can be seen in Figure 3 and
Figure 4. The large scale output response to a 500mV input
step is shown in Figure 5 with a more detailed photo and
description in the Output Settling section.


Similar Part No. - LT6656BCS6-3.3PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6656BCS6-2.5 LINER-LT6656BCS6-2.5 Datasheet
508Kb / 12P
   1關A Precision Series Voltage Reference
LT6656BCS6-2.5PBF LINER-LT6656BCS6-2.5PBF Datasheet
508Kb / 12P
   1關A Precision Series Voltage Reference
LT6656BCS6-2.5TRPBF LINER-LT6656BCS6-2.5TRPBF Datasheet
508Kb / 12P
   1關A Precision Series Voltage Reference
More results

Similar Description - LT6656BCS6-3.3PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6656 LINER-LT6656 Datasheet
508Kb / 12P
   1關A Precision Series Voltage Reference
logo
Maxim Integrated Produc...
MAX6006 MAXIM-MAX6006_V01 Datasheet
1Mb / 8P
   1關A SOT23 Precision Shunt Voltage Reference
2019
MAX6006 MAXIM-MAX6006 Datasheet
228Kb / 8P
   1關A SOT23 Precision Shunt Voltage Reference
Rev 0; 8/00
MAX6069 MAXIM-MAX6069 Datasheet
434Kb / 9P
   1關A Ultra-Tiny Shunt Voltage Reference
19-100064; Rev 0; 6/17
logo
Cirrus Logic
VRE104 CIRRUS-VRE104 Datasheet
643Kb / 5P
   Precision Voltage Reference
VRE310 CIRRUS-VRE310 Datasheet
602Kb / 5P
   Precision Voltage Reference
VRE304 CIRRUS-VRE304 Datasheet
541Kb / 4P
   Precision Voltage Reference
VRE205 CIRRUS-VRE205_10 Datasheet
641Kb / 4P
   Precision Voltage Reference
logo
DATEL, Inc.
PVR-1540SM DATEL-PVR-1540SM Datasheet
98Kb / 1P
   Precision Voltage Reference
PVR-1533SM DATEL-PVR-1533SM Datasheet
98Kb / 1P
   Precision Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com