Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CWR-170-34-0055 Datasheet(PDF) 3 Page - CW Industries

Part # CWR-170-34-0055
Description  Card Edge Connectors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CWIND [CW Industries]
Direct Link  http://www.cwind.com
Logo CWIND - CW Industries

CWR-170-34-0055 Datasheet(HTML) 3 Page - CW Industries

  CWR-170-34-0055 Datasheet HTML 1Page - CW Industries CWR-170-34-0055 Datasheet HTML 2Page - CW Industries CWR-170-34-0055 Datasheet HTML 3Page - CW Industries CWR-170-34-0055 Datasheet HTML 4Page - CW Industries  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
130 James Way, Southampton, PA 18966 - 3838 Telephone: (215) 355-7080 Fax: (215) 355-1088 www.cwind.com
28
Card Edge Connectors
Dimensions
Engineer ing Dimensions
Polarizing Key Slot Located Centrally
Between any Two Adjacent P.C. Pads.
P.C. BOARD DIMENSIONS
Board contact.
POLARIZING KEY
CWN - KEY 2
(2.5)
.10
.03
(0.8)
.39
(9.9)
PAD CENTERS
.100
±.003
(2.54
±.08)
P.C. Pad Typ.
(1.40)
= A
.055
(10.2)
.40
.128
(3.25)
Resting place of
(10.4)
(13.0)
.51
.41
E
Position
Closed
VARIATION WITH MOUNTING FLANGES
P.C. board fully
inserted.
D
C
(
±0.25)
±.010
C 2
(
±0.25)
±.010
1
B
Position
Open
(21.1)
.83
.09
(2.29)
COVER
VARIATION WITH NO FLANGES
(18.0)
.71
(1.88)
.074
(4.6)
.18
BASE
Point of
E
1
C
SPACES @
= A
.100
(2.54)
DIA. 2 PLACES
G
F
(.94)
.037
.04
(1.0)
x 45º
Chamfer
RECOMMENDED
CONNECTOR DIMENSIONS
2.520
(64.01)
2.020
(51.31)
D
.520
(13.21)
1.020
1.320
(25.91)
1.720
(33.53)
(43.69)
2.400
(60.96)
1.900
(48.26)
.400
1.200
1.600
(10.16)
(40.64)
(30.48)
(22.86)
50
40
34
26
20
CONTS.
10
NO.
(75.59)
2.976
(62.89)
2.476
2.176
(55.27)
3.400
(86.36)
(71.12)
2.800
(63.50)
2.500
3.900
(99.06)
(76.20)
3.000
(68.58)
2.700
.976
(24.79)
1.476
C
1.776
(37.49)
(45.11)
(33.02)
1.800
2.100
(53.34)
(45.72)
.900
1.300
AB
(38.10)
2.300
(58.42)
(50.80)
2.000
C
1.500
12
2.596
(65.94)
2.096
(53.24)
1.796
(45.62)
2.604
(66.14)
2.104
(53.44)
1.804
(45.82)
.44
(11.2)
(10.9)
(10.9)
.43
.43
.596
1.096
(15.14)
1.396
(27.84)
(35.46)
(15.34)
1.104
1.404
(28.04)
(35.66)
.604
EF
(10.9)
(10.9)
(10.9)
.43
.43
G
.43


Similar Part No. - CWR-170-34-0055

ManufacturerPart #DatasheetDescription
logo
CW Industries
CWR-130-14-0000 CWIND-CWR-130-14-0000 Datasheet
265Kb / 4P
   DIP Connectors
CWR-130-14-0001 CWIND-CWR-130-14-0001 Datasheet
265Kb / 4P
   DIP Connectors
CWR-130-14-0002 CWIND-CWR-130-14-0002 Datasheet
265Kb / 4P
   DIP Connectors
CWR-130-14-0003 CWIND-CWR-130-14-0003 Datasheet
265Kb / 4P
   DIP Connectors
CWR-130-16-0000 CWIND-CWR-130-16-0000 Datasheet
265Kb / 4P
   DIP Connectors
More results

Similar Description - CWR-170-34-0055

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
6325 AVX-6325 Datasheet
384Kb / 6P
   Card Edge Connectors
logo
Yamaichi Electronics Co...
PS42-44D-2016 YAMAICHI-PS42-44D-2016 Datasheet
224Kb / 5P
   Card Edge Connectors
logo
EDAC, All Rights Reserv...
307 EDAC-307 Datasheet
270Kb / 3P
   Card Edge Connectors 0.156” (3.96mm) Pitch
322 EDAC-322 Datasheet
223Kb / 2P
   Card Edge Connectors 0.156” (3.96mm) Pitch
346 EDAC-346 Datasheet
298Kb / 3P
   Card Edge Connectors 0.125” (3.175mm) Pitch
305 EDAC-305 Datasheet
278Kb / 3P
   Card Edge Connectors 0.156” (3.96mm) Pitch
345 EDAC-345 Datasheet
300Kb / 3P
   Card Edge Connectors 0.100” (2.54mm) Pitch
logo
TE Connectivity Ltd
114-32054 TEC-114-32054 Datasheet
805Kb / 13P
   Inverted Card Edge and Inverted Poke-In Connectors
logo
Mitsumi Electronics, Co...
CIM-H33N MITSUMI-CIM-H33N Datasheet
111Kb / 2P
   microSD card connectors
logo
List of Unclassifed Man...
DM3C-SF ETC2-DM3C-SF Datasheet
832Kb / 11P
   microSD Card Connectors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com