Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5602-12-0000-000 Datasheet(PDF) 6 Page - 3M Electronics

Part # 5602-12-0000-000
Description  3M??Serial Advanced Technology Attachment (SATA) Signal Cable
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

5602-12-0000-000 Datasheet(HTML) 6 Page - 3M Electronics

  5602-12-0000-000 Datasheet HTML 1Page - 3M Electronics 5602-12-0000-000 Datasheet HTML 2Page - 3M Electronics 5602-12-0000-000 Datasheet HTML 3Page - 3M Electronics 5602-12-0000-000 Datasheet HTML 4Page - 3M Electronics 5602-12-0000-000 Datasheet HTML 5Page - 3M Electronics 5602-12-0000-000 Datasheet HTML 6Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Important Notice
All statements, technical information, and recommendations related to 3M’s products are based on information believed to be reliable, but the accuracy or completeness
is not guaranteed. Before using this product, you must evaluate it and determine if it is suitable for your intended application. You assume all risks and liability associated
with such use. Any statements related to the product which are not contained in 3M’s current publications, or any contrary statements contained on your purchase order
shall have no force or effect unless expressly agreed upon, in writing, by an authorized officer of 3M.
Warranty; Limited Remedy; Limited Liability.
This product will be free from defects in material and manufacture for a period of 90 days from the time of purchase.
3M MAKES NO OTHER WARRANTIES INCLUDING,
BUT NOT LIMITED TO, ANY IMPLIED WARRANTY OF MERCHANTABILITY OR FITNESS FOR A PARTICULAR PURPOSE. If this product is defective within the warranty
period stated above, your exclusive remedy shall be, at 3M’s option, to replace or repair the 3M product or refund the purchase price of the 3M product.
Except where
prohibited by law, 3M will not be liable for any indirect, special, incidental or consequential loss or damage arising from this 3M product, regardless of the
legal theory asserted.
Please recycle. Printed in USA.
© 3M 2008. All rights reserved.
RIA-2217A-E
3
3M Electronics Solutions Division
6801 River Place Blvd.
Austin, TX 78726-9000
U.S.A.
1-800-225-5373
www.3m.com/interconnects
3M is a trademark of 3M Company.
Appendix C3: China RoHS
Electronic Industry Standard of the People’s Republic of China, SJ/T11363-2006, Requirements for Concentration Limits for
Certain Hazardous Substances in Electronic Information Products.
This symbol, per Marking for the Control of Pollution Caused by Electronic Information Products, SJ/T11364-2006, means that
the product or part does contain a substance, as detailed in the chart below, in excess of the following maximum concentration
values in any homogeneous material: (a) 0.1% (by weight) for lead, mercury, hexavalent chromium, polybrominated biphenyls or
polybrominated diphenyl ethers (excluding decaBDE); or (b) 0.01% (by weight) for cadmium. Unless otherwise stated by 3M in
writing, this information represents 3M’s best knowledge and belief based upon information provided by third party suppliers to 3M.
The numerical reference in the symbol above should not be construed as a representation regarding the product’s life or an
extension of a product warranty. The product warranty is stated below. In the event any product is proven not to conform with
3M’s Regulatory Information Appendix, then 3M’s entire liability and Buyer’s exclusive remedy will be in accordance with the
product Warranty stated below.


Similar Part No. - 5602-12-0000-000

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
5602-RC BOURNS-5602-RC Datasheet
428Kb / 1P
   High Current Chokes
More results

Similar Description - 5602-12-0000-000

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P940-08I TRIPPLITE-P940-08I Datasheet
158Kb / 2P
   Serial ATA (SATA) Latching Signal Cable (7Pin/7Pin), 8-in.
P94008I TRIPPLITE-P94008I Datasheet
480Kb / 2P
   Serial ATA (SATA) Latching Signal Cable (7Pin-7Pin), 8-in
P94019I TRIPPLITE-P94019I Datasheet
480Kb / 2P
   Serial ATA (SATA) Latching Signal Cable (7Pin-7Pin), 19-in
P940-39I TRIPPLITE-P940-39I Datasheet
483Kb / 2P
   Serial ATA (SATA) Latching Signal Cable (7Pin/7Pin), 39-in.
P940-12I TRIPPLITE-P940-12I Datasheet
157Kb / 2P
   Serial ATA (SATA) Latching Signal Cable (7Pin/7Pin), 12-in.
P94039I TRIPPLITE-P94039I Datasheet
480Kb / 2P
   Serial ATA (SATA) Latching Signal Cable (7Pin-7Pin), 39-in
P940-19I TRIPPLITE-P940-19I Datasheet
158Kb / 2P
   Serial ATA (SATA) Latching Signal Cable (7Pin/7Pin), 19-in.
P942-24I TRIPPLITE-P942-24I Datasheet
161Kb / 2P
   Serial ATA (SATA) Right Angle Signal Cable (7Pin/7Pin-Down), 24-in.
P941-12I TRIPPLITE-P941-12I Datasheet
161Kb / 2P
   Serial ATA (SATA) Right Angle Signal Cable (7Pin/7Pin-Up), 12-in.
P942-19I TRIPPLITE-P942-19I Datasheet
160Kb / 2P
   Serial ATA (SATA) Right Angle Signal Cable (7Pin/7Pin-Down), 19-in.
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com