Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM1683 Datasheet(PDF) 5 Page - ON Semiconductor

Part # CM1683
Description  Praetorian L-C EMI Filter with ESD Protectionfor Headsets/Speakers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CM1683 Datasheet(HTML) 5 Page - ON Semiconductor

  CM1683 Datasheet HTML 1Page - ON Semiconductor CM1683 Datasheet HTML 2Page - ON Semiconductor CM1683 Datasheet HTML 3Page - ON Semiconductor CM1683 Datasheet HTML 4Page - ON Semiconductor CM1683 Datasheet HTML 5Page - ON Semiconductor CM1683 Datasheet HTML 6Page - ON Semiconductor CM1683 Datasheet HTML 7Page - ON Semiconductor CM1683 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
CM1683
Rev. 2 | Page 5 of 8 | www.onsemi.com
ELECTRICAL OPERATING CHARACTERISTICS
(NOTE 1)
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
L
Inductance
3.0
nH
R
DC Channel Resistance
0.75
1
Ω
C
TOT
Total Channel Capacitance
2.5V DC; 1MHz, 30mV AC
160
200
240
pF
C
Capacitance C
2.5V DC; 1MHz, 30mV AC
100
pF
V
IN = +5V
0.1
1.0
μA
I
LEAK
Diode Leakage Current
V
IN =-5V
-1.0
-0.1
μA
V
SIG
Signal Clamp Voltage
Positive Clamp
Negative Clamp
I
LOAD = 10mA
I
LOAD = –10mA
5
–15
7
–10
15
–5
V
V
V
ESD
In-system ESD Withstand Voltage
Human Body Model, MIL-STD-883,
Method 3015
Contact Discharge per IEC 61000-
4-2 Level 4
Note 2
±15
±8
kV
kV
f
C
Cut-off frequency
Z
SOURCE = 50
Ω
, Z
LOAD = 50
Ω
L = 3nH, C = 100pF
31
MHz
Note 1: T
A = 25°C unless otherwise specified.
Note 2: ESD applied to input and output pins with respect to GND, one at a time.


Similar Part No. - CM1683

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
CM1683 CML-CM1683 Datasheet
22Kb / 1P
   S-8 Single Contact Bayonet Base
logo
Visual Communications C...
CM1683 VCC-CM1683 Datasheet
32Kb / 1P
   Single Contact Bayonet Base
More results

Similar Description - CM1683

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CM1418 ONSEMI-CM1418 Datasheet
179Kb / 10P
   Praetorian L-C EMI Filter with ESD Protection for Headset Speakers
April 2010 Rev. 3
CM1419-02CP ONSEMI-CM1419-02CP Datasheet
291Kb / 6P
   Praetorian L-C EMI Filter with ESD Protection for Headset Speakers
March, 2011 ??Rev. 4
CM1481 ONSEMI-CM1481 Datasheet
238Kb / 8P
   2-Channel EMI Filter with ESD Protection for Headsets/Speakers
May 2010 ??Rev. 2
CM1682 ONSEMI-CM1682 Datasheet
266Kb / 8P
   2 Channel EMI Filter with ESD Protection for Headsets/Speakers
May 2010 ??Rev. 2
logo
California Micro Device...
CM1460 CALMIRCO-CM1460 Datasheet
347Kb / 7P
   Praetorian??L-C LCD and Camera EMI Filter Array with ESD Protection
logo
ON Semiconductor
CM1690 ONSEMI-CM1690 Datasheet
262Kb / 10P
   Praetorian L-C LCD and Camera EMI Filter Array with ESD Protection
May 2010 ??Rev. 2
CM2006 ONSEMI-CM2006 Datasheet
186Kb / 9P
   Praetorian L-C LCD and Camera EMI Filter Array with ESD Protection
May 2010 ??Rev. 2
logo
California Micro Device...
CM1418 CALMIRCO-CM1418 Datasheet
294Kb / 8P
   Praetorian??L-C EMI Filter with ESD Protection for Headset Speaker Applications
logo
ON Semiconductor
CM1492-06DE ONSEMI-CM1492-06DE Datasheet
155Kb / 6P
   Praetorian L-C LCD and Camera EMI Filter Array with ESD Protection
May 2010 ??Rev. 2
CM1460 ONSEMI-CM1460 Datasheet
1Mb / 19P
   Praetorian C-L-C LCD and Camera EMI FilterArray with ESD Protection
February 2010 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com