Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT6656BCS6-1.25PBF Datasheet(PDF) 6 Page - Linear Technology

Part # LT6656BCS6-1.25PBF
Description  1關A Precision Series Voltage Reference
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6656BCS6-1.25PBF Datasheet(HTML) 6 Page - Linear Technology

Back Button LT6656BCS6-1.25PBF Datasheet HTML 2Page - Linear Technology LT6656BCS6-1.25PBF Datasheet HTML 3Page - Linear Technology LT6656BCS6-1.25PBF Datasheet HTML 4Page - Linear Technology LT6656BCS6-1.25PBF Datasheet HTML 5Page - Linear Technology LT6656BCS6-1.25PBF Datasheet HTML 6Page - Linear Technology LT6656BCS6-1.25PBF Datasheet HTML 7Page - Linear Technology LT6656BCS6-1.25PBF Datasheet HTML 8Page - Linear Technology LT6656BCS6-1.25PBF Datasheet HTML 9Page - Linear Technology LT6656BCS6-1.25PBF Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
LT6656

6656fa
Typical perForMance characTerisTics
Power Supply Rejection Ratio
vs Frequency
Dropout Voltage vs Load Current
Load Regulation (Sourcing)
Load Regulation (Sinking)
Line Regulation
Supply Current vs Input Voltage
100
10
1
0.1
INPUT VOLTAGE (V)
0
10
18
6
14
6656 G03
20
8
16
4
12
2
TA = 125°C
TA = 85°C
TA = 25°C
TA = –55°C
2.048V TO 5V OPTIONS
2.5V OPTION SHOWN
VON MOVES WITH VOLTAGE OPTION
VON
0.1µ
1m
10m
100µ
10µ
1000
100
10
1
LOAD CURRENT (A)
6656 G04
TA = 125°C
TA = 85°C
TA = 25°C
TA = –55°C
2.048V TO 5V OPTIONS
VIN – VOUT
INITIAL VIN = VOUT + 0.5V
∆VOUT = 0.1%
750
500
250
0
–750
–500
–250
6656 G05
TA = 125°C
TA = 85°C
TA = 25°C
TA = –55°C
2.048V TO 5V OPTIONS
VIN = VOUT + 0.5V
CL = 1µF
0.1µ
1m
10m
100µ
10µ
LOAD CURRENT (A)
10µ
1m
100µ
5.0
2.0
1.5
3.0
2.5
4.0
3.5
4.5
1.0
0.5
0
–0.5
LOAD CURRENT (A)
6656 G06
TA = 85°C, 125°C
TA = 25°C
TA = –40°C
TA = –55°C
ALL OPTIONS
VIN = VOUT + 0.5V
CL = 1µF
1000
900
800
700
600
500
400
300
200
100
0
–200
–100
INPUT VOLTAGE (V)
0
10
18
6
14
6656 G08
20
8
16
4
12
2
TA = 125°C
TA = 85°C
TA = 25°C
TA = –55°C
ALL OPTIONS
IL = 0
CL = 1µF
2.5V OPTION SHOWN
VON MOVES WITH
VOLTAGE OPTION
VON
FREQUENCY (Hz)
6656 G09
90
80
70
60
50
40
30
10
20
0
10
1k
10k
100
VIN = VOUT + 0.5V
CL = 1µF
IL = 0
1.25V OPTION
2.5V OPTION
5V OPTION
Minimum Supply Voltage
vs Load Current
2.0
1.8
1.6
1.4
1.2
0.8
1.0
6656 G18
1.25V OPTION
INITIAL VIN = 2.2V
∆VOUT = 0.1%
TA = 125°C
TA = 85°C
TA = 25°C
TA = –40°C
TA = –55°C
0.1µ
1m
10m
100µ
10µ
LOAD CURRENT (A)
Load Regulation (Sourcing)
500
250
0
–1000
–750
–500
–250
6656 G19
TA = 125°C
TA = 85°C
TA = 25°C
TA = –40°C
TA = –55°C
1.25V OPTION
VIN = 1.75V
CL = 1µF
0.1µ
1m
10m
100µ
10µ
LOAD CURRENT (A)
Power Supply Rejection Ratio
vs Frequency
FREQUENCY (Hz)
6656 G20
90
80
70
60
50
40
30
10
20
–10
0
10
1k
10k
100
2.5V OPTION
VIN = 3V
IL = 0, CL = 1µF
IL = 0, CL = 10µF
IL = 1mA, CL = 1µF
IL = 1mA, CL = 10µF


Similar Part No. - LT6656BCS6-1.25PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6656BCS6-2.5 LINER-LT6656BCS6-2.5 Datasheet
508Kb / 12P
   1關A Precision Series Voltage Reference
LT6656BCS6-2.5PBF LINER-LT6656BCS6-2.5PBF Datasheet
508Kb / 12P
   1關A Precision Series Voltage Reference
LT6656BCS6-2.5TRPBF LINER-LT6656BCS6-2.5TRPBF Datasheet
508Kb / 12P
   1關A Precision Series Voltage Reference
More results

Similar Description - LT6656BCS6-1.25PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6656 LINER-LT6656 Datasheet
508Kb / 12P
   1關A Precision Series Voltage Reference
logo
Maxim Integrated Produc...
MAX6006 MAXIM-MAX6006_V01 Datasheet
1Mb / 8P
   1關A SOT23 Precision Shunt Voltage Reference
2019
MAX6006 MAXIM-MAX6006 Datasheet
228Kb / 8P
   1關A SOT23 Precision Shunt Voltage Reference
Rev 0; 8/00
MAX6069 MAXIM-MAX6069 Datasheet
434Kb / 9P
   1關A Ultra-Tiny Shunt Voltage Reference
19-100064; Rev 0; 6/17
logo
Cirrus Logic
VRE104 CIRRUS-VRE104 Datasheet
643Kb / 5P
   Precision Voltage Reference
VRE310 CIRRUS-VRE310 Datasheet
602Kb / 5P
   Precision Voltage Reference
VRE304 CIRRUS-VRE304 Datasheet
541Kb / 4P
   Precision Voltage Reference
VRE205 CIRRUS-VRE205_10 Datasheet
641Kb / 4P
   Precision Voltage Reference
logo
DATEL, Inc.
PVR-1540SM DATEL-PVR-1540SM Datasheet
98Kb / 1P
   Precision Voltage Reference
PVR-1533SM DATEL-PVR-1533SM Datasheet
98Kb / 1P
   Precision Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com