Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8N36-AA0105-0.50 Datasheet(PDF) 4 Page - 3M Electronics

Part # 8N36-AA0105-0.50
Description  3M??Mini Serial Attached SCSI (miniSAS) Cable Assembly
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

8N36-AA0105-0.50 Datasheet(HTML) 4 Page - 3M Electronics

  8N36-AA0105-0.50 Datasheet HTML 1Page - 3M Electronics 8N36-AA0105-0.50 Datasheet HTML 2Page - 3M Electronics 8N36-AA0105-0.50 Datasheet HTML 3Page - 3M Electronics 8N36-AA0105-0.50 Datasheet HTML 4Page - 3M Electronics 8N36-AA0105-0.50 Datasheet HTML 5Page - 3M Electronics 8N36-AA0105-0.50 Datasheet HTML 6Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
3
Interconnect Solutions
http://www.3M.com/interconnects/
3M is a trademark of 3M Company.
For technical, sales or ordering information call
800-225-5373
Pin-out:
01 = Backplane-to-Controller
02 = Controller-to-Controller
03 = Backplane-to-Controller, no sidebands
3M™ Mini Serial Attached SCSI (miniSAS) Cable Assembly
Internal, Signal, Straight Termination
8N36 Series
TS-2209-C
Sheet 4 of 4
Pinout 3
Backplane-to-Controller
(no sidebands)
Ordering Information
8N36 - AAXX05 - X.XX
Length in meters*
0.25 m
0.50 m
0.75 m
1.00 m
(RIA E1 & C1 Apply)
A1
GND
B1
GND
B1
GND
A1
GND
A2
Rx 0+
B2
Tx 0+
B2
Tx 0+
A2
Rx 0+
A3
Rx 0-
B3
Tx 0-
B3
Tx 0-
A3
Rx 0-
A4
GND
B4
GND
B4
GND
A4
GND
A5
Rx 1+
B5
Tx 1+
B5
Tx 1+
A5
Rx 1+
A6
Rx 1-
B6
Tx 1-
B6
Tx 1-
A6
Rx 1-
A7
GND
B7
GND
B7
GND
A7
GND
A12
GND
B12
GND
B12
GND
A12
GND
A13
Rx 2+
B13
Tx 2+
B13
Tx 2+
A13
Rx 2+
A14
Rx 2-
B14
Tx 2-
B14
Tx 2-
A14
Rx 2-
A15
GND
B15
GND
B15
GND
A15
GND
A16
Rx 3+
B16
Tx 3+
B16
Tx 3+
A16
Rx 3+
A17
Rx 3-
B17
Tx 3-
B17
Tx 3-
A17
Rx 3-
A18
GND
B18
GND
B18
GND
A18
GND
P1
P2
P1
P2
* If other lengths are desired, contact your local 3M sales representative.
** If keying other than Universal is desired, contact your local 3M sales representative.


Similar Part No. - 8N36-AA0105-0.50

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
8N31001AC-0000CDI8 RENESAS-8N31001AC-0000CDI8 Datasheet
946Kb / 19P
   LVDS Frequency-Programmable Crystal Oscillator
2019
8N31001AC-0999CDI8 RENESAS-8N31001AC-0999CDI8 Datasheet
946Kb / 19P
   LVDS Frequency-Programmable Crystal Oscillator
2019
8N31001AC-1000CDI8 RENESAS-8N31001AC-1000CDI8 Datasheet
946Kb / 19P
   LVDS Frequency-Programmable Crystal Oscillator
2019
8N31001AC-1999CDI8 RENESAS-8N31001AC-1999CDI8 Datasheet
946Kb / 19P
   LVDS Frequency-Programmable Crystal Oscillator
2019
8N31001AC-2000CDI8 RENESAS-8N31001AC-2000CDI8 Datasheet
946Kb / 19P
   LVDS Frequency-Programmable Crystal Oscillator
2019
More results

Similar Description - 8N36-AA0105-0.50

ManufacturerPart #DatasheetDescription
logo
3M Electronics
8M26 3M-8M26 Datasheet
907Kb / 7P
   3M??Mini Serial Attached SCSI (miniSAS) Cable Assembly External, Signal, Straight Termination
logo
Molex Electronics Ltd.
78012-0011 MOLEX-78012-0011 Datasheet
172Kb / 2P
   Serial Attached SCSI
logo
DDK Ltd.
SAS-RA29-S1AA-FG DDK-SAS-RA29-S1AA-FG Datasheet
150Kb / 2P
   Serial Attached SCSI Connectors
logo
Keysight Technologies
N5412D KEYSIGHT-N5412D Datasheet
3Mb / 12P
   N5412D Serial Attached SCSI-3
logo
Molex Electronics Ltd.
0685620014 MOLEX8-0685620014 Datasheet
207Kb / 3P
   Serial Attached SCSI (SAS) 4X Straight Internal Host Cable Assembly, with Sideband1.01m (3.30 )
logo
LSI Computer Systems
LSISASX28 LSI-LSISASX28 Datasheet
286Kb / 2P
   28-Port 3Gb/s Serial Attached SCSI Expander
logo
Vitesse Semiconductor C...
VSC7251 VITESSE-VSC7251 Datasheet
261Kb / 2P
   PCI-Express Serial Attached SCSI Single Chip RAID Controller
logo
Molex Electronics Ltd.
0685620002 MOLEX8-0685620002 Datasheet
193Kb / 3P
   Serial Attached SCSI (SAS) 4X-to-4X SATA Internal Host Base Cable Assembly, withSideband, 0.76m (2.50 ) Length
0685620003 MOLEX8-0685620003 Datasheet
191Kb / 3P
   Serial Attached SCSI (SAS) 4X-to-4X SATA Internal Target Base Cable Assembly, withSideband, 0.76m (2.50 ) Length
logo
Maxim Integrated Produc...
VSC7177 MAXIM-VSC7177 Datasheet
254Kb / 24P
   Enhanced 2:1 Port Selector for Serial ATA and Serial Attached SCSI
Revision 4.2 July 29, 2005
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com